Part Number Hot Search : 
RU6070L 8T59P 2SC32 D6025 G0838 EL2424 21364 RO2073
Product Description
Full Text Search
 

To Download STP6NK60Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB6NK60Z - STB6NK60Z-1 STP6NK60ZFP - STP6NK60Z
N-channel 600V - 1 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESHTM Power MOSFET
Features
Type STB6NK60Z STB6NK60Z-1 STP6NK60ZFP STP6NK60Z

VDSS 600V 600V 600V 600V
RDS(on) < 1.2 < 1.2 < 1.2 < 1.2
ID 6A 6A 6A 6A
PW 110W 110W 30W 110W TO-220
1 2 3
3 1
DPAK
Extremely high dv/dt capability 100% avalanche tested Gate charge minimized
IPAK
3 12
3 1 2
TO-220FP
Description
The SuperMESHTM series is obtained through an extreme optimization of ST's well established strip-based PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications.
Internal schematic diagram
Application
Switching applications
Order codes
Part number STB6NK60Z STB6NK60Z-1 STP6NK60ZFP STP6NK60Z Marking B6NK60Z B6NK60Z P6NK60ZFP P6NK60Z Package DPAK IPAK TO-220FP TO-220 Packaging Tape & reel Tube Tube Tube
May 2007
Rev 7
1/17
www.st.com 17
Contents
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5 6
Test circuit
................................................ 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packing mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2/17
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
Electrical ratings
1
Electrical ratings
Table 1.
Symbol VDS VGS ID ID IDM (2) PTOT
Absolute maximum ratings
Value Parameter TO-220/D/IPAK TO-220FP Drain-source voltage (VGS = 0) Gate-source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor 6 3.8 24 110 0.88 3500 4.5 --55 to 150 2500 600 30 6 (1) 3.8 (1) 24 (1) 30 0.24 V V A A A W W/C V V/ns V C Unit
VESD(G-S) G-S ESD (HBM C=100pF, R=1.5k) dv/dt(3) VISO Tj Tstg Peak diode recovery voltage slope Insulation withstand voltage (DC) Operating junction temperature Storage temperature
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 6A, di/dt 200A/s, VDD = 80% V(BR)DSS
Table 2.
Symbol
Thermal data
Value Parameter TO-220/D/IPAK TO-220FP 1.14 62.5 300 4.2 Unit C/W C/W C
Rthj-case Thermal resistance junction-case max Rthj-amb Thermal resistance junction-amb max Tl Maximum lead temperature for soldering purpose
Table 3.
Symbol IAR EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) Single pulse avalanche energy (starting Tj=25C, ID=IAR, VDD= 50V) Value 6 210 Unit A mJ
3/17
Electrical characteristics
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 1 mA, VGS = 0 VDS = Max rating VDS = Max rating, TC = 125 C VGS = 20V VDS = VGS, ID = 100A VGS = 10V, ID = 3 A 3 3.75 1 Min. 600 1 50 10 4.5 1.2 Typ. Max. Unit V A A A V
Table 5.
Symbol gfs (1) Ciss Coss Crss
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Test conditions VDS = 8 V, ID = 3 A Min. Typ. 5 905 115 25 56 33 6 17 46 Max. Unit S pF pF pF
VDS = 25V, f = 1 MassiveGS = 0
Coss eq(2). Equivalent output capacitance Qg Qgs Qgd Total gate charge Gate-source charge Gate-drain charge
VGS = 0V, VDS = 0V to 480V VDD = 480V, ID = 6 A, VGS = 10V (see Figure 17)
pF nC nC nC
1. Pulsed: pulse duration=300s, duty cycle 1.5% 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
4/17
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
Electrical characteristics
Table 6.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Turn-off delay time Fall time Test conditions VDD = 300 V, ID = 3 A RG = 4.7 VGS = 10 V (see Figure 16) Min. Typ. 14 14 47 19 Max. Unit ns ns ns ns
Table 7.
Symbol ISD ISDM(1) VSD(2) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 6 A, VGS = 0 ISD = 6 A, di/dt = 100A/s VDD = 50 V, Tj = 150C (see Figure 18) 445 2.7 12 Test conditions Min Typ. Max 6 24 1.6 Unit A A V ns C A
1. Pulse width limited by safe operating area 2. Pulsed: pulse duration=300s, duty cycle 1.5%
Table 8.
Symbol BVGSO(1)
Gate-source zener diode
Parameter Gate-source breakdown voltage Test conditions Igs= 1mA (open drain) Min. 30 Typ. Max. Unit V
1. The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
5/17
Electrical characteristics
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area for TO-220/ IPAK/ DPAK Figure 2. Thermal impedance for TO-220/ IPAK/ DPAK
Figure 3.
Safe operating area for TO-220FP
Figure 4.
Thermal impedance for TO-220FP
Figure 5.
Output characteristics
Figure 6.
Transfer characteristics
6/17
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z Figure 7. Transconductance Figure 8.
Electrical characteristics Static drain-source on resistance
Figure 9.
Gate charge vs gate-source voltage Figure 10. Capacitance variations
Figure 11. Normalized gate threshold voltage vs temperature
Figure 12. Normalized on resistance vs temperature
7/17
Electrical characteristics
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z Figure 14. Normalized BVDSS vs temperature
Figure 13. Source-drain diode forward characteristics
Figure 15. Maximum avalanche energy vs temperature
8/17
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
Test circuit
3
Test circuit
Figure 17. Gate charge test circuit
Figure 16. Switching times test circuit for resistive load
Figure 18. Test circuit for inductive load Figure 19. Unclamped Inductive load test switching and diode recovery times circuit
Figure 20. Test circuit for inductive load Figure 21. Switching time waveform switching and diode recovery times
9/17
Package mechanical data
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/17
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
Package mechanical data
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.49 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
11/17
Package mechanical data
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
12/17
G
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
Package mechanical data
TO-262 (I2PAK) MECHANICAL DATA
mm. DIM. MIN. A A1 b b1 c c2 D e e1 E L L1 L2 4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27 TYP MAX. 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40 MIN. 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.194 0.393 0.511 0.137 0.050 TYP. MAX. 0.181 0.107 0.034 0.066 0.027 0.052 0.368 0.106 0.202 0.410 0.551 0.154 0.055 inch
13/17
Package mechanical data
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
D2PAK MECHANICAL DATA TO-247 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
1
14/17
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
Packing mechanical data
5
Packing mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
15/17
Revision history
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
6
Revision history
Table 9.
Date 14-Jan-2004 23-Aug-2005 04-Oct-2005 23-May-2007
Revision history
Revision 4 5 6 7 Initial electronic version Inserted ecopack label Modified header Added Figure 15: Maximum avalanche energy vs temperature Changes
16/17
STB6NK60Z - STB6NK60Z-1 - STP6NK60ZFP - STP6NK60Z
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
17/17


▲Up To Search▲   

 
Price & Availability of STP6NK60Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X