Part Number Hot Search : 
RPML0730 SG3526J S7C251M BU1508AF BR304 2SC5108 100PF 74HC17
Product Description
Full Text Search
 

To Download STP4NK60ZFP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB4NK60Z, STB4NK60Z-1, STD4NK60Z STD4NK60Z-1, STP4NK60Z,STP4NK60ZFP
N-channel 600 V - 1.76 - 4 A SuperMESHTM Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
Features
Type STB4NK60Z STB4NK60Z-1 STD4NK60Z STD4NK60Z-1 STP4NK60Z STP4NK60ZFP

VDSS 600 V 600 V 600 V 600 V 600 V 600 V
RDS(on) max <2 <2 <2 <2 <2 <2
PW 70 W 70 W 70 W 70 W 70 W 25 W
ID
3
3 2
1 2
3 1
1
4A 4A 4A 4A 4A 4A
TO-220
IPAK
DPAK
3 12
3 1
1
3 2
100% avalanche tested Very low intrinsic capacitances
IPAK Figure 1.
DPAK
TO-220FP
Application
Internal schematic diagram
Switching applications
Description
The SuperMESHTM series is obtained through an extreme optimization of ST's well established strip-based PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
Table 1.
Device summary
Marking B4NK60Z B4NK60Z D4NK60Z D4NK60Z P4NK60Z P4NK60ZFP Rev 6 Package DPAK IPAK DPAK IPAK TO-220 TO-220FP Packaging Tape and reel Tube Tape and reel Tube Tube Tube 1/20
www.st.com 20
Order codes STB4NK60Z STB4NK60Z-1 STD4NK60Z STD4NK60Z-1 STP4NK60Z STP4NK60ZFP April 2008
Contents
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5 6
Test circuits
.............................................. 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
2/20
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
Electrical ratings
1
Electrical ratings
Table 2.
Symbol
Absolute maximum ratings
Value Parameter TO-220 - DPAK DPAK-IPAK-IPAK 600 30 4 2.5 16 70 0.56 3000 4.5 -55 to 150 150 2500 4
(1) (1) (1)
Unit TO-220FP V V A A A W W/C V V/ns V C C
VDS VGS ID ID IDM
(2)
Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuous) at TC = 25 C Drain current (continuous) at TC = 100 C Drain current (pulsed) Total dissipation at TC = 25 C Derating factor
2.5 16
PTOT
25 0.2
VESD(G-S) Gate source ESD(HBM-C=100 pF, R=1.5 k) dv/dt
(3)
Peak diode recovery voltage slope Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1 s; TC = 25 C) Storage temperature Max operating junction temperature
VISO Tstg Tj
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 4 A, di/dt 200 A/s, VDD V(BR)DSS, TJ TJMAX.
Table 3.
Thermal data
Value
Symbol
Parameter
TO-220 DPAK IPAK 1.78 62.5
DPAK IPAK
Unit TO-220FP 5 C/W C/W C
Rthj-case Rthj-amb Tl
Thermal resistance junction-case max Thermal resistance junction-ambient max Maximum lead temperature for soldering purpose
100 300
62.5
Table 4.
Symbol IAR EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj Max) Single pulse avalanche energy (starting TJ = 25 C, ID=IAR, VDD= 50 V) Value 4 120 Unit A mJ
3/20
Electrical characteristics
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
2
Electrical characteristics
(TCASE = 25 C unless otherwise specified) Table 5.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID =1 mA, VGS = 0 VDS = Max rating VDS = Max rating, TC = 125 C VGS = 20 V VDS = VGS, ID = 50 A VGS = 10 V, ID = 2 A 3 3.75 1.76 Min. 600 1 50 10 4.5 2 Typ. Max. Unit V A A A V
Table 6.
Symbol gfs
(1)
Dynamic
Parameter Forward transconductance Test conditions VDS = 15 V, ID = 2 A Min. Typ. 3 510 67 13 38.5 12 9.5 29 16.5 12 12 19.5 18.8 3.8 9.8 26 Max. Unit S pF pF pF pF ns ns ns ns ns ns ns nC nC nC
Ciss Coss Crss Coss eq. (2) td(on) tr td(off) tf tr(Voff) tr tc Qg Qgs Qgd
Input capacitance VDS = 25 V, f = 1 MHz, Output capacitance V =0 Reverse transfer capacitance GS Equivalent output capacitance Turn-on delay time Rise time Turn-off delay time Fall time Off-voltage rise time Fall time Cross-over time Total gate charge Gate-source charge Gate-drain charge VDS =0, VDS = 0 to 480 V VDD = 300 V, ID = 2 A, RG = 4.7 , VGS = 10 V (see Figure 17) VDD = 480 V, ID = 4 A, RG = 4.7 , VGS = 10 V (see Figure 19) VDD = 480 V, ID = 4 A, VGS = 10 V (see Figure 18)
1. Pulsed: pulse duration=300s, duty cycle 1.5% 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
4/20
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
Electrical characteristics
Table 7.
Symbol ISD ISDM(1) VSD(2) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 4 A, VGS = 0 ISD = 4 A, di/dt = 100 A/s VDD = 24 V, Tj = 150 C (see Figure 19) 400 1700 8.5 Test conditions Min. Typ. Max. 4 16 1.6 Unit A A V ns nC A
1. Pulsed: pulse duration = 300 s, duty cycle 1.5% 2. Pulse width limited by safe operating area
Table 8.
Symbol
Gate-source Zener diode
Parameter Test conditions Min. 30 Typ. Max. Unit V
BVGSO (1) Gate-source breakdown voltage Igs= 1 mA (open drain)
1. The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
5/20
Electrical characteristics
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area for TO-220 / DPAK / IPAK / DPAK / IPAK Figure 3. Thermal impedance for TO-220 / DPAK / IPAK / DPAK / IPAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics
6/20
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP Figure 8. Transconductance Figure 9.
Electrical characteristics Static drain-source on resistance
Figure 10. Gate charge vs gate-source voltage Figure 11. Capacitance variations
Figure 12. Normalized gate threshold voltage vs temperature
Figure 13. Normalized BVDSS vs temperature
7/20
Electrical characteristics Figure 14. Normalized on resistance vs temperature
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP Figure 15. Source-drain diode forward characteristic
Figure 16. Avalanche energy vs temperature
8/20
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
Test circuits
3
Test circuits
Figure 18. Gate charge test circuit
Figure 17. Switching times test circuit for resistive load
Figure 19. Test circuit for inductive load Figure 20. Unclamped Inductive load test switching and diode recovery times circuit
Figure 21. Unclamped inductive waveform
Figure 22. Switching time waveform
9/20
Package mechanical data
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/20
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
Package mechanical data
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.48 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
11/20
Package mechanical data
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
TO-220FP mechanical data
Dim. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 Dia 28.6 9.80 2.9 15.90 9 3 mm. Min. 4.40 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.40 10 16 30.6 10.60 3.6 16.40 9.30 3.2 1.126 0.385 0.114 0.626 0.354 0.118 Typ Max. 4.60 2.7 2.75 0.70 1.00 1.50 1.50 5.20 2.70 10.40 Min. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch Typ. Max. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
Dia
F1
D
F
G1 H
F2
L2 L5
E
123
L4
7012510-I
12/20
G
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
Package mechanical data
IPAK (TO-262) mechanical data
mm Dim Min A A1 b b1 c c2 D e e1 E L L1 L2 4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27 Typ Max 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40 Min 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.194 0.393 0.511 0.137 0.050
inch Typ Max 0.181 0.107 0.034 0.066 0.027 0.052 0.368 0.106 0.202 0.410 0.551 0.154 0.055
13/20
Package mechanical data
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
DPAK (TO-263) mechanical data
mm Dim Min A A1 b b2 c c2 D D1 E E1 e e1 H J1 L L1 L2 R V2 4.40 0.03 0.70 1.14 0.45 1.23 8.95 7.50 10 8.50 2.54 4.88 15 2.49 2.29 1.27 1.30 0.4 0 8 0 5.28 15.85 2.69 2.79 1.40 1.75 0.192 0.590 0.099 0.090 0.05 0.051 Typ Max 4.60 0.23 0.93 1.70 0.60 1.36 9.35 10.40 Min 0.173 0.001 0.027 0.045 0.017 0.048 0.352 0.295 0.394 0.334
inch Typ Max 0.181 0.009 0.037 0.067 0.024 0.053 0.368 0.409 0.1 0.208 0.624 0.106 0.110 0.055 0.069 0.016 8
0079457_M
14/20
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
Package mechanical data
TO-251 (IPAK) mechanical data
mm. DIM. A A1 b b2 b4 c c2 D E e e1 H L (L1) L2 V1 9.00 0.80 0.80 10 o 4.40 16.10 9.40 1.20 5.20 0.45 0.48 6.00 6.40 2.28 4.60 min. 2.20 0.90 0.64 typ max. 2.40 1.10 0.90 0.95 5.40 0.60 0.60 6.20 6.60
0068771_H
15/20
Package mechanical data
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
TO-252 (DPAK) mechanical data
DIM. A A1 A2 b b4 c c2 D D1 E E1 e e1 H L L1 L2 L4 R V2 0o 0.60 0.20 8o 4.40 9.35 1 2.80 0.80 1 6.40 4.70 2.28 4.60 10.10 mm. min. 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 5.10 6.60 typ max. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20
0068772_G
16/20
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
Packaging mechanical data
5
Packaging mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
17/20
Packaging mechanical data
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
18/20
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
Revision history
6
Revision history
Table 9.
Date 25-Oct-2006 04-Mar-2008 16-Apr-2008
Document revision history
Revision 4 5 6 Changes Document reformatted no content change Modified TO-220 and TO-220FP mechanical data Minor text changes to improve readability
19/20
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
20/20


▲Up To Search▲   

 
Price & Availability of STP4NK60ZFP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X