Part Number Hot Search : 
P1000B 4VHC1G 2NK90Z B1300 1N5386 D13AN KBPC2514 KBPC2514
Product Description
Full Text Search
 

To Download STI60N55F3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB60N55F3, STD60N55F3, STF60N55F3 STI60N55F3, STP60N55F3, STU60N55F3
N-channel 55 V, 6.5 m 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 , TO-220FP STripFETTM III Power MOSFET
Features
Type STB60N55F3 STD60N55F3 STF60N55F3 STI60N55F3 STP60N55F3 STU60N55F3

VDSS 55V 55V 55V 55V 55V 55V
RDS(on) <8.5m <8.5m <8.5m <8.5m <8.5m <8.5m
ID 80A 80A 42A 80A 80A 80A
Pw 110W
1 3 2
3 1
3 2 1
110W 30W 110W 110W 110W
DPAK
TO-220FP
IPAK
3 1
3 12
3
Standard threshold drive 100% avalanche tested
DPAK
IPAK
1
2
TO-220
Application
Switching applications
Figure 1.
Internal schematic diagram
Description
This STripFETTM III Power MOSFET technology is among the latest improvements, which have been especially tailored to minimize on-state resistance providing superior switching performances.
Table 1.
Device summary
Order codes STB60N55F3 Marking 60N55F3 60N55F3 60N55F3 60N55F3 60N55F3 60N55F3 Doc ID 13242 Rev 4 Package DPAK DPAK TO-220FP IPAK TO-220 IPAK Packaging Tape and reel Tape and reel Tube Tube Tube Tube 1/20
www.st.com 20
STD60N55F3 STF60N55F3 STI60N55F3 STP60N55F3 STU60N55F3 April 2009
Contents
STx60N55F3
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3 4 5 6
Test circuits
.............................................. 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
2/20
Doc ID 13242 Rev 4
STx60N55F3
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Value Symbol Parameter DPAK/DPAK TO-220 IPAK/IPAK VDS VGS ID ID IDM (1) PTOT Drain-source voltage (VGS=0) Gate-source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor dv/dt (2) EAS (3) VISO Tj Tstg Peak diode recovery voltage slope Single pulse avalanche energy Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1s;TC=25C) Operating junction temperature Storage temperature -55 to 175 80 56 320 110 0.73 11 390 2500 55 20 42 30 168 30 0.2 V V A A A W W/C V/ns mJ V TO-220FP Unit
C
1. Pulse width limited by safe operating area 2. ISD < 80 A, di/dt < 300A/s, VDD < V(BR)DSS. Tj < Tjmax 3. Starting Tj=25C, Id=32 A, Vdd= 25 V
Table 3.
Thermal resistance
Value
Symbol
Parameter DPAK Thermal resistance junctioncase max 50
IPAK IPAK
Unit DPAK TO-220 TO-220FP
Rthj-case
1.36 35 100 275 62.5 300
5
C/W C/W C/W C
Thermal resistance junctionRthj-pcb (1) pcb max Rthj-a Tl Thermal resistance junctionambient max Maximum lead temperature for soldering purpose
1. When mounted on FR-4 board of 1inch, 2oz Cu
Doc ID 13242 Rev 4
3/20
Electrical characteristics
STx60N55F3
2
Electrical characteristics
(TCASE= 25 C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
Static
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250A, VGS= 0 VDS = Max rating, VDS = Max rating,Tc = 125C VGS = 20V VDS= VGS, ID = 250A VGS= 10V, ID= 32A 2 6.5 Min. Typ. Max. Unit 55 10 100
200
V A A nA V m
4 8.5
Table 5.
Symbol gfs (1) Ciss Coss Crss Qg Qgs Qgd
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge Test conditions VDS =25V, ID=32A Min. Typ. Max. Unit 50 2200 500 25 33.5 12.5 9.5 45 S pF pF pF nC nC nC
VDS = 25V, f = 1MHz, VGS=0
-
VDD = 27V, ID = 65A VGS =10V (see Figure 16) -
1. Pulsed: pulse duration = 300 s, duty cycle 1.5%
Table 6.
Symbol td(on) tr td(off) tf
Switching on/off (inductive load)
Parameter Turn-on delay time Rise time Test conditions VDD = 27V, ID = 32A, RG = 4.7, VGS = 10V (see Figure 18) VDD = 27V, ID = 32A, RG = 4.7, VGS = 10V (see Figure 18) Min. Typ. Max. Unit 20 50 ns ns
-
Turn-off delay time Fall time
35 11.5
-
ns ns
4/20
Doc ID 13242 Rev 4
STx60N55F3
Electrical characteristics
Table 7.
Symbol ISD ISDM
(1)
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 65A, VGS = 0 ISD = 65A, VDD = 30V di/dt = 100A/s, Tj = 150C (see Figure 17) Test conditions Packages DPAK-D PAKI2PAK-I2PAKTO-220 TO-220FP
2
Min. -
Typ.
Max. 80 320 42 168 1.5
Unit A A A A V ns nC A
ISD ISDM (1) VSD trr Qrr IRRM
47 87 3.7
1. Pulsed: pulse duration = 300 s, duty cycle 1.5%
Doc ID 13242 Rev 4
5/20
Electrical characteristics
STx60N55F3
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area for TO-220 DPAK / IPAK / IPAK / DPAK Figure 3. Thermal impedance for TO-220 DPAK / IPAK / IPAK / DPAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
6/20
Doc ID 13242 Rev 4
STx60N55F3 Figure 6. Output characteristics Figure 7.
Electrical characteristics Transfer characteristics
Figure 8.
Normalized BVDSS vs temperature
Figure 9.
Static drain-source on resistance
Figure 10. Gate charge vs gate-source voltage Figure 11. Capacitance variations
Doc ID 13242 Rev 4
7/20
Electrical characteristics Figure 12. Normalized gate threshold voltage vs temperature
STx60N55F3 Figure 13. Normalized on resistance vs temperature
Figure 14. Source-drain diode forward characteristics
8/20
Doc ID 13242 Rev 4
STx60N55F3
Test circuits
3
Test circuits
Figure 16. Gate charge test circuit
Figure 15. Switching times test circuit for resistive load
Figure 17. Test circuit for inductive load Figure 18. Unclamped inductive load test switching and diode recovery times circuit
Figure 19. Unclamped inductive waveform
Figure 20. Switching time waveform
Doc ID 13242 Rev 4
9/20
Package mechanical data
STx60N55F3
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK(R) packages, depending on their level of environmental compliance. ECOPACK(R) specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark.
10/20
Doc ID 13242 Rev 4
STx60N55F3
Package mechanical data
IPAK (TO-262) mechanical data
mm Dim Min A A1 b b1 c c2 D e e1 E L L1 L2 4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27 Typ Max 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40 Min 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.194 0.393 0.511 0.137 0.050
inch Typ Max 0.181 0.107 0.034 0.066 0.027 0.052 0.368 0.106 0.202 0.410 0.551 0.154 0.055
Doc ID 13242 Rev 4
11/20
Package mechanical data
STx60N55F3
DPAK (TO-263) mechanical data
mm Dim Min A A1 b b2 c c2 D D1 E E1 e e1 H J1 L L1 L2 R V2 4.40 0.03 0.70 1.14 0.45 1.23 8.95 7.50 10 8.50 2.54 4.88 15 2.49 2.29 1.27 1.30 0.4 0 8 0 5.28 15.85 2.69 2.79 1.40 1.75 0.192 0.590 0.099 0.090 0.05 0.051 Typ Max 4.60 0.23 0.93 1.70 0.60 1.36 9.35 10.40 Min 0.173 0.001 0.027 0.045 0.017 0.048 0.352 0.295 0.394 0.334
inch Typ Max 0.181 0.009 0.037 0.067 0.024 0.053 0.368 0.409 0.1 0.208 0.624 0.106 0.110 0.055 0.069 0.016 8
0079457_M
12/20
Doc ID 13242 Rev 4
STx60N55F3
Package mechanical data
TO-252 (DPAK) mechanical data
DIM. A A1 A2 b b4 c c2 D D1 E E1 e e1 H L L1 L2 L4 R V2 0o 0.60 0.20 8o 4.40 9.35 1 2.80 0.80 1 6.40 4.70 2.28 4.60 10.10 mm. min. 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 5.10 6.60 typ max. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20
0068772_G
Doc ID 13242 Rev 4
13/20
Package mechanical data
STx60N55F3
TO-251 (IPAK) mechanical data
mm. DIM. A A1 b b2 b4 c c2 D E e e1 H L (L1) L2 V1 9.00 0.80 0.80 10 o 4.40 16.10 9.40 1.20 5.20 0.45 0.48 6.00 6.40 2.28 4.60 min. 2.20 0.90 0.64 typ max. 2.40 1.10 0.90 0.95 5.40 0.60 0.60 6.20 6.60
0068771_H
14/20
Doc ID 13242 Rev 4
STx60N55F3
Package mechanical data
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.48 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
Doc ID 13242 Rev 4
15/20
Package mechanical data
STx60N55F3
TO-220FP mechanical data mm Dim. Min.
A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 Dia 28.6 9.8 2.9 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 3.6 16.4 9.3 3.2
Typ.
Max.
4.6 2.7 2.75 0.7 1 1.70 1.5 5.2 2.7 10.4
L7 E A
B Dia L6 L5 F1 F2 F D
H G1
G
L2 L 3
L4 7012510_Rev_J
16/20
Doc ID 13242 Rev 4
STx60N55F3
Packaging mechanical data
5
Packaging mechanical data
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
Doc ID 13242 Rev 4
17/20
Packaging mechanical data
STx60N55F3
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
18/20
Doc ID 13242 Rev 4
STx60N55F3
Revision history
6
Revision history
Table 8.
Date 09-Feb-2007 22-Feb-2007 07-Mar-2007 17-Apr-2009
Document revision history
Revision 1 2 3 4 First release Description has been updated The Figure 2, Figure 4, Figure 9 have been changed Added device in I2PAK Updated all mechanical data Changes
Doc ID 13242 Rev 4
19/20
STx60N55F3
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2009 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Philippines - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
20/20
Doc ID 13242 Rev 4


▲Up To Search▲   

 
Price & Availability of STI60N55F3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X