|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Optoway SPS-4110G / SPS-4110BG / SPS-4110AG 8.5 Gb/s / 10 km / 1310 nm SFP+ LC SINGLE-MODE TRANSCEIVER FEATURES DESCRIPTION SPS-4110G 1 *********************************************************************************************************************************************************************** (RoHS Compliant) *********************************************************************************************************************************************************************** l l l l l l l l l l l l l l Up to 8.5 Gbps Bi-directional Data Links Complaint with SFP+ MSA Compliance with Fibre Channel FC-PI-4 800-SM-LC-L Compliant with 4G and 2G Fibre Channel SFF-8472 Digital Diagnostic Function 1310 nm DFB LD Transmitter AC/AC Coupling according to MSA 2 to 10,000 m at 8.5 Gbps Single +3.3 V Power Supply RoHS 6/6 Compliant 0 to 70oC Operating: SPS-4110G -10 to 85oC Operating: SPS-4110BG -40 to 85oC Operating: SPS-4110AG Class 1 Laser International Safety Standard IEC-60825 Compliant The SPS-4110G series single mode transceiver is small form factor pluggable module for bi-directional serial optical data communications such as 8x/4x/2x/1x Fibre Channel. It is with the SFP+ 20-pin connector to allow hot plug capability. This module is designed for single mode fiber and operates at a nominal wavelength of 1310 nm. The transmitter section uses a 1310 nm multiple quantum well DFB laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. LASER SAFETY This single mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug. APPLICATIONS l Multi-rate 8x / 4x / 2x Fibre Channel ORDER INFORMATION P/No. Bit Rate (Gb/s) 8/4/2 8/4/2 8/4/2 FC-PI FC-PI-4 FC-PI-4 FC-PI-4 Distance (km) 10 10 10 Wavelength (nm) 1310 DFB 1310 DFB 1310 DFB Package LC SFP+ LC SFP+ LC SFP+ Temp. (oC) 0 to 70 -10 to 85 -40 to 85 RoHS Compliant Yes Yes Yes SPS-4110G SPS-4110BG SPS-4110AG Absolute Maximum Ratings Parameter Storage Temperature Operating Case Temperature Symbol Tstg Topr Min -40 0 -10 -40 -0.5 Max 85 70 85 85 3.6 Units o C o C Notes SPS-4110G SPS-4110BG SPS-4110AG Power Supply Voltage Vcc V Recommended Operating Conditions Parameter Power Supply Voltage Operating Case Temperature Symbol Vcc Topr Min 3.13 0 -10 -40 1 Typ 3.3 Max 3.47 70 85 85 330 Units / Notes V o C / SPS-4110G o C / SPS-4110BG o C / SPS-4110AG mA Gb/s Power Supply Current Data Rate ICC (TX+RX) 260 8.5 *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 2007/12/1 V2.0 Optoway Transmitter Optical Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V) Parameter Average Launch Power Optical Modulation Amplitude Output Center Wavelength Output Spectrum Width Side Mode Suppression Ratio Relative Intensity Noise Average Launch Power of OFF Transmitter Symbol Po, Avg Po, OMA c SMSR RIN Min -8 0.29 1260 30 -128 -30 Typ Max 0 1360 1 Units dBm mW nm nm dB dB/Hz dBm 1310 SPS-4110G Notes 1 2 *********************************************************************************************************************************************************************** -20 dB width 1. Output power is power coupled into a 9/125 m single-mode fiber. Receiver Optical Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V) Parameter Unstressed Sensitivity at 8.5 Gb/s Stress Sensitivity at 8.5 Gb/s Receiver Overload LOS -- Deasserted LOS -- Asserted Wavelength of Operation Optical Return Loss Symbol Sens Sens P MAX LOSD LOSA c ORL Min Typ Max 0.042 -15 0.066 -18 --1565 -12 Units mWp-p dBm mWp-p dBm dBm dBm nm dB Notes 2, OMA 3, Average Power 2, OMA Transition: low to high Transition: high to low 0.5 ---30 1260 --------- 2. Measured with worst ER; BER < 10-12 and PRBS 2 7-1. 3. Represents sensitivity based on OMA spec, as corrected to incoming Extinction Ratio of 7 dB. For example, an OMA of 0.042 mW is approximately equal to an average power of -15 dBm, average with an Extinction ratio of 7 dB. Electrical Characteristics Parameter Symbol High-Speed Signal (CML) Interface Specification Input Data Rate Differential Input Impedance Rin Differential Data Input Amplitude Output Data Rate Differential Output Impedance Rout Differential Data Output Amplitude Low-Speed Signal (LVTTL) Interface Specification Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Min 1 150 1 350 Typ 8.5 100 1200 8.5 100 600 Max Units Gb/s mVpp Gb/s mVpp Notes Internally AC coupled 700 Internally AC coupled 2.0 GND 2.4 GND Vcc+0.3 0.8 Vcc 0.5 V V V V ********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 2007/12/1 V2.0 Optoway CONNECTION DIAGRAM SPS-4110G 3 *********************************************************************************************************************************************************************** PIN Signal Name 1 2 VEET TX_Fault Description Transmitter Signal Ground Transmitter Fault Indication. Logic "1" Output = Laser Fault. Logic "0" Output = Normal Operation Logic "1" Input (or no connection) = Laser off, Logic "0" = Laser on. Modulation Definition 2 - Two wires serial ID Interface Modulation Definition 1 - Two wires serial ID Interface Modulation Definition 0 - Ground in Module RX Rate Select (LVTTL). This pin has an internal 30k pulldown to ground. A signal on this pin will not affect module performance. Loss of Signal Out (OC). TX Rate Select (LVTTL). This pin has an internal 30k pulldown to ground. A signal on this pin will not affect module performance. Receiver Signal Ground PIN Signal Name 11 12 VEER RD- Description Receiver Signal Ground Inverse Receiver Data Out 3 4 5 6 7 TX_Disable SDA SDL MOD-ABS RS0 13 14 15 16 17 RD+ VEER VCCR VCCT VEET Receiver Data Out Receiver Signal Ground Receiver Power - 3.3V5% Transmitter Power - 3.3V5% Transmitter Signal Ground 8 9 RX_LOS RS1 18 19 TD+ TD- Transmitter Data In Inverse Transmitter Data In 10 VEER 20 VEET Transmitter Signal Ground Module Definition Module Definition 4 PIN 4 SDA PIN 5 SCL PIN 6 MOD-ABS Interpretation by Host Serial module definition protocol Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SDA and SDL appear as no connector (NC) and MOD-ABS is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components. ********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 2007/12/1 V2.0 Optoway RECOMMENDED CIRCUIT SCHEMATIC Vee T Tx_DISABLE Tx_FAULT ( 1,17,20) 3 2 10 K TD + 18 Z=50 TD 19 Z=50 Vcc T 16 0.1F 4 .7 H Vcc 3.3V 22 F 0.1F 0.1F Vcc R 15 0.1F 22 F 4 .7 H TD TD + SPS-4110G 4 *********************************************************************************************************************************************************************** Tx_DISABLE Tx_FAULT LD D river 100 SerDes IC Protocol IC RD - 12 Z=50 100 RD - POST Amp RD + 13 Z=50 10 K RD + depending on SE D S RE LOSS OF SINGAL LOS Vee R RS1 30K 30K MOD_ABS RS0 8 ( 10,11,14) 9 7 TX Rate Select RX Rate Select 6 5 4 10 K 10 K 10 K Vcc 3.3V MODU LE DETECT SCL SDA EEPROM SCL SDA SFP+ module PACKAGE DIAGRAM Units in mm Note: Specifications subject to change without notice. ********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 2007/12/1 V2.0 Optoway Revision History Version 1.0 2.0 Initial datasheet Add SPS-4110AG for -40 to 85oC SPS-4110G 5 *********************************************************************************************************************************************************************** Subject Release Date 2007/7/1 2007/12/1 ********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 2007/12/1 V2.0 |
Price & Availability of SPS-4110AG |