Part Number Hot Search : 
F1069 OPB122A SSF1016 D7804 7906CT 17805 LVC138A C3506
Product Description
Full Text Search
 

To Download SPA07N60CFD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPA07N60CFD
CoolMOSTM Power Transistor
Features * Intrinsic fast-recovery body diode * Extremely low reverse recovery charge * Ultra low gate charge * Extreme dv /dt rated * High peak current capability * Qualified according to JEDEC1) for target applications
Product Summary V DS @Tjmax R DS(on),max ID 650 0.7 6.6 V A
PG-TO220 FP
CoolMOS CFD designed for: * Soft switching PWM Stages * LCD & CRT TV Type SPA07N60CFD Package PG-TO220FP Marking 07N60CFD
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current 2) Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current3) Avalanche energy, single pulse Avalanche energy, repetitive3),4) Avalanche current, repetitive3),4) Drain source voltage slope Reverse diode dv /dt Maximum diode commutation speed Gate source voltage I D,pulse E AS E AR I AR dv /dt dv /dt di /dt V GS I D=6.6 A, V DS=480 V, T j=125C I S=6.6 A, V DS=480 V, T j=125 C static AC (f >1 Hz) Power dissipation Operating and storage temperature Mounting torque Rev. 1.0 P tot T j, T stg M3 & M3.5 screws page 1 T C=25 C T C=25 C I D=3.3 A, V DD=50 V I D=6.6 A, V DD=50 V Value 6.6 4.3 17 230 0.5 6.6 80 40 600 20 30 32 -55 ... 150 50 W C Ncm 2007-01-26 A V/ns V/ns A/s V mJ Unit A
SPA07N60CFD
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction ambient Soldering temperature, wave soldering only allowed at leads R thJC R thJA leaded 1.6 mm (0.063 in.) from case for 10 s 3.9 62 K/W Values typ. max. Unit
T sold
-
-
260
C
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Avalanche breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=250 A V (BR)DS V GS(th) V GS=0 V, I D=6.6 A V DS=V GS, I D=300 A V DS=600 V, V GS=0 V, T j=25 C V DS=600 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=4.6 A, T j=25 C V GS=10 V, I D=4.6 A, T j=150 C Gate resistance Transconductance RG g fs f =1 MHz, open drain |V DS|>2|I D|R DS(on)max, I D=4.6 A 600 3 700 4 5 V
Zero gate voltage drain current
I DSS
-
0.6
-
A
-
630 0.59
100 0.7 nA
-
1.6 1.2 5.0
S
Rev. 1.0
page 2
2007-01-26
SPA07N60CFD
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Effective output capacitance, energy related5) Effective output capacitance, time related6) Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Q gs Q gd Qg V plateau V DD=480 V, I D=6.6A, V GS=0 to 10 V 6.6 20 35 7.2 47 V nC C iss C oss C rss C o(er) V GS=0 V, V DS=0 V to 480 V C o(tr) t d(on) tr t d(off) tf V DD=400 V, V GS=10 V, I D=6.6 A, R G=6.8 55 12 25 36 9 ns V GS=0 V, V DS=25 V, f =1 MHz 790 260 16 30 pF Values typ. max. Unit
1)
J-STD20 and JESD22 Limited only by maximum temperature Pulse width t p limited by T j,max Repetitive avalanche causes additional power losses that can be calculated as P AV=E AR*f. C o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS. C o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
2)
3)
4)
5)
6)
Rev. 1.0
page 3
2007-01-26
SPA07N60CFD
Parameter Symbol Conditions min. Reverse Diode Diode continuous forward current 2) Diode pulse current 3) Diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current IS I S,pulse V SD t rr Q rr I rrm di rr / dt T j=25 C V R=480 V, I F=I S, di F/dt =100 A/s T C=25 C V GS=0 V, I F=I S, T j=25 C 1.0 104 0.5 8 1000 6.6 17 1.2 V ns C A A/s A Values typ. max. Unit
Rev. 1.0
page 4
2007-01-26
SPA07N60CFD
1 Power dissipation P tot=f(T C) 2 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
40 102
limited by on-state resistance
30 101
10 s
1 s
P tot [W]
I D [A]
20
100 s
1 ms
10 10
0
10 ms
DC
0 0 40 80 120 160
10-1 100 101 102 103
T C [C]
V DS [V]
3 Max. transient thermal impedance I D=f(V DS); T j=25 C parameter: D=t p/T
101
4 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
20
20 V 0.5
15
10 V
100
0.2 0.1
Z thJC [K/W]
I D [A]
0.05 0.02
10
8V
10-1
0.01 7V single pulse
5
6.5 V 6V 5.5 V
10-2 10-5 10-4 10-3 10-2 10-1 100 101
0 0 5 10
5V
15
20
t p [s]
V DS [V]
Rev. 1.0
page 5
2007-01-26
SPA07N60CFD
5 Typ. output characteristics I D=f(V DS); T j=150 C parameter: V GS
12
6 Typ. drain-source on-state resistance R DS(on)=f(I D); T j=150 C parameter: V GS
2.8
10
20 V 10 V
2.4
8
8V
R DS(on) []
7V 6.5 V
I D [A]
6
7V
2
6V 5V 5.5 V
4
6.5 V 10 V
6V
1.6
20 V
2
5.5 V 5V
0 0 5 10 15 20
1.2 0 2 4 6 8
V DS [V]
I D [A]
7 Drain-source on-state resistance R DS(on)=f(T j); I D=4.6 A; V GS=10 V
8 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 -60 -20 20 60 100 140 180
typ 98 %
24
25 C
20
16
R DS(on) []
I D [A]
12
150 C
8
4
0 0 4 8 12 16 20
T j [C]
V GS [V]
Rev. 1.0
page 6
2007-01-26
SPA07N60CFD
9 Typ. gate charge V GS=f(Q gate); I D=6.6 A pulsed parameter: V DD
10
120 V
10 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
102
8
480 V 150 C, 98%
101 6
150 C
25 C
V GS [V]
I F [A]
25 C, 98%
4 100
2
0 0 5 10 15 20 25 30
10-1 0 0.5 1 1.5 2
Q gate [nC]
V SD [V]
11 Avalanche SOA I AR=f(t AR) parameter: T j(start)
7
12 Avalanche energy E AS=f(T j); I D=3.3 A; V DD=50 V
250
6 200 5 150
3
125 C
25 C
E AS [mJ]
100 50 0 103 104 25
I AV [A]
4
2
1
0 10-3 10-2 10-1 100 101 102
50
75
100
125
150
175
t AR [s]
T j [C]
Rev. 1.0
page 7
2007-01-26
SPA07N60CFD
13 Drain-source breakdown voltage V BR(DSS)=f(T j); 14 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
700
104
660
103
Ciss
V BR(DSS) [V]
C [pF]
620
102
Coss
580
101
Crss
540 -60 -20 20 60 100 140 180
100 0 100 200 300 400 500
T j [C]
V DS [V]
15 Typ. C oss stored energy E oss= f(V DS)
16 Typ. reverse recovery charge Q rr=f(T j);parameter: I D =6.6 A
6
0.7
5 0.65 4
E oss [J]
Q rr [C]
0 100 200 300 400 500 600
3
0.6
2 0.55 1
0
0.5 25 50 75 100 125
V DS [V]
T j [C]
Rev. 1.0
page 8
2007-01-26
SPA07N60CFD
17 Typ. reverse recovery charge Q rr=f(I S); parameter: di/ dt =100 A/s 18 Typ. reverse recovery charge Q rr=f(di /dt ); parameter: I D=6.6 A
0.8
1.1
0.7
1
125 C
0.6
125 C
0.9
Q rr [C]
Q rr [C]
25 C
0.5
0.8
0.4
0.7
25 C
0.3
0.6
0.2 2 3 4 5 6
0.5 100 300 500 700 900
I S [A]
d i/d t [A/s]
Rev. 1.0
page 9
2007-01-26
SPA07N60CFD
Definition of diode switching characteristics
Rev. 1.0
page 10
2007-01-26
SPA07N60CFD
PG-TO220-3-31; -3-111: Outlines/Fully isolated package (2500VAC; 1 minute)
Dimensions in mm/ inches
Rev. 1.0
page 11
2007-01-26
SPA07N60CFD
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions o characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typica values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties o non-infringement of intellectual property rights of any third party Information For further information on technology, delivery terms and conditions and prices please contact your neares Infineon Technologies Office (www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.0
page 12
2007-01-26


▲Up To Search▲   

 
Price & Availability of SPA07N60CFD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X