Part Number Hot Search : 
00005 00005 C9014 D6562 39216 73600 2SD21 T857APAI
Product Description
Full Text Search
 

To Download RMG30JPE0R1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
RMG30 TO-Style Power-Film Resistors
To-Style Power-Film Resistors
TO-Style Power-Film Resistors - RMG30 Series Take on Transistor Outlines
Preview A wide range of TO-style power film resistors that are designed for use in power electronic circuits such as snubbers, current limiting, loads, current sensing and other power resistor applications, is available from Token Components. Their compact heatsink-mountable construction ensures that they are ideal for high-power-density applications, and the noninductive form allows these TO-style resistors to operate at up to 30 Watt at 25C case temperature. RMG30 Series values as low as 0.05 make them particularly suited for current sensing applications with Pb-free Terminations Meet RoHS Requirments. The resistance range of these resistors is from 0.05 to 10K and tolerances are standard at 1% for most resistance values, although 5% tolerances are available. Many standard values are available from Token. Contact us with your specific needs. Features - 30 Watt at 25C Case Temperature Heat Sink Mounted. - Isolated Case, Non Inductive, TO-220 Style Power Package. - Single Screw Mounting to Heat Sink, Molded Case for Protection and Easy to Mount. Applications - Gate Resistors in Power Supplies, Terminal Resistance in RF Power Amplifiers. - UPS, Snubbers, Voltage Regulation, Low Energy Pulse Loading, Load and Dumping Resistors in CRT Monitors.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 03
TOKEN
Dimensions (Unit: mm)
RMG30 TO-Style Power-Film Resistors
W G R D1 D C
Type RMG30 W 10.15 ~ 10.67 H 16.00 ~ 16.52 T 2.92 ~ 3.44 T1 0.40 ~ 0.60 T2 1.52 ~ 2.04 B 11.43 ~ 13.97
T
H B1 T1 T2
B1 2.54 ~ 4.06 C 4.82 ~ 5.34 D 0.66 ~ 0.86 D1 1.14 ~ 1.40 G 2.92 ~ 3.44 R 3.08 ~ 3.28
B
Electrical Characteristics Specifications Resistance Range 0.05~1 2~5 Resistance Tolerance 5.00% 10.0% 1.00% 5.00% 10.0% 1.00% 5.00% 10.0% 0.50% 1.00% 5.00% 10.0% TCR(PPM/C) 200 100 200 50 100 200
5~10
11~10K
Note: Operating Voltage:350V Max. Dielectric Strength: 1800VAC Insulation Resistance: 10Gmin. Working Temperature Range:-65C to +150C. Resistance Value < 1 is Available
Power Derating Curve
Derating Curve
100
Rated Power (%)
80 60 40 20 0 0 25 50 75 100 125 150 175
Case Temperature (C)
02 of 03
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
RMG30 TO-Style Power-Film Resistors
Environmental Characteristics Test Item Specification Test Method Temperature Coefficient of 10 and above, 50ppm/C Referenced to 25C, R taken at +105C Resistance 1 and 10, (100ppm)/C 2 times rated power with applied voltage not to exceed Short Time Overload R0.3% 1.5 times maximum continuous operating voltage for 5 seconds. Load Life R1.0% MIL-R-39009,2,000 hours at rated power. MIL-STD-202F, Method 103B Humidity (Steady State) R0.5% 40C, 90~95%RH, RCWV 1.5hours ON, 0.5hours OFF. total 1000~1048 hours. MIL-STD-202, Method 107G. Thermal Shock R0.3% -65C~150C,100 cycle Terminal Strength R0.2% MIL-STD-202, Method 211, Cond.A(Pull Test) 2.4N. Vibration, High Frequency R0.2% MIL-STD-202, Method 204, Cond.D.
Note:1.Lead Material: Tinned Copper. Maximum Torque: 0.9 Nm. 2.Without Heat Sink, When in Free Air at 25C, the RMG30 is Rated for 2.25W. 3.The Case Temperature is to be used for the Definition of the Applied Power Limit. 4.The Case Temperature Measurement Must be Made with a Thermocouple Contacting the Center of the Component Mounted on the Designed Heat Sink. 5.Thermal Grease Should be Applied Properly.
How to Order
RMG
30
J
P
D TCR
Code
10R
TCR
Part Number Power Rating Resistance Tolerance (%)
Code D F G J K Resistance Tolerance 0.5% 1% 2% 5% 10% Packaging Tube Bulk
D
E F -
50PPM/C 100PPM/C 200PPM/C No specified
Resistance 0.1 10
Resistance
Code 0R1 10R 1K 10K
Packaging
Code T P
1K 10K
Back to 1st Page - TO-220 Power Resistors (RMG30)
Version 2010
http://www.token.com.tw/ rfq token.com.tw
03 of 03


▲Up To Search▲   

 
Price & Availability of RMG30JPE0R1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X