Part Number Hot Search : 
90XC3X 1H470 GI9T16 74VHC1G ATMEGA8 74AC24 AT080 S1205
Product Description
Full Text Search
 

To Download RB551V-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RB551V-30
SMALL SIGNAL DIODE
VOLTAGE RANGE 30 Volts CURRENT 500 mAmperes
FEATURES
* High current rectifier Schottky diode * Low voltage ,low inductance * For power supply
SOD-323
MECHANICAL DATA
* * * * *
.014(.35) .010(.25)
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.004 grams
.071(1.80) .063(1.60) .055(1.40) .047(1.20)
.106(2.70) .098(2.50)
.006(.15)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
O
.003(.08)
MAX.039(1.00)
REF .019(0.46)
.004(.10) .000(.00)
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@T A =25 OC unless otherwise noted) RATINGS Non-Repetitive Peak Reverse Voltage Maximum DC Reverse Voltage Maximum Average Forward Rectified Current Non-Repetitive Peak Forward Surge Current Operating and Storage Temperature Range ELECTRICAL CHARACTERISTICS (@T A =25 C unless otherwise noted)
O
SYMBOL VRM VR IO IFSM TJ,TSTG
RB551V-30 30 20 0.5 2 -40~+125
UNITS Volts Volts Amps Amps
O
C
PARAMETER Maximum Instantaneous Forward Voltage Maximum Instantancous Reverse Current
CONDITIONS
@IF=100mA @IF=500mA @VR=20V
SYMBOL VF IR
RB551V-30
0.36 0.47 100
UNITS
Volts uA
VC 2006-3
RATING AND CHARACTERISTICS CURVES ( RB551V-30 )
10A 1A 100m IF(A)
125 OC
100m 10m 1m
IR(A)
125 OC
75OC
10m 1m 100m 0
75 C 25 C
O
O
100u 10u 1u 100n
25OC
-25 C
O
-25 OC
0.1
0.2
VF(V)
0.3
0.4
0.5
0
10
20
VR(V)
30
40
Figure1 Forward Characteristics
1000
TJ=25OC
Figure2 Reverse Characteristics
1.0
100 CT(pF) IO(A) 10 0 0 10 20
VR(V)
0.5
30
40
0
0
25
50
75
Ta(OC)
100
125
150
Figure3 Capacitance between terminals characteristics
Figure4 Derating curve
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of RB551V-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X