Part Number Hot Search : 
PA1800 LA597 CDLL4112 PC111 1A272 BTB11 84225 J100567
Product Description
Full Text Search
 

To Download PJSMDA05-609 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJSMDA05-6 SERIES
HEX TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
This 6 TVS/Zener Array family have been designed to Protect Sensitive Equipment against ESD and to prevent Latch-Up events in CMOS circuitry operating at 5V, 12V, 15V and 24V. This TVS array offers an integrated solution to protect up to 6 data lines where the board space is a premium.
P
SPECIFICATION FEATURES
1 8 7 GND 6 GND 5
SOIC-8
350W Power Dissipation (8x20sec Waveform) Low Leakage Current, Maximum of 5A at rated voltage Very Low Clamping Voltage IEC61000-4-2 ESD 20kV air, 15kV Contact Compliance Packaged in the Industry Standard SOIC-8
2 3 4
APPLICATIONS
RS-232C or RS-422 Communication ports GPIB/IEEE 485 Ports Portable Instrumentation
5 8 1 4
MAXIMUM RATINGS (Per Device)
Rating Peak Pulse Power (8x20sec Waveform) ESD Voltage (HBM) Operating Temperature Range Storage Temperature Range Symbol P pp V ESD TJ Tstg Value 350 >25 -50 to +125 -50 to +150 Units W kV C C
ELECTRICAL CHARACTERISTICS (Per Device) Tj = 25C
PJSMDA05-6
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8x20sec) Clamping Voltage (8x20sec) Off State Junction Capacitance Off State Junction Capacitance Symbol VWRM VBR IR Vcl Vcl Cj Cj I BR = 1mA VR = 5V I pp = 5A I pp = 24A
0 Vdc Bias f = 1MHz Between I/O pins and pin 6, 7 5 Vdc Bias f = 1MHz Between I/O pins and pin 6, 7
Conditions
Min
Typical
Max 5
Units V V
6 5 9.8 13 225 125
A V V pF pF
7/1/2009
Page
1
www.panjit.com
PJSMDA05-6 SERIES
ELECTRICAL CHARACTERISTICS (Per Device) Tj = 25C
PJSMDA12-6
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8x20sec) Clamping Voltage (8x20sec) Off State Junction Capacitance Symbol VWRM VBR IR Vcl Vcl Cj I BR = 1mA VR = 12V I pp = 5A I pp = 15A
0 Vdc Bias f = 1MHz Between I/O pins and pin 6, 7
Conditions
Min
Typical
Max 12
Units V V
P
13.3 5 20 25 100
A V V pF
PJSMDA15-6
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8x20sec) Clamping Voltage (8x20sec) Off State Junction Capacitance Symbol VWRM VBR IR Vcl Vcl Cj I BR = 1mA VR = 15V I pp = 5A I pp = 12A
0 Vdc Bias f = 1MHz Between I/O pins and pin 6, 7
Conditions
Min
Typical
Max 15
Units V V
16.7 5 24 29 80
A V V pF
PJSMDA24-6
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8x20sec) Clamping Voltage (8x20sec) Off State Junction Capacitance Symbol VWRM VBR IR Vcl Vcl Cj I BR = 1mA VR = 24V I pp = 5A I pp = 8A
0 Vdc Bias f = 1MHz Between I/O pins and pin 6, 7
Conditions
Min
Typical
Max 24
Units V V
26.7 5 40 44 60
A V V pF
7/1/2009
Page 2
www.panjit.com
PJSMDA05-6 SERIES
TYPICAL CHARACTERISTICS
TJ = 25C unless otherwise noted
Surge Pulse Waveform Definition
N on-R epetitive Peak Pulse Power vs Pulse Time Peak Pulse Power - Ppp (W)
110 100 90 80 70 60 50 40 30 20 10 0 0 Pulse Waveform
1000
50% of Ipp @ 20s
100 10 1 0.1 0.01 1 10 100 1000 Pulse D uration, sec
Percent of Ipp
Rise time 10-90% - 8s
5
10
15 tim e, sec
20
25
30
Clamping Voltage vs. Peak current
Off-State Capacitance per Device - 1MHz
220
PJSMDAxx-6
45 40 35 30 25 20 15 10 5 0 0 5 Clamping voltage, V
PJS 24 MS
PJSMDAxx-6
05 PJSMS05
24
PJS15 MS 15 PJS12 MS 12
05 PJS 05 MS
10
15
20
25
30
200 180 160 140 120 100 80 60 40 20 0 0
Capacitance, pF
PJSMS1 2
12
15 5 PJSMS1
24 PJSMS24
1
2
3
4
5
Ipp, A (8/20sec)
Bias, Vdc
7/1/2009
Page 3
www.panjit.com
PJSMDA05-6 SERIES
TYPICAL APPLICATION EXAMPLE AND PACKAGE DIMENSIONS
RS232 Pinout
Pin Name RS232 V.24 1 2 3 4 5 6 7 8 9 CD RXD TXD DTR GND DSR RTS CTS RI CF BB BA CD AB CC CA CB CE 109 104 103 108.2 102 107 105 106 125 Dir Description Carrier Detect Receive Data Transmit Data Data Terminal Ready System Ground Data Set Ready Request to Send Clear to Send Ring Indicator
Pin2 Pin3 Pin4 Pin6 Pin7 Pin8
GND
Dimensions in inches
7/1/2009
Page 4
www.panjit.com


▲Up To Search▲   

 
Price & Availability of PJSMDA05-609

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X