Part Number Hot Search : 
IRFSL HEVAL 73K222AU F9540N CY101 AD7305 C101K HC4P55
Product Description
Full Text Search
 

To Download PJESD5V6LC-5W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJESD5V6LC-5W SERIES
LOW CAPACITANCE 5-FOLD ESD PROTECTION DIODE ARRAYS
FEATURES
* Low diode capacitance * Maximum peak pulse power : PPP=25W at tp=8/20s * Low clamping voltage : VCL(R)=12V at IPP=2.5A * ESD Protection Meeting IEC61000-4-2-Level 4 * ESD Passed devices : Air mode 15KV ,human body mode 8KV * In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case : SOT-363, Plastic Terminals : Solderable per MIL-STD-750, Method 2026 Approx. Weight : 0.006 gram Marking :
P JE S D 5V 6LC -5W=S A Q P JE S D 6V 2LC -5W=S A R P JE S D 6V 8LC -5W=S A S
MAXIMUM RATINGS
Parameter P e a k P ul s e P o w e r P e a k P ul s e C ur r e nt O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a ng e
Conditions 8 / 2 0 s p ul s e ; N o t e s 1 a nd 2 8 / 2 0 s p ul s e ; N o t e s 1 a nd 2
Symbol P PP I
PP
Min. -55
Max. 25 2.5 +150
Unit W A
o
TJ , T S TG
C
Notes 1.Non-repetitve current pulse 8/20s exponentially decaying waveform;see Fig 1 2.Measured from any of pins 1,3,4,5, or 6 to pin 2
STAD-MAY.29.2008
PAGE . 1
PJESD5V6LC-5W SERIES
ELECTRICAL CHARACTERISTICS (TJ=25oC unless otherwise specified)
Parameter Reverse stand-off voltage PJESD5V6LC-5W PJESD6V2LC-5W PJESD6V8LC-5W Reverse leakagae current PJESD5V6LC-5W PJESD6V2LC-5W PJESD6V8LC-5W Breakdown leakagae current PJESD5V6LC-5W PJESD6V2LC-5W PJESD6V8LC-5W Diode capacitance PJESD5V6LC-5W PJESD6V2LC-5W PJESD6V8LC-5W Clamping voltage PJESD5V6LC-5W
Symbol
Conditions
Min. -
Typ. 5.60 6.20 6.70 22 19 16 -
Max. 3.3 4.3 5.0 0.5 0.5 0.5 5.88 6.51 7.04 28 24 19 10 12 10 12 10 12 200 150 100
Unit
VRWM
V
I RM
VRWM=3.0V VRWM=4.3V VRWM=5.0V I Z=1mA
5.32 5.89 6.37 -
A
VBR
V
Cd
f=1MHz; VR=0V
pF
notes 1 and 2 I PP=1.0A I PP=2.5A VCL(R) I PP=1.0A I PP=2.5A I PP=1.0A I PP=2.5A
PJESD6V2LC-5W
V
PJESD6V8LC-5W
Differential resistance PJESD5V6LC-5W PJESD6V2LC-5W PJESD6V8LC-5W
rdiff
I R=1mA
STAD-MAY.29.2008
PAGE . 2
PJESD5V6LC-5W SERIES
1
4
STAD-MAY.29.2008
PAGE . 3
PJESD5V6LC-5W SERIES
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2008
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-MAY.29.2008
PAGE . 4


▲Up To Search▲   

 
Price & Availability of PJESD5V6LC-5W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X