Part Number Hot Search : 
MBR20150 EC4A15 74ALS 10700 CT138 N4948 0805C M54HCT08
Product Description
Full Text Search
 

To Download P6SMA480A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
P6SMA480A ~ P6SMA600A
VBR : 480 ~ 600 Volts PPK : 600 Watts
SURFACE MOUNT UNI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SMA
* * * * *
Unidirectional transient voltage suppressor 600W surge capability at 1ms Excellent clamping capability Low zener impedance Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Pb / RoHS Free
1.6 0.25 2.6 0.15 2.3 0.2
MECHANICAL DATA :
* * * * * * Case : SMA Molded plastic Epoxy : UL94V-O rate flame retardant Lead : Lead Formed for Surface Mount Polarity : Color band denotes cathode end except Bipolar. Mounting position : Any Weight : 0.060 gram (Approximately) Dimensions in millimeters
DEVICES FOR BIPOLAR APPLICATIONS
For Bi-directional use "CA" Suffix Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
Peak Power Dissipation at Ta = 25 C, Tp=1ms (Note1) Steady State Power Dissipation at T L = 75 C Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) (Note 3) Operating and Storage Temperature Range
Notes:
Symbol
PPK PD
5.3 0.35
1.6 0.25
Value
Minimum 600 5.0
4.2 0.25
FEATURES :
1.3 0.2
Unit
Watts Watts
IFSM
50
Amps.
TJ, TSTG
- 55 to + 150
C
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 C per Fig. 1 (2) Mounted on copper Lead area at 5.0 mm 2 ( 0.013 mm thick ). (3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum.
Page 1 of 3
Rev. 01 : September 18, 2008
TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
ELECTRICAL CHARACTERISTICS
Breakdown Voltage @ It Type No. ( Note 1 ) VBR (V) Min. P6SMA480A P6SMA510A P6SMA540A P6SMA600A Notes: 456 485 513 570 Max. 504 535 567 630 It (mA) 1.0 1.0 1.0 1.0
(Rating at 25 C ambient temperature unless otherwise specified) Maximum Reverse Leakage @ VRWM IR (A) 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 0.91 0.86 0.81 0.76 Maximum Clamping Voltage @ IRSM VRSM (V) 658 698 740 789 Maximum Temperature Co-efficient of VBR (% / C) 0.110 0.110 0.110 0.110
Working Peak Reverse Voltage VRWM (V) 408 434 459 510
(1) VBR measured after It applied for 300 s., It = square wave pulse or equivalent. (2) VF = 8 Vmax., IF = 50 Amps. ( 480 Volts thru 600 Volts ) per 1/2 square or equivalent sine wave. PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. (3) "P6SMA" will be omitted in marking on the diode.
Page 2 of 3
Rev. 01 : September 18, 2008
TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
RATING AND CHARACTERISTIC CURVES ( P6SMA480A ~ P6SMA600A )
FIG.1 - PULSE DERATING CURVE FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
60
120
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
100
50 40
80
60 40
30 20
20 0 0 25 50 75 100 125 150 175
10 0 1
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 2 4 6 10 20 40 60 100
Ta, AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - STEADY STATE POWER DERATING
5.00
FIG.4 - PULSE RATING CURVE
100
PD, STEADY STATE POWER DISSIPATION (WATTS)
3.75
Pp,PEAK POWER (kW)
Single Phase Half Wave 60 Hz Resistive or Inductive load 0 25 50 75 100 125 150 175 200
10
2.50
1.0
1 25
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
0
tp, PULSE WIDTH
TL, LEAD TEMPERATURE (C) FIG.5 - PULSE WAVEFORM PEAK PULSE CURRENT - % IRMS
Tr = 10s 100 Peak Value IRMS TJ=25 C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM
50
Half Value - IRMS 2 10X1000 Waveform as defined by R.E.A. tp
0 0 1.0 2.0 3.0 4.0
T, TIME(ms)
Page 3 of 3
Rev. 01 : September 18, 2008


▲Up To Search▲   

 
Price & Availability of P6SMA480A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X