![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MTB10000-G-A (White Diffused) - Standard LEDs SELECTOR GUIDE Part Number Dice Lens Color / Type Pack Size View Angle 2 1/2 MTB10000-G-A Green White Diffused Bar Graph 10 Seg 0 ELECTRICAL / OPTICAL CHARACTERISTICS AT T A=25C Parameter Symbol Device Min. Typ. Max. Units Test Conditions Forward Voltage Reverse Current Luminous Intensity Peak Wavelength Dominant Wavelength Spectral Line Half-Width VF IR IV peak D 1/2 Green Green Green Green Green Green 2 - 2.1 3.4 567 572 30 2.6 100 - V A mcd nm nm nm 20mA 5V 10mA 20mA 20mA 20mA ABSOLUTE MAXIMUM RATINGS AT TA=25C Parameter Rating Units Forward Current ( IF ) Power Dissipation ( PD ) Reverse Voltage ( VR ) Operating Temperature ( T OPR ) Storage Temperature ( TSTG ) Lead Solder Temperature ( T SOL ) 1. All Dimensions Are In Millimeters (inches). 2. Tolerance Is +-0.25(0.01") Unless Otherwise Noted. 3. Specifications Are Subject To Change Without Notice. 30 78 5 -25 ~ +85 -40 ~ +100 260 @ for 5 sec. max mA mW V C C Marktech Optoelectronics | 3 Northway Lane North | Latham, NY 12110 | www.marktechopto.com Page 1 of 3 MTB10000-G-A (White Diffused) - Standard LEDs Marktech Optoelectronics | 3 Northway Lane North | Latham, NY 12110 | www.marktechopto.com Page 2 of 3 MTB10000-G-A (White Diffused) - Standard LEDs Marktech Optoelectronics | 3 Northway Lane North | Latham, NY 12110 | www.marktechopto.com Page 3 of 3 |
Price & Availability of MTB10000-G-A
![]() |