Part Number Hot Search : 
BPC2510 PCF0805H SLE66 471M16 57X00 P3407 2N493 S1T8501
Product Description
Full Text Search
 

To Download MRF450A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MRF450A
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI MRF450A is Designed for 12.5 Volt Power Amplifier Applications up to 30 MHz.
PACKAGE STYLE .500" 4L STUD
45 A
FEATURES INCLUDE:
* POUT = 50 W * PG = 11 dB Min. @ 30MHz & 50W * Efficiency 50%
B
1 3 4
OC
2
D E J I SEATING PLANE
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 7.5 A 40 V
DIM
F
G
H
#10-32 UNF
MINIMUM
inches / mm
MAXIMUM
inches / mm
20 V 4.0 V 115 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 1.53 C/W
A B C D E F G H I J
1.010 / 25.65 .220 / 5.59 .495 / 12.57 .003 / 0.08 .160 / 4.06 .622 / 15.80 .100 / 2.54 .415 / 10.54 .720 / 18.29 .250 / 6.35
1.050 / 26.67 .230 / 5.84 .505 / 12.83 .007 / 0.18 .180 / 4.57 .130 / 3.31 .425 / 10.80 .290 / 7.37
1 = COLLECTOR
2 = BASE
3 & 4 = EMITTER
CHARACTERISTICS
SYMBOL
BVCES BVCEO BVCBO BVEBO hFE COB GPE C IC = 20 mA
TC = 25 C
O
TEST CONDITIONS
IC = 100 mA IC = 20 mA IE = 10 mA VCE = 5.0 V VCB = 15 V VCC = 13.6 POUT = 50 W IC = 1.0 A f = 1.0 MHz f = 30 MHz
MINIMUM TYPICAL MAXIMUM
40 20 40 4.0 10 200 11 50 15
UNITS
V V V V --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A 1/1


▲Up To Search▲   

 
Price & Availability of MRF450A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X