|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MMSZ5221B~MMSZ5262B SURFACE MOUNT SILICON ZENER DIODES VOLTAGE 2.4 to 51 Volts POWER 500 mWatts FEATURES * Planar Die construction * 500mW Power Dissipation * Ideally Suited for Automated Assembly Processes * In compliance with EU RoHS 2002/95/EC directives MECHANICAL DATA * Case: SOD-123, Molded Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: See Diagram Below * Approx. Weight: 0.0003 ounce, 0.0103 gram * Mounting Position: Any 1 2 Cathode Anode MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Parameter Total Power Dissipation (Notes A) at TL=60OC Operating Junction and StorageTemperature Range Symbol PD TJ Value 500 -55 to +150 Units mW O C NOTES: A. Mounted on 100cm2(1mm thick) copper areas. February 17,2011-REV.03 PAGE . 1 MMSZ5221B~MMSZ5262B Nominal Zener Voltage Part Number No m. V 500 mW Zener Diodes MMSZ5221B MMSZ5222B MMSZ5223B MMSZ5224B MMSZ5225B MMSZ5226B MMSZ5227B MMSZ5228B MMSZ5229B MMSZ5230B MMSZ5231B MMSZ5232B MMSZ5233B MMSZ5234B MMSZ5235B MMSZ5236B MMSZ5237B MMSZ5238B MMSZ5239B MMSZ5240B MMSZ5241B MMSZ5242B MMSZ5243B MMSZ5244B MMSZ5245B MMSZ5246B MMSZ5247B MMSZ5248B MMSZ5249B MMSZ5250B MMSZ5251B MMSZ5252B MMSZ5253B MMSZ5254B MMSZ5255B MMSZ5256B MMSZ5257B MMSZ5258B MMSZ5259B MMSZ5260B MMSZ5261B MMSZ5262B 2.4 2.5 2.7 2.8 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 2.28 2.38 2.57 2.66 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.5 10.45 11.4 12.35 13.3 14.25 15.2 16.15 17.1 18.05 19 20.9 22.8 23.75 25.65 26.6 28.5 31.35 34.2 37.05 40.85 44.65 48.45 2.52 2.63 2.84 2.94 3.15 3.47 3.78 4.1 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.5 11.55 12.6 13.65 14.7 15.75 16.8 17.85 18.9 19.95 21 23.1 25.2 26.25 28.35 29.4 31.5 34.65 37.8 40.95 45.15 49.35 53.55 30 30 30 30 30 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9 8.5 7.8 7.5 7 6.6 6.2 5.6 5.2 5.0 5 4.5 4.2 3.8 3.4 3.2 3 2.7 2.5 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 100 100 75 75 50 25 15 10 5 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1 1 1 1 1 1 1 1 1 2 2 3 3.5 4 5 6 6 6.5 6.5 8 8.4 9.1 9.9 10.5 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 C1 C2 C3 C4 C5 D1 D2 D3 D4 D5 E1 E2 E3 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J4 J5 K1 K2 K3 K4 K5 M1 M2 M3 M4 M5 N1 N2 V Z @ IZT Mi n. V Max. V Max. Zener Impedance ZZT @ I ZT mA ZZK @ I ZK mA A Max Reverse Leakage Current IR @ VR V Marking Code February 17,2011-REV.03 PAGE . 2 MMSZ5221B~MMSZ5262B TEMPERATURE COEFFICIENT,(mV/ OC) 8 7 6 5 4 3 2 1 TEMPERATURE COEFFICIENT,(mV/ OC) 100 10 0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12 1 10 100 NOMINAL ZENER VOLTAGE ,VOLTS NOMINAL ZENER VOLTAGE ,VOLTS Fig.1 TEMPERATURE COEFFICIENTS Fig.2 TEMPERATURE COEFFICIENTS 1000 1000 FORWARD CURRENT ,mA LEAKAGE CURRENT , m A 100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70 100 +150 C O +25 C -55 C 80 90 O O 10 150OC O 75 C 25OC 5OC 1 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 NORMAL ZENER VOLTAGE, VOLTS FORWARD VOLTAGE, VOLTS Fig.3 TYPICAL LEAKAGE CURRENT Fig.4 TYPICAL FORWARD VOLTAGE 0.80 P D, POWER DISSIPATION, (W) 0.70 0.60 0.50 0.40 0.30 0.20 0.10 0.00 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 TEMPERATURE ( C) O Fig.5 POWER DERATING CURVE February 17,2011-REV.03 PAGE . 3 MMSZ5221B~MMSZ5262B MOUNTING PAD LAYOUT ORDER INFORMATION * Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel LEGAL STATEMENT Copyright PanJit International, Inc 2011 The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others. February 17,2011-REV.03 PAGE . 4 |
Price & Availability of MMSZ5221B11 |