Part Number Hot Search : 
0RFEN 0RFEN GSYBA BD241C W6811ISG LVC245A 0RFEN 810A505
Product Description
Full Text Search
 

To Download MHV2812S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
Features
* Operating temperature -55 to +125C * Input voltage range 16 to 50 VDC - 12 Vout single and dual to 75 V - 15 Vout single and dual to 60 V
vDC output
single
no cross regulation on dual outputs
* Transient protection 80 V for 120 ms
* Fully isolated
* Fixed frequency switching * Inhibit and sync functions
MODELS
Dual 5 12 15
* Output trim on single output models * High power density, up to 83% efficiency
3.3 5 12 15
+5 & 12 +5 & 15
triple
description
Interpoint's MHV SeriesTM of DC/DC converters offers a wide input voltage range of 16 to 50 VDC and a choice of nine different output voltage configurations comprised of single, dual or triple outputs. The 3.3 volt single, 5 volt single and dual and the triple output models will withstand transients of up to 80 volts for up to 120 milliseconds while maintaining output voltages. The 12 volt single and dual outputs will withstand transients up to 75 volts and the 15 volt single and dual outputs will withstand up to 60 volts for 120 milliseconds. The MHV Series operates at 15 watts of output power (10 watts for the 3.3 volt single output) over the military temperature range of -55C to +125C while maintaining low input and output noise.
inhibit FunCtion
The converter is enabled when the inhibit terminal is left unconnected. When the inhibit terminal is pulled low (<0.8 V) the converter shuts down, typically drawing 8.4 mA at 28 Vin or 15 mA at 50 Vin. Sinking current required is Vin / 3.3 K ohm.
synChronization FunCtion
Converter Design
Applying an external signal of 40% to 60% duty cycle and 490 to 710 kHz for singles and duals output models will synchronize the converter to your system requirements. For triple output models the external frequency range is 500 to 700 kHz. Free run clock frequency is approximately 600 kHz. If not used, the sync terminal must be left unconnected.
MHV Series DC/DC converters are switching regulators that use continuous flyback conversion topology with a clock frequency of approximately 600 kHz. MHV Series converters incorporate two pulse width modulators (PWM) with one PWM phase shifted 180 from the other to create a dual phase/phase-shifted operation. Each of the PWMs operates at approximately one-half (300 kHz) of the clock frequency. This proprietary technology minimizes input ripple and improves efficiency. On singles the output ripple is reduced. Cross regulation is eliminated on dual output models which are independently regulated and do not require load balancing or minimum loading. On triple output models, this design provides completely independent regulation with no cross regulation effect between the main and auxiliary outputs and no minimum loading is required on the main output.
trim
Single output converters feature a trim range of as low as 80% to as high as 110% of Vout nominal, depending on the model. To trim up, connect a resistor from output common (pin 4) to the trim terminal (pin 3). To trim down, connect a resistor from the positive output (pin 5) to the trim terminal (pin 3). See Figure 4 and trim tables for more information.
sCreening
The converters are offered with standard screening, "ES" screening, or fully compliant to "883" MIL-PRF-38534 Class H screening. Standard microcircuit drawings (SMD) are available.
Crane Aerospace & Electronics Electronics Group (Interpoint Brand) POBox97005*RedmondWA98073-9705 425.882.3100*power@crane-eg.com www.interpoint.com
Page 1 of 19 MHV Rev E - 20100503
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
unDervoltage loCkout output voltage options
An undervoltage lockout of approximately 7 VDC keeps system current levels low during startup. Low line dropout typically occurs at approximately 12 Vin to 17 Vin depending on model. See Figures 12, 16 and 17.
The MHV Series converters are capable of providing other output voltage options in addition to those characterized on this datasheet. Contact your sales representative to discuss other output voltage options, www.interpoint.com/contacts.
short CirCuit proteCtion
Under short circuit conditions of 130% or more of full load current, the converter will protect itself by shutting down. Short circuit duration should be brief because power dissipation may cause internal temperatures to rise rapidly. Restart is automatic upon removal of the short circuit.
us patents
Interpoint converters may use one or more of the following US patents 5,521,807, 5,694,303, and 5,631,822.
siMplified scHeMatic diagraM
+Vin Inhibit Main Output
PWM Controller
Primary
Opto
Secondary
Feedback
Output Common
+Aux
Sync
PWM Controller
-Aux
Primary
Opto
Secondary
Feedback
Input Common
Figure 1: mhv triple bloCk Diagram www.interpoint.com
MHV Rev E - 20100503
Page 2 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
Operating COnditiOns and CharaCteristiCs
input Voltage range *16 to 50 VDC continuous *80 VDC for 120 ms transient 12 Vout single and dual to 75 V 15 Vout single and dual to 60 V
synC and inhibit
sync in (twice the pWM conversion frequency) *Input (clock) frequency - Single and dual output models 490 to 710 kHz - Triple output models 500 to 700 kHz *Duty cycle 40% min, 60% max *Active low 0.8 V max *Active high 4.5 V min, 10 V max *Referenced to input common *If not used, leave unconnected
output power *15 watts (10 watts MHV283R3S)
lead soldering temperature (10 sec per lead) *300C storage temperature range (tc) *-65C to +150C
current limit *130% of full load typical at 25 TC isolation at 25 tc *100 megohm minimum at 500 V audio rejection *30 dB typical
output Voltage temperature coefficient *100 ppm/C typical
derating output power/current *Linearly from 100% at 125C to 0% at 130C
case operating temperature (tc) *-55C to +125C full power *-55C to +130C absolute
inhibit *Active low (output disabled) Activelowvoltage0.8V Inhibit pin source current - Typically 8.4 mA at 28 Vin, or 15 mA at 50 Vin - Sinking current required is Vin / 3.3 K ohms Referenced to input common *Active high (output enabled) Open collector Unconnected or 11.5 to 50 V Open pin voltage 11 V typ
undervoltage lockout *7 V input typical
conversion (switching) frequency *Free run mode (each PWM) 300 kHz typical 245 kHz. min, 355 kHz. max (TC = -55 to +125C)
meChaniCal and envirOnmental
size (maximum) *Non-flanged Single and dual output models 2.125 x 1.125 x 0.400 inches (53.98 x 28.58 mm). See case H2 for dimensions. *Triple output models 1.950 x 1.350 x 0.405 inches (49.53 x 34.29 mm). See case F1 for dimensions. *Flanged Single and dual output models 2.910 x 1.125 x 0.400 inches (73.91 x 28.58 mm). See case K3 for dimensions. *Triple output models 2.720 x 1.350 x 0.405 inches (69.09 x 34.29 mm). See case J1 for dimensions. Weight (maximum) *60 grams typical x 10.16 x 10.29 x 10.16 x 10.29
low line dropout *Typically occurs at 12 Vin to 17 Vin depending on model *See Figures 12, 15 and 21
screening *Standard, ES, or 883 (Class H). See Screening Tables 1 and 2 for more information.
www.interpoint.com
MHV Rev E - 20100503
Page 3 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
1 28V 9 2
Positive Input Sync In
MHV
10 Input Common
Inhibit (pin 8 on triple output models)
Figure 2: typiCal ConneCtions
1
Positive Input FMCE-0328 (1) EMI FILTER
Positive Output
2
1
Positive Input MHV
28V
5
Input Common
Output Common 4 3 Case (2)
10 Input Common 6, 7, 8
Chassis Ground (1) FMCE-0328 can provide up to 84 watts throughput current at 28 volts in and will bring the converter into compliance with MIL-STD-461C CE03 and CS01 and/or MIL-STD-461D, E and F CE102 and CS101 levels of conducted emissions. (2) The case ground connection should be as low an impedance as possible to minimize EMI. Direct contact of baseplate to chassis ground provides the lowest impedance.
Figure 3: emi Filter ConneCtion
triM - single output Models only
CALCULATED TRIM
Trim down: RT(K)= Trim up: RT(K)=
QUICK REFERENCE TRIM TABLE
Vo = desired output voltage
( (
Vo nominal - V0 2.5A Vo - Vo nominal
(Vo - 2.5)
) )
Vout noMinal 95%
4 23 177 255
RT
3 TRIM +VO
A-B -B
Model
MHV283R3S MHV2805S MHV2812S MHV2815S
110% 106% 102%
18 8 N/A 0.3 36 20 19 21 128 81 116 122
90%
N/A 5 67 104
80%
N/A N/A 11 28
RTRIM (RT) K ohms
FORMULA VALUES By MODEL MODEL:
A B
3.3 V
3.7 10
5V
3.7 10
12 V
14 30
15 V
18.0 80
MHV SINGLE OUTPUT
TRIM DOWN 5
Notes If calculated result is a negative value, the desired output voltage is outside the allowed trim range. Calculated values of RT are 15%. When trimming up, do not exceed the maximum output power. When trimming down, do not exceed the maximum output current.
OUTPUT COMMON
4 TRIM UP
Figure 4: mhv single output trim www.interpoint.com
MHV Rev E - 20100503
Page 4 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
pin
1 2 3 4 5 8 9
Positive Input Inhibit Trim
single output
dual output Inhibit
pin out
Positive Input Positive Output
triple output Positive Input Main (+5) Output Output Common Negative Aux. Output Positive Aux. Output Case Ground Inhibit Sync In
Output Common Positive Output Case Ground Case Ground Sync In Input Common
Output Common Negative Output Case Ground Case Ground Sync In Input Common
6, 7
10
Input Common
Dot on top of cover indicates pin one.
Dot on top of cover indicates pin one.
1
2
3
4
5
1
2
3
4
5
BOTTOM VIEW MHV TRIPLE FLANGED AND NON-FLANGED
10 9 8 7 6
10
BOTTOM VIEW MHV SINGLE AND DUAL FLANGED AND NON-FLANGED
9 8 7
6
Dotted line outlines flanged package option. Dotted line outlines flanged package option.
See cases H2 and K3 for dimensions.
Figure 5: pin out singles anD Duals
See cases F1 and J1 for dimensions.
Figure 6: pin out triple
case
pins not in use
inhibit
User's discretion
sync in
Leave unconnected Leave unconnected
www.interpoint.com
MHV Rev E - 20100503
Page 5 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
Model nuMbering key
Base Model Input Voltage MHV 28 512 T F / 883
Standard Microcircuit drawing (SMd) 5962-9852801HXC 5962-9852201HXC 5962-9852301HXC 5962-9852401HXC 5962-9852501HXC 5962-9852601HXC 5962-9852701HXC 5962-9673001HXC 5962-9673101HXC
sMd nuMbers
MHV SiMilar Part MHV283R3S/883 MHV2805S/883 MHV2812S/883 MHV2815S/883 MHV2805D/883 MHV2812D/883 MHV2815D/883 MHV28512T/883 MHV28515T/883
Output Voltage (Main and aux. Vout for triple models) (R = decimal point, 3R3 = 3.3 Vout) Number of Outputs (S = single, D = dual, T = triple) Case Option (Non-flanged case has no designator in this position) Screening (Standard screening has no designator in this position.)
Flanged SMD numbers for the MHV Series of converters have the suffix HZC instead of HXC. For exact specifications for an SMD product, refer to the SMD drawing available at www.dscc.dla.mil/programs/smcr.
on tHe lineS below, enter one Selection froM eacH category to deterMine tHe Model nuMber. category MHV28
Base Model and Input Voltage Output Voltage
1
Model selection
/
Number of Outputs 2 s d t Case Option
3
Screening 4 (STANDARD leave blank) es 883 (class H)
3r3, 05, 12, 15
(NON-FLANGED leave blank) f (flanged)
selection
MHV28 is the only available selection
05, 12, 15 512, 515
Notes: 1. Output Voltage: An R indicates a decimal point. 3R3 is 3.3 volts out. The value of 3R3 is only available in single output models. The 512 and 515 triple output converters are +5 volt main and 12 or 15 volt auxiliaries. 2. Number of Outputs: S is a single output, D is a dual output, and T is a triple output 3. Case Options: For the standard case (cases F1 and H2) leave the case option blank. For the flanged case option (cases J1 and K3), insert the letter F in the Case Option position. 4. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For more information see Screening Tables 1 and 2.
www.interpoint.com
MHV Rev E - 20100503
Page 6 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
Electrical Characteristics: -55 to +125C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
SINGLE OUTPUT MODELS
parameter output voltage output Current output poWer output ripple line regulation loaD regulation input voltage no loaD to Full input Current input ripple Current eFFiCienCy loaD Fault
2
MHV283R3S
MIN 3.23 0 0 -- - - 16
1
MHV2805S
MIN 4.90 0 0 -- -- -- 16 -- -- -- -- 73 -- -- -- -- -- -- -- -- - TyP 5.00 -- -- 5 0 15 28 -- 44 8.4 10 77 -- -- -- -- -- -- 14 0 - MAX 5.10 3.00 15 25 10 45 50 80 55 10 40 -- 9 20 350 2 550 2.0 20 100 200
ConDitions vin = 16 to 50 vDC vin = 16 to 50 vDC 10 khz - 2 mhz
to
TyP 3.30 -- -- 5 0 15 28 -- 34 8.4 10 72 -- -- -- -- -- -- 14 0 -
MAX 3.37 3.03 10 25 10 35 50 80 45 10 45 - 7.5 20 350 1.2 175 0.90 20 150 200
units VDC A W mV p-p mV mV VDC V mA mA p-p % W ms mV pk ms mV pk ms ms mV pk F
no loaD to Full Continuous transient 120 ms no loaD inhibiteD 10 khz - 10 mhz poWer Dissipation short CirCuit reCovery 1 50% - 100% - 50% transient reCovery 16 - 50 - 16 vDC transient reCovery Delay overshoot 1 25C
vin = 16
50 vDC
-- -- -- -- 68 -- -- -- -- -- -- - -- -
step loaD response 3 step line response 1, 4 start-up CapaCitive loaD 1
Notes 1. guaranteed by design, not tested. 2.Loadfaultisashortcircuit(<50m).Recoveryisintoaresistiveload. 3.Steploadtransition10s.Recovery=timetosettletowithin1%ofVOUT final value. 4.Steplinetransition10s.Recovery=timetosettletowithin1%ofVOUT final value.
www.interpoint.com
MHV Rev E - 20100503
Page 7 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
Electrical Characteristics: -55 to +125C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
SINGLE OUTPUT MODELS
parameter output voltage output Current output poWer output ripple line regulation loaD regulation input voltage no loaD to Full input Current input ripple Current eFFiCienCy loaD Fault 2 vin = 16 to 50 vDC vin = 16 to 50 vDC 10 khz - 2 mhz
to
MHV2812S
MIN 11.76 0 0 -- - - 16 -- -- -- -- 78 TyP 12.00 -- -- 5 1 8 28 -- 43 8.4 10 81 -- -- -- -- -- -- 14 0 - MAX 12.24 1.25 15 25 12 35 50 75 58 10 40 - 7.5 20 400 1.5 550 2.5 20 240 200 MIN
MHV2815S
TyP 15.00 -- -- 5 4 10 28 -- 45 8.4 10 81 -- -- -- -- -- -- 14 0 - MAX 15.30 1.00 15 25 13 35 50 60 62 10 40 -- 7.5 20 550 1.5 650 2.5 20 300 200 14.70 0 0 -- -- -- 16 -- -- -- -- 78 -- -- -- -- -- -- -- -- -
ConDitions
units VDC A W mV p-p mV mV VDC V mA mA p-p % W ms mV pk ms mV pk ms ms mV pk F
no loaD to Full Continuous transient 120 ms 1 no loaD inhibiteD 10 khz - 10 mhz poWer Dissipation short CirCuit reCovery 1 50% - 100% - 50% transient reCovery 16 - 50 - 16 vDC transient reCovery Delay overshoot
1
vin = 16
50 vDC
-- -- -- -- -- -- - -- -
step loaD response 3 step line response 1, 4 start-up CapaCitive loaD 1
25C
Notes 1. guaranteed by design, not tested. 2.Loadfaultisashortcircuit(<50m).Recoveryisintoaresistiveload. 3.Steploadtransition10s.Recovery=timetosettletowithin 1% of VOUT final value. 4.Steplinetransition10s.Recovery=timetosettletowithin1%ofVOUT final value.
www.interpoint.com
MHV Rev E - 20100503
Page 8 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
Electrical Characteristics: -55 to +125C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
DUAL OUTPUT MODELS
parameter output voltage output Current vin = 16 to 50 vDC output poWer 2 output ripple vin = 16 to 50 vDC line regulation balanCeD loaDs loaD regulation balanCeD loaDs input voltage input Current input ripple Current eFFiCienCy loaD Fault
3
mhv2805D min 4.90 0 -- 0 -- -- -- -- 16 -- -- -- -- 75 typ 5.00 -- -- -- -- 5 0 5 28 -- 22 8.4 5 79 -- -- -- -- -- -- 10 10 0 -- maX 5.10 1.5 3 7.5 15 35 10 20 50 80 30 10 40 -- 8.5 20 350 3.0 400 4.0 18 20 100 100 min 11.76 0 -- 0 -- -- -- -- 16 -- -- -- -- 79 -- -- -- -- -- -- -- -- -- --
mhv2812D typ 12.00 -- -- -- -- 5 0 2 28 -- 32 8.4 5 83 -- -- -- -- -- -- 10 10 0 -- maX 12.24 0.625 1.25 7.5 15 25 10 20 50 75 43 10 40 -- 10 25 400 1.5 500 3.0 20 25 240 100 min 14.70 0 -- 0 -- -- -- -- 16 -- -- -- -- 78 -- -- -- -- -- -- -- -- -- --
mhv2815D typ 15.00 -- -- -- -- 10 0 2 28 -- 37 8.4 10 83 -- -- -- -- -- -- 12 12 0 -- maX 15.30 0.50 1.0 7.5 15 50 10 20 50 60 50 10 45 -- 10 30 500 1.5 500 3.0 22 30 300 100
ConDitions eaCh output total eaCh output total vout, 10 khz - 2 mhz vin = 16 to 50 vDC no loaD to Full Continuous transient 120 ms 1 no loaD inhibiteD 10 khz - 10 mhz poWer Dissipation short CirCuit reCovery 1
4
units VDC A W mV p-p mV mV VDC V mA mA p-p % W ms mV pk ms mV pk ms ms mV pk F
vout
-- -- -- -- -- -- -- -- -- --
step loaD response balanCeD loaDs step line response 1, 5 vout start-up vin = 40 v CapaCitive loaD
1
50% - 100% - 50% transient reCovery 16 - 50 - 16 vin transient reCovery +vout Delay overshoot 1 25C -vout Delay
Notes 1. guaranteed by design, not tested. 2. Up to 7.5 watts is available from either output. 3.Loadfaultisashortcircuit(<50m).Recoveryisintoaresistiveload. 4.Steploadtransition10s.Recovery=timetosettletowithin1%of VOUT final value. 5.Steplinetransition10s.Recovery=timetosettletowithin1%ofVOUT final value.
www.interpoint.com
MHV Rev E - 20100503
Page 9 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
Electrical Characteristics: -55 to +125C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
TRIPLE OUTPUT MODEL - MHV28512T
parameter output voltage output Current 2 TOTAL output poWer 3 vin = 16 to 50 vDC output ripple line regulation loaD regulation 4 Cross regulation 5 input voltage input Current input ripple Current eFFiCienCy loaD Fault
6
5 (MAIN)
MIN 4.90 0 -- 0 -- -- -- -- -- -- 16
1
12 (AUXILIARIES)
MAX 5.10 2.0 -- 10 -- 22 5 20 -- -- 50 80 37 10 30 -- 9.5 25 350 -- 3 -- 400 3 15 100 200 MIN 11.76 -11.70 0 -- 0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- TyP 12.00 -12.00 0.208 -- 2.50 -- 9 5 7 10 40 400 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 7 -- -- MAX 12.24 -12.30 0.333 1 0.416 4.00 1 5 22 35 40 30 70 800 -- -- -- -- -- -- 9.5 25 600 600 4 4 500 4 15 240 100
ConDitions MAIN AND POS. AUX NEG. AUX.
TyP 5.00 -- -- -- -- 8 0 10 -- -- 28 -- 30 8.4 10 78 -- -- -- -- -- -- -- -- 7 -- --
units VDC A W mV p-p mV
TOTAL 10 khz - 2 mhz MAIN AND POS. AUX NEG. AUX. MAIN AND POS. AUX NEG. AUX. EFFECT ON NEGATIVE AUXILIARy Continuous transient 120 ms no loaD inhibiteD 10 kHz - 10 MHz POWER DISSIPATION reCovery 1 transient NEG. AUX. 1 reCovery NEG. AUX. 1
vin= 16 to 50 vDC
mV mV VDC V mA mA p-p % W ms mV pk ms mV pk ms ms mV pk F
-- -- -- -- 74 -- -- -- -- -- -- -- -- --
step loaD response 7
step line response 1, 8
16 - 50 - 16 vin transient reCovery Delay overshoot
1
start-up CapaCitive loaD 1
-- --
25C
Notes for Triple Output Models 1. guaranteed by design, not tested. 2. The sum of the 12 volt auxiliary output currents may not exceed 416 mA. 3. The sum of the auxiliary output power may not exceed 5 watts. Up to 80% of the total power (5W) is available from either auxiliary providing the opposite auxiliary is carrying 20% of the total auxiliary power used. 4. Load regulation for the +5 is specified at 0.0 to 2.0 A with the aux. both held at 2.5 W (208 mA). Load regulation for the auxiliary. is specified as both auxiliaries from 0.0 to 2.5 W (208 mA) at the same time with the +5 held at 2.0 A.
5. Cross regulation occurs between the two auxiliaries and is measured on -aux. +5 is held constant at 2.0 A. Cross regulation is specified for two conditions: A. Positive aux. = 2.5 W (50%); negative aux. = 2.5 W to 0.5 W (50% to 10%). B. From +Po = 70% and -Po = 30% to + Po = 30% and -Po =70%. Above conditions are referenced to 50%/50% balanced loads. 6.Loadfaultisashortcircuit(<50m).Recoveryisintoaresistiveload. 7.Step load transition 10 s. Recovery = time to settle to within 1% of VOUT final value. 8.Step line transition 10 s. Recovery = time to settle to within 1% of VOUT final value.
www.interpoint.com
MHV Rev E - 20100503
Page 10 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
Electrical Characteristics: -55 to +125C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
TRIPLE OUTPUT MODEL - MHV28515T
parameter output voltage output Current 2 TOTAL output poWer 3 vin = 16 to 50 vDC output ripple line regulation loaD regulation 4 Cross regulation 5 input voltage input Current input ripple Current eFFiCienCy loaD Fault
6
5 (MAIN)
MIN 4.90 -- -- 0 -- -- -- -- -- -- 16
1
15 (AUXILIARIES)
MAX 5.10 2.0 -- 10 -- 22 5 20 -- -- 50 80 41 10 30 -- 9.5 25 350 -- 3 -- 400 3 15 100 200 MIN 14.70 -14.62 0 -- 0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- TyP 15.00 -15.00 0.167 -- 2.50 -- 9 7 7 10 40 400 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- MAX 15.30 -15.38 0.267 1 0.333 4.00 1 5 22 35 40 30 80 800 -- -- -- -- -- -- 9.5 25 600 600 4 4 500 4 15 300 100
ConDitions MAIN AND POS. AUX NEG. AUX.
TyP 5.00 -- -- -- -- 8 0 10 -- -- 28 -- 34 8.4 10 78 -- -- -- -- -- -- -- -- -- -- --
units VDC A W mV p-p mV
TOTAL 10 khz - 2 mhz MAIN AND POS. AUX NEG. AUX. MAIN AND POS. AUX NEG. AUX. EFFECT ON NEGATIVE AUXILIARy Continuous transient 120 ms no loaD inhibiteD 10 kHz - 10 MHz POWER DISSIPATION reCovery 1 transient NEG. AUX. 1 reCovery NEG. AUX. 1
vin= 16, 50 vDC
mV mV VDC V mA mA p-p % W ms mV pk ms mV pk ms ms mV pk F
-- -- -- -- 74 -- -- -- -- -- -- -- -- --
step loaD response 7
step line response 1, 8
16 - 50 - 16 vin transient reCovery Delay overshoot
1
start-up CapaCitive loaD 1
-- --
25C
Notes for Triple Output Models 1. guaranteed by design, not tested. 2. The sum of the 15 volt auxiliary output currents may not exceed 333 mA. 3. The sum of the auxiliary output power may not exceed 5 watts. Up to 80% of the total power (5W) is available from either auxiliary providing the opposite auxiliary is carrying 20% of the total auxiliary power used. 4. Load regulation for the +5 is specified at 0.0 to 2.0 A with the aux. both held at 2.5 W (167 mA). Load regulation for the auxiliary. is specified as both auxiliaries from 0.0 to 2.5 W (167 mA) at the same time with the +5 held at 2.0 A.
5. Cross regulation occurs between the two auxiliaries and is measured on -aux. +5 is held constant at 2.0 A. Cross regulation is specified for two conditions: A. Positive aux. = 2.5 W (50%); negative aux. = 2.5 W to 0.5 W (50% to 10%). B. From +Po = 70% and -Po = 30% to + Po = 30% and -Po =70%. Above conditions are referenced to 50%/50% balanced loads. 6.Loadfaultisashortcircuit(<50m).Recoveryisintoaresistiveload. 7.Steploadtransition10s.Recovery=timetosettletowithin1%of VOUT final value. 8.Step line transition 10 s. Recovery = time to settle to within 1% of VOUT final value.
www.interpoint.com
MHV Rev E - 20100503
Page 11 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
Typical Performance Curves: 25C Tc, 28 VDC Vin, 100% load, 20 MHz BW, free run, unless otherwise specified.
90 EFFICIENCY (%) EFFICIENCY (%) 80 70 60 40 30 16 V 0.9 EFFICIENCY (%) 0.8 0.7 0.6 0.5 28 V 0.4 0.3 16 V 90 80 70 60 50 40 30 50 V 0 3 6 9 12 15 16 V 28 V
50 28 V 50 V 0 2 4 6 8 10
50 V 3.75 7.5 11.25 15
MHV283R3S EFFICIENCY
Figure 7
OUTPUT POWER (W)
MHV2805S EFFICIENCY
Figure 8
OUTPUT POWER (W)
MHV2812S EFFICIENCY
Figure 9
OUTPUT POWER (W)
EFFICIENCY (%)
EFFICIENCY (%)
80 70 16 V 60 50 40 30 28 V 50 V 0 3 6 9 12 15
INPUT VOLTAGE (v)
90
0.9 0.8 0.7 0.6 0.5 28 V 0.4 50 V 3.75 7.5 11.25 15 16 V
17 15 13 11 9 7 5 10 15
MHV2815S EFFICIENCY
Figure 10
OUTPUT POWER (W)
MHV2815D EFFICIENCY
Figure 11
OUTPUT POWER (W)
LOW LINE DROPOUT vs. LOAD MHV283R3S
Figure 12
OUTPUT POWER (W)
20 V/div
20 mV/div
Vout
20 mV/div
1 V/div
50% to 100% Load
20 V/div
Vin 16 V to 40 V
Vin 100% to 50% Load Vout 0 V to 5 V
STEP LINE RESPONSE MHV2805S
Figure 13 www.interpoint.com
400 s/div
STEP LOAD RESPONSE MHV2805S
Figure 14
200 s/div
TURN ON RESPONSE MHV2805S
Figure 15
400 s/div
MHV Rev E - 20100503
Page 12 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
Typical Performance Curves: 25C Tc, 28 VDC Vin, 100% load, 20 MHz BW, free run, unless otherwise specified.
17 INPUT VOLTAGE (v) 15 13 11 9 7 5 10 15
200 mV/div 20 V/div 500 mV/div
Vin 16 V to 50 V 20 mV/div
100% to 50% Load
-Vout
50% to 100% Load
OUTPUT POWER (W)
+Vout 40 s/div
LOW LINE DROPOUT vs. LOAD MHV2805S
STEP LINE RESPONSE MHV2815D
Figure 17
+Vout STEP LOAD RESPONSE MHV2815D
Figure 18
400 s/div
Figure 16
20 V/div
Vin
INPUT VOLTAGE (v)
17 15 13 11 9 7 5 10 15
50% to 100% Load 25 mV/div
+Vout
100% to 50% Load
5 V/div
-Vout
-Vout STEP LOAD RESPONSE MHV2815D
Figure 19
200 s/div
TURN ON RESPONSE MHV2815D
Figure 20
2 s/div
LOW LINE DROPOUT vs. LOAD MHV2815D
OUTPUT POWER (W)
Figure 21
www.interpoint.com
MHV Rev E - 20100503
Page 13 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converter cases
28 Volt input - 15 Watt
BOTTOM VIEW CASE F1 - MHV Triple Seam Seal
Squared corner and dot on top of case indicates pin one
1.350 max. (34.29) 1.170 (29.72)
0.040 dia. (1.02)
1
2
3
4
5
0.170 (4.32) 0.000 0.000
10
9
8
7
6
0.405 max (10.29)
0.000
0.25 (6.4)
0.170 (4.32)
0.570 (14.48)
0.970 (24.64)
1.370 (34.80)
1.770 (44.96)
Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.3) for two decimal places unless otherwise specified
CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin. Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy/Gold, ceramic Seal hole 0.124 0.002 (3.15 0.05)
Case F1 MHV T, Rev F, 20100503 Please refer to the numerical dimensions for accuracy.
Figure 22: Case F1- mhv triple
www.interpoint.com
Page 14 of 19 MHV Rev E - 20100503
1.950 max. (49.53)
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converter cases
28 Volt input - 15 Watt
BOTTOM VIEW CASE H2 - MHV Single and Dual
Seam Seal
1.115 max. (28.32) 0.955 (24.26) 0.040 dia (1.02)
Squared corner and dot on top of case indicate pin one.
1 2 3 4 5
0.155 (3.94) 0.000 0.400 max. (10.16) 0.000 0.000
10
9
8
7
6
0.245 (6.22)
1.845 (46.86)
Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.3) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin. Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy/Gold, ceramic glass seal Seal hole 0.120 0.002 (3.05 0.05)
Case H2 MHV S&D, Rev G - 20100503 Please refer to the numerical dimensions for accuracy.
Figure 23: Case h2 - mhv single anD Dual
www.interpoint.com
Page 15 of 19 MHV Rev E - 20100503
2.100 max. (53.34)
0.645 (16.38)
1.045 (26.54)
1.445 (36.70)
0.25 (6.4)
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converter cases
28 Volt input - 15 Watt
BOTTOM VIEW CASE J1 - MHV Triple Flanged cases: Designator "F" required in Case Option position of model number.
Sharp corner and dot on top of case indicate pin one.
Seam Seal
1.350 max. (34.29) 1.170 (29.72)
0.040 dia. (1.02) 0.670 (17.02) 0.170 (4.32) 0.000
1
2
3
4
5
2 x Dia 0.162 0.002 (4.11 0.05) 2 x R 0.170 (4.32)
10
9
8
7
6
0.570 (14.48)
0.970 (24.64)
1.370 (34.80)
(2.720 max (69.09))
Flange thickness: 0.060 (1.52)
Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.3) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin. Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy/Gold, ceramic seal Seal hole 0.120 0.002 (3.05 0.05) Case J1 MHV T F, Rev E, 20100503
Figure 24: Case J1 - mhv triple
www.interpoint.com
Page 16 of 19 MHV Rev E - 20100503
1.770 (44.96)
2.150 (54.61)
0.000
0.25 (6.4)
0.210 (5.33)
0.000
0.170 (4.32)
0.405 max (10.29)
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converter cases
28 Volt input - 15 Watt
BOTTOM VIEW CASE K3 - MHV Single and Dual Flanged cases: Designator "F" required in Case Option position of model number. Seam Seal
1.115 max. (28.32) 0.955 (24.26) 0.040 dia 0.002 (1.02 dia 0.05) 1 2 3 4 5
Dot on top of case indicates pin one
2 x Dia 0.162 0.002 (4.11 0.05) 2 x R 0.170 (4.32)
0.555 (14.1) 10 9 8 7 6
0.155 (3.94) 0.000 - 0.230 (5.84)
0.245 (6.22)
0.645 (16.38)
1.045 (26.54)
1.445 (36.70)
1.845 (46.86)
0.400 max. (10.16)
0.25 (6.4)
(2.910 max (73.91))
Flange thickness: 0.060 (1.52)
Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.3) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin. Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy/Gold, ceramic seal Seal hole 0.120 0.002 (3.05 0.05) Case K3 MHV S&D F, Rev G, 20100503 Please refer to the numerical dimensions for accuracy.
Figure 25: Case k3 - mhv single anD Dual
www.interpoint.com
Page 17 of 19 MHV Rev E - 20100503
2.320 (58.93)
0.000
0.000
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
STANDARD AND /ES (NON-QML) AND /883 (CLASS H, QML) PRODUCT ELEMENT EVALUATION
COmpOnent-level test perFOrmed
standard and /es nOn-Qml 1 M/S 2 P3
no no N/A no no no
/883 Class h Qml M/S 2
yes yes yes yes yes no
P3
yes yes N/A yes yes yes
Element Electrical (probe) Element Visual Internal Visual Final Electrical Wire Bond Evaluation
4
yes no no no no no
SLAMTM/C-SAM: Input capacitors only (Add'l test, not req. by H)
Notes: 1. Standard and /ES, non-QML products, do no meet all of the requirements of MIL-PRF-38534. 2. M/S = Active components (Microcircuit and Semiconductor Die) 3. P = Passive components 4. Not applicable to EMI filters that have no wire bonds. Definitions: Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534 SLAMTM: Scanning Laser Acoustic Microscopy C-SAM: C - Mode Scanning Acoustic Microscopy
sCreening table 1: element evaluation
www.interpoint.com
MHV Rev E - 20100503
Page 18 of 19
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input - 15 Watt
STANDARD AND /ES (NON-QML) AND /883 (CLASS H, QML) PRODUCT ENVIRONMENTAL SCREENING
test perFOrmed Pre-cap Inspection Method 2017, 2032 Temperature Cycle (10 times) Method 1010, Cond. C, -65C to 150C, ambient Method 1010, Cond. B, -55C to 125C, ambient Constant Acceleration Method 2001, 3000 g Method 2001, 500 g Burn-in 2 Method 1015, 125C case, typical 96 hours 160 hours Final Electrical Test MIL-PRF-38534, Group A Subgroups 1 through 6: -55C, +25C, +125C case Subgroups 1 and 4: +25C case Hermeticity Test Fine Leak, Method 1014, Cond. A Gross Leak, Method 1014, Cond. C Gross Leak, Dip (1 x 10-3) Final visual inspection Method 2009
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534. Notes: 1. Standard and /ES, non-QML products, do not meet all of the requirements of MIL-PRF-38534. 2. Burn-in temperature designed to bring the case temperature to +125C
125C standard nOn-Qml1
yes no no no no
125C /es nOn-Qml1
yes no yes no yes
/883 Class h Qml
yes yes no yes no
no no no yes no no yes yes
yes no no yes yes yes no yes
no yes yes no yes yes no yes
sCreening table 2: environmental sCreening
MHV Single, Dual and Triple MHV Rev E - 20100503. This revision supersedes all previous releases. All technical information is believed to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. MHV Series is a trademark of Interpoint. Copyright (c) 1999 - 2010 Interpoint Corporation. All rights reserved. www.interpoint.com
Page 19 of 19


▲Up To Search▲   

 
Price & Availability of MHV2812S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X