Part Number Hot Search : 
JANTX1N M5260 5KP10 1N5408 M5260 88PG8237 L4005 M5260
Product Description
Full Text Search
 

To Download MBR1645DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1640DC~MBR16200DC
D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS VOLTAGE 40 to 200 Volts CURRENT 16 Amperes
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MILS-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
* Case: D2PAK/TO-263 molded plastic package * Terminals: Lead solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Mounting Position: Any * Weight: 0.0514 ounces, 1.46 grams
MAXIMUM RATINGS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d ( S e e F i g ur e 1 ) P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 8 . 0 A p e r l e g M a xi m um D C R e ve r s e C ur r e nt a t TJ = 2 5 O C R a t e d D C B l o c k i ng Vo l t a g TJ = 1 0 0 O C Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L VRRM VRMS VD C IF ( A V ) IF S M VF IR RJ C TJ , TS T G
MB R1 6 4 0 D C
MB R1 6 4 5 D C
MB R1 6 5 0 D C
MB R1 6 6 0 D C
MB R1 6 8 0 D C
MB R1 6 9 0 D C
MB R1 6 1 0 0 D C
MB R1 6 1 5 0 D C
MB R1 6 2 0 0 D C
U N IT S V V V A A
40 28 40
45 31.5 45
50 35 50
60 42 60
80 56 80 16 150
90 63 90
100 70 100
150 105 150
200 140 200
0 .7 0
0 .7 5 0 .0 5 20 2 .0
0 .8 0
0 .9 0
V mA
O
C/ W C
-5 5 to +1 5 0
-65 to +175
O
STAD-APR.30.2009
PAGE . 1
MBR1640DC~MBR16200DC
RATING AND CHARACTERISTIC CURVES
INST ANTANEOUS FORWARD CURRENT AMPERES
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
20.0 16.0 12.0 8.0 4.0 0 0 20 40 60 80 100 120
O
40
= 40V = 45-200V
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
40-45V
50-60V 80-100V 150-200V
RESISTIVE OR INDUCTIVE LOAD
140 160 180
TJ = 25 C Pulse Width = 300ms 1% Duty Cycle
O
.4
.5
.6
.7
.8
0.9
1.0
1.1
CASE TEMPERATURE, C Fig.1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
INSTANTANEOUS REVERSE CURRENT, mA
PEAK FORWARD SURGE CURRENT , AMPERES
240 210 180 150 120 90 60 30 0 1 2 5 10 20 50 100
8.3ms Single Half Since-Wave JEDEC Method
1.0
T J =100 C
O
T J = 75 O C
0.1
T J = 25 O C
.01
.001 0 20 40 60 80 100 120 140
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
NO. OF CYCLE AT 60Hz
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- MAXIMUM NON - REPETITIVE SURGE CURRENT
STAD-APR.30.2009
PAGE . 2
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 0.8K per 13" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-DEC.22.2008
PAGE . 3


▲Up To Search▲   

 
Price & Availability of MBR1645DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X