Part Number Hot Search : 
APPLE BR1300 4ADTR HTCM3106 IRF7805 X2004I ECC81 2SC4774
Product Description
Full Text Search
 

To Download MAR4003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
MRA4003 - MRA400
PRV : 300 - 1000 Volts Io : 1.0 Ampere
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Pb / RoHS Free
SURFACE MOUNT RECTIFIERS
SMA
1.3 0.2 5.3 0.35 4.2 0.25 2.3 0.2
1.6 0.25 2.6 0.15
1.6 0.25
MECHANICAL DATA :
* * * * * Case : SMA Molded plastic Epoxy : UL94V-O rate flame retardant Polarity : Color band denotes cathode end Mounting position : Any Weight : 0.060 gram (Approximately)
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specifie. Single phase, half wave, 60 Hz, resistive or inductive load . For capacitive load, derate current by 20%.
RATING Maximum Repetitive Peak Reverse Voltage Maximum Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Current (at Rated VR , TL = 150 C) Maximum Non-Repetitive Peak Surge Current ( Surge applied at raed load condition, Halfwave , single phase, 60Hz) Maximum Instantaneous Forward Voltage at I F = 1.0 A., TJ = 25 C at I F = 2.0 A., TJ = 25 C Maximum Instantaneous Reverse Current ( at rated DC Voltage) TJ = 25 C Junction Temperature Range Storage Temperature Range
Note : (1) Pulse Test: Pulse Width 250 s, Duty Cycle 2%.
SYMBOL MAR4003 MAR4004 MAR4005 MAR4006 MAR4007 UNIT VRRM VRWM VDC IF(AV) 300 300 300 400 400 400 600 600 600 1.0 800 800 800 1000 1000 1000 V V V A
IFSM
30
A
VF
1.10 1.18
V
IRM TJ TSTG
10 - 55 to + 175 - 55 to + 150
A C C
Page 1 of 2
Rev. 05 : September 22, 2008
TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
RATING AND CHARACTERISTIC CURVES ( MRA4003 - MRA4007 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
2.0 50
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
Ta = 25 C
Io, AVERAGE FORWARD OUTPUT CURRENT, AMPERES
dc
1.2
Square Wave Ipk/Io =
PEAK FORWARD SURGE CURRENT, AMPERES
125 150 175
1.6
40
30
0.8
20
0.4
10
0
0
25
50
75
100
0
1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT, AMPERES
10 10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
1.0
REVERSE CURRENT, MICROAMPERES
TJ = 150 C
1.0
0.1
TJ = 25 C
0.1
TJ = 25 C
0.01 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 05 : September 22, 2008


▲Up To Search▲   

 
Price & Availability of MAR4003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X