Part Number Hot Search : 
C3357 1N2070A 2M100Z LTC23 LA1S1 SII4723 D1595 2SB822R
Product Description
Full Text Search
 

To Download LBS10101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
101.3MHz SAW Filter 2MHz Bandwidth
Part Number: LBS10101
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 35 dB Bandwidth 40 dB Bandwidth 45 dB Bandwidth 50 dB Bandwidth 55 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection(f015MHz) Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz MHz MHz MHz dB usec
Minimum
101.2 2.35 55
Typical
101.3 26.7 2.22 2.41 3.11 3.15 3.2 3.32 3.4 0.3 3.79 62 0.1013 25
Maximum
101.4 30 2.45 3.2 3.6 4.4 12.4 1 4 -
dB
KHz/C C
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
INPUT 50
L1
L2
OUTPUT 50
L1=120nH L2=100nH Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS10101 2006-5-29 1.0 Page 1/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
101.3MHz SAW Filter 2MHz Bandwidth
Part Number: LBS10101
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
35.000.5 12.800.5 4.7 4.5
0.450.05
2.540.2
7.620.2
3 6
2 1
4 5
25.400.2
2.540.2
Input Output Ground
1 5 2346
Package: DIP3512
Unit: mm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS10101 2006-5-29 1.0 Page 2/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
101.3MHz SAW Filter 2MHz Bandwidth
Part Number: LBS10101
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-22
-26.7388
Passband Respond
-23
-36.7388
-24
-46.7388
-25
-56.7388
-26
-66.7388
-27
-76.7388
-28
-29
-86.7388
-30
-96.7388
-31
-106.7388
89.3
92.3
95.3
98.3
101.3
104.3
107.3
110.3
113.3
100
100.5
101
101.5
102
102.5
Group Delay Variation(f01.1MHz)
Phase Linearity(f01.1MHz)
Smith Chart S11
Smith Chart S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS10101 2006-5-29 1.0 Page 3/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBS10101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X