Part Number Hot Search : 
ST3353 P7N50 BR1632A 7101P2 1N2837B M54566WP IRFIZ PI3B1
Product Description
Full Text Search
 

To Download IRLM6402GPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 96161
IRLML6402GPbF
l l l l l l l l
Ultra Low On-Resistance P-Channel MOSFET SOT-23 Footprint Low Profile (<1.1mm) Available in Tape and Reel Fast Switching Lead-Free Halogen-Free
HEXFET(R) Power MOSFET
D
VDSS = -20V
G S
RDS(on) = 0.065
Description
These P-Channel MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low onresistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET(R) power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in battery and load management. A thermally enhanced large pad leadframe has been incorporated into the standard SOT-23 package to produce a HEXFET Power MOSFET with the industry's smallest footprint. This package, dubbed the Micro3TM, is ideal for applications where printed circuit board space is at a premium. The low profile (<1.1mm) of the Micro3 allows it to fit easily into extremely thin application environments such as portable electronics and PCMCIA cards. The thermal resistance and power dissipation are the best available.
Micro3TM
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C EAS VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ -4.5V Continuous Drain Current, VGS @ -4.5V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
-20 -3.7 -2.2 -22 1.3 0.8 0.01 11 12 -55 to + 150
Units
V A W W/C mJ V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Typ.
75
Max.
100
Units
C/W
www.irf.com
1
07/22/08
IRLML6402GPbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. -20 --- --- --- -0.40 6.0 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. Max. Units Conditions --- --- V VGS = 0V, ID = -250A -0.009 --- V/C Reference to 25C, I D = -1mA 0.050 0.065 VGS = -4.5V, ID = -3.7A 0.080 0.135 VGS = -2.5V, ID = -3.1A -0.55 -1.2 V VDS = VGS, ID = -250A --- --- S VDS = -10V, ID = -3.7A --- -1.0 VDS = -20V, VGS = 0V A --- -25 VDS = -20V, VGS = 0V, TJ = 70C --- -100 VGS = -12V nA --- 100 VGS = 12V 8.0 12 ID = -3.7A 1.2 1.8 nC VDS = -10V 2.8 4.2 VGS = -5.0V 350 --- VDD = -10V 48 --- ID = -3.7A ns 588 --- RG = 89 381 --- RD = 2.7 633 --- VGS = 0V 145 --- pF VDS = -10V 110 --- = 1.0MHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- 29 11 -1.3 A -22 -1.2 43 17 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -1.0A, VGS = 0V TJ = 25C, IF = -1.0A di/dt = -100A/s
D
S
Notes: max. junction temperature. Pulse width 400s; duty cycle 2%.
Repetitive rating; pulse width limited by
Surface mounted on 1" square single layer 1oz. copper FR4 board,
steady state.
Starting TJ = 25C, L = 1.65mH
RG = 25, IAS = -3.7A.
** For recommended footprint and soldering techniques refer to application note #AN-994.
2
www.irf.com
IRLML6402GPbF
100
VGS -7.00V -5.00V -4.50V -3.50V -3.00V -2.70V -2.50V BOTTOM -2.25V TOP
100
-I D , Drain-to-Source Current (A)
-I D , Drain-to-Source Current (A)
VGS -7.00V -5.00V -4.50V -3.50V -3.00V -2.70V -2.50V BOTTOM -2.25V TOP
10
10
-2.25V
-2.25V
1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
TJ = 25 C
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = -3.7A
-I D , Drain-to-Source Current (A)
1.5
TJ = 150 C
1.0
0.5
10 2.0
V DS = -15V 20s PULSE WIDTH 3.0 4.0 5.0 6.0 7.0 8.0
-VGS , Gate-to-Source Voltage (V)
0.0 -60 -40 -20
VGS = -4.5V
0 20 40 60 80 100 120 140 160
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRLML6402GPbF
1000 VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
10
ID = -3.7A VDS =-10V
800
-VGS , Gate-to-Source Voltage (V)
8
C, Capacitance(pF)
Ciss
600
6
400
4
200
Coss Crss
2
0 1 10 100
0
FOR TEST CIRCUIT SEE FIGURE 13
0 3 6 9 12
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
-ID , Drain Current (A) I
10us 10 100us
10
TJ = 150 C
1
1
1ms
TJ = 25 C
10ms
0.1 0.2
V GS = 0 V
0.4 0.6 0.8 1.0 1.2
0.1 0.1
TC = 25 C TJ = 150 C Single Pulse
1 10 100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRLML6402GPbF
4.0 25
EAS , Single Pulse Avalanche Energy (mJ)
-ID , Drain Current (A)
3.0
20
ID -1.7A -3.0A BOTTOM -3.7A TOP
15
2.0
10
1.0
5
0.0
25
50
75
100
125
150
0
TC , Case Temperature ( C)
25
Starting TJ , Junction Temperature ( C)
50
75
100
125
150
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10. Maximum Avalanche Energy Vs. Drain Current
1000
Thermal Response (Z thJA )
100 D = 0.50 0.20 10 0.10 0.05 0.02 0.01 1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.0001 0.001 0.01 0.1 1 10 PDM t1 t2
0.1 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRLML6402GPbF
RDS ( on ) , Drain-to-Source On Resistance ( )
0.14
0.20 VGS = -2.5V 0.16
RDS(on) , Drain-to -Source Voltage ( )
0.12
0.10
0.12
0.08
0.06
Id = -3.7A
0.08
VGS = -4.5V
0.04
0.04
0.02 2.0 3.0 4.0 5.0 6.0 7.0
0.00 0 5 10 15 20 25 30 -I D , Drain Current ( A )
-VGS, Gate -to -Source Voltage ( V )
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
6
www.irf.com
IRLML6402GPbF
Micro3 (SOT-23) (Lead-Free) Package Outline
Dimensions are shown in millimeters (inches)
6 D A 5
DIMENSIONS
SYMBOL MILLIMETERS MIN MAX INCHES MIN MAX
3 6 E1 1 2
E
0.15 [0.006] M C B A
5
B
e e1
A A2 C H 4
L1
c
0.10 [0.004] C
L2 3X L 7
A1
3X b
0.20 [0.008] M C B A
A A1 A2 b c D E E1 e e1 L L1 L2
0.89 0.01 0.88 0.30 0.08 2.80 2.10 1.20 0.95 1.90 0.40 0.54 0.25 0
1.12 0.10 1.02 0.50 0.20 3.04 2.64 1.40 BSC BSC 0.60 REF BSC 8
"$
0.0004
"$ ! " '" #& "& &$ % !
0
## # # ! ' ! # $$ 7T8 7T8A !#
REF BSC 8
Recommended Footprint
0.972
0.950
NOTES: 1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1994 2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES]. 3. CONTROLLING DIMENSION: MILLIMETER. 4. DATUM PLANE H IS LOCATED AT THE MOLD PARTING LINE. 5. DATUM A AND B TO BE DETERMINED AT DATUM PLANE H. 6. DIMENSIONS D AND E1 ARE MEASURED AT DATUM PLANE H. DIMENSIONS DOES NOT INCLUDE MOLD PROTRUSIONS OR INTERLEAD FLASH. MOLD PROTRUSIONS OR INTERLEAD FLASH SHALL NOT EXCEED 0.25 MM [0.010 INCH] PER SIDE. 7. DIMENSION L IS THE LEAD LENGTH FOR SOLDERING TO A SUBSTRATE. 8. OUTLINE CONFORMS TO JEDEC OUTLINE TO-236 AB.
0.802
2.742
1.900
Micro3 (SOT-23 / TO-236AB) Part Marking Information
Micro3 / SOT-23 Package Marking
XA2A !%ADAAQS@8@9@9A7AG6TUA9DBDUAPAA86G@I96SA@6S
Y = YEAR W = WEEK
PART NUMBER
A YW LC
HALOGEN FREE INDICATOR LOT CODE
@6S ! !! !" !# !$ !% !& !' !( !
! " # $ % & ' (
XPSF X@@F ! " #
X 6 7 8 9
PART NUMBER CODE REFERENCE: A = IRLML2402 B =IRLML2803 C = IRLML2402 D = IRLML5103 E = IRLML6402 F = IRLML6401 G = IRLML2502 H = IRLML5203 Note: A line above the work week (as shown here) indicates Lead-free
!# !$ !% XPSF X@@F !& !' !( "
Y a
XA2A!&$!ADAAQS@8@9@9A7A6AG@UU@S @6S ! !! !" !# !$ !% !& !' !( ! 6 7 8 9 @ A B C E F X 6 7 8 9
$ $ $!
Y a
Note: For the most current drawing please refer to IR website at http://www.irf.com/package
www.irf.com
7
IRLML6402GPbF
Micro3TM Tape & Reel Information
Dimensions are shown in millimeters (inches)
2.05 ( .080 ) 1.95 ( .077 ) 4.1 ( .161 ) 3.9 ( .154 ) 1.6 ( .062 ) 1.5 ( .060 )
1.85 ( .072 ) 1.65 ( .065 )
1.32 ( .051 ) 1.12 ( .045 )
TR
3.55 ( .139 ) 3.45 ( .136 )
8.3 ( .326 ) 7.9 ( .312 )
FEED DIRECTION
4.1 ( .161 ) 3.9 ( .154 )
1.1 ( .043 ) 0.9 ( .036 )
0.35 ( .013 ) 0.25 ( .010 )
178.00 ( 7.008 ) MAX.
9.90 ( .390 ) 8.40 ( .331 ) NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Note: For the most current drawing please refer to IR website at http://www.irf.com/package
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 07/2008
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRLM6402GPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X