Part Number Hot Search : 
UPB8282C MMJT9435 AP430206 AD578KN 87C51F ISL611 LB1922 FCH47N6
Product Description
Full Text Search
 

To Download HPR710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OBSOLETE PRODUCT
Contact factory for replacement model
HPR7XX
FEATURES
EFFICIENCY >80% SIP PACKAGE HIGH POWER DENSITY: > 16 WATTS/INCH3 LOW COST
5 WATT UNREGULATED SIP DC/DC CONVERTER
SINGLE AND DUAL OUTPUTS INTERNAL INPUT AND OUTPUT FILTERING SIX-SIDED SHIELDING
DESCRIPTION
The HPR7XX Series provides high power densities where space is critical. The small SIP package measures only 2.2" x .3" x .4" (56 x 9 x 10 mm). Designed for high density boards, the package is non-conductive, which presents advantages over painted metal enclosures. The series includes many different voltage models (other input and output voltages are available upon request), all set in a low thermal resistance molding compound, called Iso-ThermoFlex , which provides excellent heat dissipation of internal components. The use of surface mount devices and manufacturing processes, combined with the encapsulation process, assure the user that the product is more environmentally rugged than any other DC/ DC converter of its type. Operation down to no load will not impact the reliability of the series, although this product has a 10mA minimum load for specification purposes. It is recommended that all pins be used for current carrying capacity even though duplicate pin-outs are internally connected. The HPR7XX has 500VDC isolation barrier between input and output, offering the designer maximum flexibility in grounding options and polarity configurations. The outstanding MTTF, superior reliability, and low cost make it an excellent choice for any high power- density applications.
MECHANICAL
2.210 + 0-.10 (56.13)
PIN CONNECTIONS: Duals
1. +VIN 2. +VIN 6. -VIN 7. -VIN 9. -VIN 14. +VOUT 15. COM 19. COM 20. -VOUT
TOP VIEW
0.340 + .010 (8.64)
PIN CONNECTIONS: Singles
1. +VIN 2. +VIN 7. -VIN 9. -VIN 14. +VOUT 15. +VOUT 19. -VOUT 20. -VOUT
FRONT VIEW
0.030 + -.010 (0.76) CL 0.020 + .002 (0.51)
0.400 + .010 (10.16) 0.140 + .020 (3.56) 0.050 + .015 (1.27)
6. -VIN
0.140 + .020 (3.56) 0.010 + .002 (0.25)
0.155 + -.15 (3.94)
RIGHT SIDE VIEW
BOTTOM VIEW
12 67 9 14 15 19 20
All dimensions are in inches (millimeters) GRID: 0.100 inches (2.54 millimeters) PIN PLACEMENT TOLERANCE: 0.015"
HPR7XX
REV C
12/08
Page 1
ELECTRICAL CHARACTERISTICS
NOMINAL INPUT VOLTAGE (VDC) 5 5 5 5 12 12 12 15 15 RATED OUTPUT VOLTAGE (VDC) 5 5 12 15 5 12 15 5 15 RATED OUTPUT CURRENT (mA) 1000 500 208 167 1000 208 167 1000 167 INPUT CURRENT NO LOAD RATED LOAD (mA) 70 70 70 70 25 25 25 20 20 (mA) 1250 1250 1190 1190 490 490 490 407 392 REFLECTED RIPPLE CURRENT (mAp-p) 15 15 15 15 15 15 15 15 15 EFFICIENCY (%) 80 80 84 84 80 85 85 82 85
MODEL HPR700 HPR703 HPR704 HPR705 HPR706 HPR710 HPR711 HPR712 HPR717
Note: Other input to output voltage options may be available. Please consult factory.
COMMON SPECIFICATIONS
PARAMETER INPUT Voltage Range CONDITIONS MIN TYP MAX UNITS VDC VDC VDC
Voltage Rise Time ISOLATION Rated Voltage Test Voltage Resistance Capacitance Leakage Current OUTPUT Rated Power Voltage Setpoint Accuracy Temperature Coefficent Ripple & Noise Voltage
4.75 5 5.25 11.4 12 12.6 14.2 15 15.8 See Application Note: "Capacitive Loading Effects on Start-Up of DC/DC Converters"
60 Hz, 10 seconds
500 500 1 55 5
VISO= 240VAC, 60Hz
VDC Vpk GW pF Arms
Rated Load, Nominal VIN BW = DC to 10MHz BW =10Hz to 2MHz IL=10mA, VOUT = 5V IL=10mA, VOUT = 12V IL=10mA, VOUT = 15V
5 3 0.05 50 5 5.75 13.10 16.25
W % %/Deg C mVp-p mVrms VDC VDC VDC
REGULATION Line Regulation Load Regulation (5V out only) Load Regulation (All other Models) GENERAL Switching Frequency Package Weight MTTF per MIL-HDBK-217, Rev. E Ground Benign TEMPERATURE Specification Operation Storage
High Line to Low Line Rated Load to No Load Rated Load to No Load
1.2 15 10
%/%Vin % %
170 7 Circuit Stress Method TA = +25C 2000
kHz g kHr
-25 -40 -40
+25
+70 +85 +110
C C C
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation.......................................................................1.7W Short Circuit Protection..................................................................Momentary Lead Temperature (soldering, 10 seconds max)................................+300C
ORDERING INFORMATION
HPR Device Family HPR indicates DC/DC converter Model Number Screening Option 7XX /H
Page 2
HPR7XX
REV C
12/08
TYPICAL PERFORMANCE CURVES
5.6 5.4 5.2 Vout 5.0 4.8 10 Vout VOUT VS LOAD (5VOUT Models) 5.6 5.4 5.2 5.0 4.8 10 VOUT VS LOAD (+5VOUT Models)
250
500
750
1000
250
500
750
1000
Output Current (mA) VOUT VS LOAD (+12VOUT Models)
Output Current (mA) VOUT VS LOAD (+15VOUT Models)
12.6 12.4 12.2 Vout
15.6 15.4 15.2 Vout 15.0 14.8 10
12.0 11.8 10 250 500 750 1000
250
500
750
1000
Output Current (mA)
Output Current (mA)
The information provided herein is believed to be reliable; however, MuraTA POWER SOLUTIONS assumes no responsibility for inaccuracies or omissions. MuraTA POWER SOLUTIONS assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. MuraTA POWER SOLUTIONS does not authorize or warrant any MuraTA POWER SOLUTIONS product for use in life support devices/systems or in aircraft control applications.
USA: Canada: UK:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
France: Japan: China:
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
HPR7XX
REV C
12/08
Page 3


▲Up To Search▲   

 
Price & Availability of HPR710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X