Part Number Hot Search : 
1H333J ICL7663 61030 W4XME1C MC1455P1 DBF150 GN1A4Z V2044
Product Description
Full Text Search
 

To Download HFS5N60S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFS5N60S
Aug 2007
BVDSS = 600 V
HFS5N60S
600V N-Channel MOSFET
FEATURES
Originative New Design Superior Avalanche Rugged Technology Robust Gate Oxide Technology Very Low Intrinsic Capacitances Excellent Switching Characteristics Unrivalled Gate Charge : 10.5 nC (Typ.) Extended Safe Operating Area Lower RDS(ON) : 2.0 (Typ.) @VGS=10V 100% Avalanche Tested
RDS(on) typ = 2.0 ID = 4.5 A
TO-220F
1
2
3
1.Gate 2. Drain 3. Source
Absolute Maximum Ratings
Symbol VDSS ID IDM VGS EAS IAR EAR dv/dt PD TJ, TSTG TL Drain-Source Voltage Drain Current Drain Current Drain Current Gate-Source Voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt
TC=25 unless otherwise specified
Parameter
Value 600
Units V A A A V mJ A mJ V/ns W W/
- Continuous (TC = 25) - Continuous (TC = 100) - Pulsed
(Note 1)
4.5* 2.6* 18* 30
(Note 2) (Note 1) (Note 1) (Note 3)
210 4.5 10 4.5 33 0.26 -55 to +150 300
Power Dissipation (TC = 25) - Derate above 25 Operating and Storage Temperature Range Maximum lead temperature for soldering purposes, 1/8" from case for 5 seconds
* Drain current limited by maximum junction temperature
Thermal Resistance Characteristics
Symbol RJC RJA Junction-to-Case Junction-to-Ambient Parameter Typ. --Max. 3.79 62.5 /W Units
SEMIHOW REV.A0,Aug 2007
HFS5N60S
Electrical Characteristics TC=25 C
Symbol Parameter
unless otherwise specified
Test Conditions
Min
Typ
Max
Units
On Characteristics
VGS RDS(ON) Gate Threshold Voltage Static Drain-Source On-Resistance VDS = VGS, ID = 250 VGS = 10 V, ID = 2.25 A 2.5 --2.0 4.5 2.5 V
Off Characteristics
BVDSS Drain-Source Breakdown Voltage VGS = 0 V, ID = 250 ID = 250 , Referenced to25 VDS = 600 V, VGS = 0 V VDS = 480 V, TC = 125 VGS = 30 V, VDS = 0 V VGS = -30 V, VDS = 0 V 600 ------0.6 ------1 10 100 -100 V V/ BVDSS Breakdown Voltage Temperature Coefficient /TJ IDSS IGSSF IGSSR Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25 V, VGS = 0 V, f = 1.0 MHz ---520 60 8.0 680 80 10.5
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
(Note 4,5)
VDS = 300 V, ID = 4.5 A, RG = 25
--------
11 45 40 48 10.5 2.5 4.0
33 90 88 100 13.5 ---
nC nC nC
VDS = 480V, ID = 4.5 A, VGS = 10 V
(Note 4,5)
Source-Drain Diode Maximum Ratings and Characteristics
IS ISM VSD trr Qrr Continuous Source-Drain Diode Forward Current Pulsed Source-Drain Diode Forward Current Source-Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge IS = 4.5 A, VGS = 0 V IS = 4.5 A, VGS = 0 V diF/dt = 100 A/s (Note 4) --------300 2.2 4.5 18 1.4 --A V C
Notes ; 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L=18.9mH, IAS=4.5A, VDD=50V, RG=25, Starting TJ =25C 3. ISD4.5A, di/dt200A/s, VDDBVDSS , Starting TJ =25 C 4. Pulse Test : Pulse Width 300s, Duty Cycle 2% 5. Essentially Independent of Operating Temperature
SEMIHOW REV.A0,Aug 2007
HFS5N60S
Typical Characteristics
ID , Drain Current [A]
101 150oC 25oC 10
0
ID, Drain Current [A]
-55oC
* Note 1. VDS = 50V 2. 250s Pulse Test
10-1
VDS, Drain-Source Voltage [V]
2
4
6
8
10
VGS , Gate-Source Voltage [V]
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
6 5 VGS = 10V 4 3 2 1
* Note : TJ = 25 C
o
IDR , Reverse Drain Current [A]
RDS(on) , [] Drain-Source On-Resistance
101
100 150oC 25oC
* Note : 1. VGS = 0V 2. 250s Pulse Test
VGS = 20V
0
0
2
4
6
8
10
10-1 0.2
0.4
0.6
0.8
1.0
1.2
1.4
ID , Drain Current [A]
VSD , Source-Drain Voltage [V]
Figure 3. On Resistance Variation vs Drain Current and Gate Voltage
1000
12
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
Figure 4. Body Diode Forward Voltage Variation with Source Current and Temperature
800
VGS, Gate-Source Voltage [V]
10
VDS = 120V VDS = 300V
Ciss
Capacitances [pF]
8
VDS = 480V
600
Coss
400
* Note ; 1. VGS = 0 V 2. f = 1 MHz
6
4
200
Crss
2
* Note : ID = 4.5A
0 10-1
0
100
101
0
2
4
6
8
10
12
VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
SEMIHOW REV.A0,Aug 2007
HFS5N60S
Typical Characteristics
(continued)
1.2
2.5
BVDSS, (Normalized) Drain-Source Breakdown Voltage
RDS(ON), (Normalized) Drain-Source On-Resistance
2.0
1.1
1.5
1.0
1.0
0.9
* Note : 1. VGS = 0 V 2. ID = 250 A
0.5
* Note : 1. VGS = 10 V 2. ID = 2.25 A
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
0
50
100
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [oC]
Figure 7. Breakdown Voltage Variation vs Temperature
5
Figure 8. On-Resistance Variation vs Temperature
Operation in This Area is Limited by R DS(on)
101
100 s 1 ms 10 ms 100 ms DC
4
ID, Drain Current [A]
ID, Drain Current [A]
103
3
100
2
10
-1
* Notes : 1. TC = 25 oC 2. TJ = 150 oC 3. Single Pulse
1
10-2 100
101
102
0 25
50
75
100
125
150
VDS, Drain-Source Voltage [V]
TC, Case Temperature [oC]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current vs Case Temperature
D=0.5
ZJC(t), Thermal Response
100
0.2 0.1 0.05
* Notes : 1. ZJC(t) = 3.79 oC/W Max. 2. Duty Factor, D=t1/t2 3. TJM - TC = PDM * ZJC(t)
10-1
0.02 0.01
PDM
single pulse
10-2 10-5 10-4 10-3 10-2 10-1
t1
t1, Square Wave Pulse Duration [sec]
t2
101
100
Figure 11. Transient Thermal Response Curve
SEMIHOW REV.A0,Aug 2007
HFS5N60S
Fig 12. Gate Charge Test Circuit & Waveform
50K 12V 200nF 300nF
Same Type as DUT VDS
VGS Qg
10V
VGS
Qgs
Qgd
DUT
3mA
Charge
Fig 13. Resistive Switching Test Circuit & Waveforms
VDS RG
RL VDD
( 0.5 rated VDS )
VDS
90%
10V
DUT
Vin
10%
td(on) t on
tr
td(off) t off
tf
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
L VDS VDD ID RG DUT VDD BVDSS IAS
BVDSS 1 EAS = ---- LL IAS2 -------------------2 BVDSS -- VDD
ID (t) VDS (t)
tp
10V
Time
SEMIHOW REV.A0,Aug 2007
HFS5N60S
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT + VDS _ IS L Driver RG
Same Type as DUT
VDD
VGS
* dv/dt controlled by RG * IS controlled by pulse period
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
IFM , Body Diode Forward Current
IS ( DUT ) IRM
di/dt
Body Diode Reverse Current
VDS ( DUT )
Body Diode Recovery dv/dt
Vf
VDD
Body Diode Forward Voltage Drop
SEMIHOW REV.A0,Aug 2007
HFS5N60S
Package Dimension
TO-220F
0.20
.18 3 0 0.2
0.20
2.540.20 0.700.20
15.870.20
3.300.20
12.420.20
6.680.20
2.760.20
9.750.20
1.47max
0.800.20 2.54typ 2.54typ
0.500.20
SEMIHOW REV.A0,Aug 2007


▲Up To Search▲   

 
Price & Availability of HFS5N60S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X