Part Number Hot Search : 
DUM34 07028 EM91710B SG190 IR21592 0EP16 B0100 X6874D
Product Description
Full Text Search
 

To Download FODM301109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FODM30XX -- 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
April 2009
FODM3011, FODM3012, FODM3022, FODM3023, FODM3052, FODM3053 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Features
Compact 4-pin surface mount package (2.4 mm
Applications (Continued)
Solid state relay Lamp ballasts Solenoid/valve controls Static AC power switch Incandescent lamp dimmers Motor control

maximum standoff height) Peak blocking voltage 250V (FODM301X) 400V (FODM302X) 600V (FODM305X) Available in tape and reel quantities of 2500. Add "NF098" for new construction version with 260C max. reflow temperature rating UL, C-UL and VDE certifications pending
Description
The FODM301X, FODM302X, and FODM305X series consists of a GaAs infrared emitting diode driving a silicon bilateral switch housed in a compact 4-pin mini-flat package. The lead pitch is 2.54mm. They are designed for interfacing between electronic controls and power triacs to control resistive and inductive loads for 115V/240V operations.
Applications
Industrial controls Traffic lights Vending machines
Package Dimensions
4.400.20
2.540.25
ANODE 1
MAIN 4 TERMINAL
3.600.30 2.000.20
5.300.30
CATHODE 2
MAIN 3 TERMINAL
0.200.05
0.100.10 0.400.10 7.00 +0.2 -0.7
Note: All dimensions are in millimeters.
(c)2003 Fairchild Semiconductor Corporation FODM30XX Rev. 1.0.6
www.fairchildsemi.com
FODM30XX -- 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Absolute Maximum Ratings (TA = 25C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
TOTAL PACKAGE TSTG TOPR EMITTER IF (avg) IF (pk) VR PD DETECTOR IT(RMS) VDRM On-State RMS Current Storage Temperature Operating Temperature
Parameter
Value
-55 to +150 -40 to +100 60 1 3 100 70 FODM3011/FODM3012 FODM3022/FODM3023 FODM3052/FODM3053 250 400 600 300
Units
C C mA A V mW mA (RMS) V
Continuous Forward Current Peak Forward Current (1s pulse, 300pps.) Reverse Input Voltage Power Dissipation (No derating required over operating temp. range)
Off-State Output Terminal Voltage
PD
Power Dissipation (No derating required over operating temp. range)
mW
(c)2003 Fairchild Semiconductor Corporation FODM30XX Rev. 1.0.6
www.fairchildsemi.com 2
FODM30XX -- 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Electrical Characteristics (TA = 25C)
Individual Component Characteristics Symbol
EMITTER VF IR IDRM dV/dt Input Forward Voltage Reverse Leakage Current Peak Blocking Current Either Direction Critical Rate of Rise of Off-State Voltage IF = 10mA VR = 3V, TA = 25C Rated VDRM, IF = 0(1) IF = 0 (Figure 8)(2) All All All FODM3011, FODM3012, FODM3022, FODM3023 FODM3052, FODM3053 1,000 1.20 0.01 2 10 1.5 100 100 V A nA V/s
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
DETECTOR
Transfer Characteristics Symbol
IFT
DC Characteristics
LED Trigger Current
Test Conditions
Main Terminal Voltage = 3V(3)
Device
FODM3011, FODM3022, FODM3052 FODM3012, FODM3023, FODM3053
Min.
Typ.*
Max.
10
Unit
mA
5
IH VTM
Holding Current, Either Direction Peak On-State Voltage Either ITM = 100mA peak Direction
All All
300 1.7 3
A V
Isolation Characteristics Symbol
VISO
Characteristic
Steady State Isolation Voltage
Test Conditions
1 Minute, R.H. = 40% to 60%
Device
All
Min.
3750
Typ.*
Max.
Unit
VRMS
*All typicals at TA = 25C Notes: 1. Test voltage must be applied within dv/dt rating. 2. This is static dv/dt. See Figure 1 for test circuit Commutating dv/dt is function of the load-driving thyristor(s) only. 3. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max IFT (10mA for FODM3011, FODM3022, and FODM3052, 5mA for FODM3012, FODM3023, and FODM3053) and absolute max IF (60mA).
(c)2003 Fairchild Semiconductor Corporation FODM30XX Rev. 1.0.6
www.fairchildsemi.com 3
FODM30XX -- 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Typical Performance Curves
Fig. 1 LED Forward Voltage vs. Forward Current
1.8 1.7 1000 VDRM = 600V
Fig. 2 Leakage Current vs. Ambient Temperature
IDRM - LEAKAGE CURRENT (nA)
1.6
VF - FORWARD VOLTAGE (V)
100
1.5 1.4 1.3 1.2 1.1 1.0 0.9 1 10 IF - FORWARD CURRENT (mA) 100 TA = 25C TA = 100C
TA = -40C
10
1
0.1 -40
-20
0
20
40
60
80
100
T A - AMBIENT TEMPERATURE (C)
Fig. 3 Holding Current vs. Ambient Temperature
10 1.6 NORMALIZED TO TA = 25C
Fig. 4 Trigger Current vs. Ambient Temperature
VTM = 3V NORMALIZED TO TA = 25C
I H - HOLDING CURRENT (NORMALIZED)
I FT - TRIGGER CURRENT (NORMALIZED)
-20 0 20 40 60 80 100
1.4
1.2
1.0
1.0
0.8
0.6
0.1 -40
T A - AMBIENT TEMPERATURE (C)
0.8 -40
-20
0
20
40
60
80
100
T A - AMBIENT TEMPERATURE (C)
(c)2003 Fairchild Semiconductor Corporation FODM30XX Rev. 1.0.6
www.fairchildsemi.com 4
FODM30XX -- 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Typical Performance Curves (Continued)
Fig. 5 LED Current Required to Trigger vs. LED Pulse Width
12 IFT - LED TRIGGER CURRENT (NORMALIZED) TA =T 25C A NORMALIZED TO PW IN >> 100s 10 V DRM- OFF-STATE OUTPUT TERMINAL VOLTAGE
Fig. 6 Off-State Output Terminal Voltage vs. Ambient Temperature
1.4 NORMALIZED TO T = 25C A 1.3 1.2 (NORMALIZED) 1.1 1.0 0.9 0.8 0.7 0.6 -40
8
6
4
2
0 1 10 PW IN - LED TRIGGER PULSE WIDTH (C) 100
-20
0
20
40
60
80
100
T A - AMBIENT TEMPERATURE (C)
Fig. 7 On-State Characteristics
800 TA = 25C 600 ITM - ON-STATE CURRENT (mA)
400
200
0
-200
-400
-600
-800 -4 -3 -2 -1 0 1 2 3 4 VTM - ON-STATE VOLTAGE (V)
(c)2003 Fairchild Semiconductor Corporation FODM30XX Rev. 1.0.6
www.fairchildsemi.com 5
FODM30XX -- 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Typical Application Information
600V (FODM3052) (FODM3053) 400V (FODM3022) Vdc (FODM3023) 250V (FODM3011) (FODM3012) PULSE INPUT
RTEST
R = 10 k CTEST
MERCURY WETTED RELAY
D.U.T.
X100 SCOPE PROBE
1. The mercury wetted relay provides a high speed repeated pulse to the D.U.T. 2. 100x scope probes are used, to allow high speeds and voltages. 3. The worst-case condition for static dv/dt is established by triggering the D.U.T. with a normal LED input current, then removing the current. The variable RTEST allows the dv/dt to be gradually increased until the D.U.T. continues to trigger in response to the applied voltage pulse, even after the LED current has been removed. The dv/dt is then decreased until the D.U.T. stops triggering. RC is measured at this point and recorded.
Vmax = 600 V (FODM3052, FODM3053) = 400 V (FODM3022, FODM3023) = 250 V (FODM3011, FODM3012) dv/dt = 0.63 Vmax
RC
APPLIED VOLTAGE WAVEFORM
378 V (FODM3052, FODM3053) 252 V (FOMD3022, FODM3023) 158 V (FODM3011, FODM3012)
RC
0 VOLTS
NOTE: This optoisolator should not be used to drive a load directly. It is intended to be a trigger device only.
Figure 8. Static dv/dt Test Circuit
378 = (FODM3053) RC (FODM3052) 252 = (FODM3023) RC (FODM3022) 158 = (FODM3011) RC (FODM3012)
RL Rin VCC 1 FODM3011 FODM3012 FODM3022 FODM3023 FODM3052 FODM3053 4 180 120 V 60 Hz
2
3
Figure 9. Resistive Load
ZL Rin VCC 1 FODM3011 FODM3012 FODM3022 FODM3023 FODM3052 FODM3053 4 180 2.4k 120 V 60 Hz 0.1 F 3 C1
2
Figure 10. Inductive Load with Sensitive Gate Triac (IGT 15 mA)
(c)2003 Fairchild Semiconductor Corporation FODM30XX Rev. 1.0.6
www.fairchildsemi.com 6
FODM30XX -- 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Typical Application Information (Continued)
Rin VCC FODM3022 FODM3023 FODM3052 FODM3053 0.05 F 3 0.01 F LOAD GROUND 39 240 VAC 1 4 360 470 HOT
2
In this circuit the "hot" side of the line is switched and the load connected to the cold or ground side. The 39 resistor and 0.01F capacitor are for snubbing of the triac, and the 470 resistor and 0.05F capacitor are for snubbing the coupler. These components may or may not be necessary depending upon the particular and load used.
Figure 11. Typical Application Circuit
(c)2003 Fairchild Semiconductor Corporation FODM30XX Rev. 1.0.6
www.fairchildsemi.com 7
FODM30XX -- 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Ordering Information
Option
V_NF098 R2_NF098 R2V_NF098
Description
VDE Approved Tape and Reel (2500 units) Tape and Reel (2500 units) and VDE Approved
Note: To specify the new construction version with 260C max reflow peak temperature rating: Add "NF098" to the end of the part number. The non NF098 version is rated for 230C peak reflow temperature.
Marking Information
1
3011 V X YY R
3 4 5
2 6
Definitions
1 2 3 4 5 6 Fairchild logo Device number VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) One digit year code Two digit work week ranging from `01' to `53' Assembly package code
(c)2003 Fairchild Semiconductor Corporation FODM30XX Rev. 1.0.6
www.fairchildsemi.com 8
FODM30XX -- 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Tape Specifications
K0
t
P0
P 2
D0 E
A0 W1 B0 F
W
d
P
2.54 Pitch Description
Tape Width Tape Thickness Sprocket Hole Pitch Sprocket Hole Dia. Sprocket Hole Location Pocket Location
D1
Symbol
W t P0 D0 E F P2
Dimensions
12.000.4 0.350.02 4.000.20 1.550.20 1.750.20 5.500.20 2.000.20 8.000.20 4.750.20 7.300.20 2.300.20 1.550.20 9.20 0.0650.02 20 max 2500 330 mm (13")
Pocket Pitch Pocket Dimension
P A0 B0 K0
Pocket Hole Dia. Cover Tape Width Cover Tape Thickness Max. Component Rotation or Tilt Devices Per Reel Reel Diameter
D1 W1 d
(c)2003 Fairchild Semiconductor Corporation FODM30XX Rev. 1.0.6
www.fairchildsemi.com 9
FODM30XX -- 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Footprint Drawing for PCB Layout
0.80
1.00
6.50
2.54 Note: All dimensions are in mm.
(c)2003 Fairchild Semiconductor Corporation FODM30XX Rev. 1.0.6
www.fairchildsemi.com 10
FODM30XX -- 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Reflow Profile
260 240 TL 220 200 180 160 140 120 100 80 60 40 20 0 TP
Max. Ramp-up Rate = 3C/S Max. Ramp-down Rate = 6C/S
tP Tsmax Preheat Area Tsmin ts tL
Temperature (C)
120 Time 25C to Peak
240
360
Time (seconds)
Profile Freature
Temperature Min. (Tsmin) Temperature Max. (Tsmax) Time (tS) from (Tsmin to Tsmax) Ramp-up Rate (tL to tP) Liquidous Temperature (TL) Time (tL) Maintained Above (TL) Peak Body Package Temperature Time (tP) within 5C of 260C Ramp-down Rate (TP to TL) Time 25C to Peak Temperature
Pb-Free Assembly Profile
150C 200C 60-120 seconds 3C/second max. 217C 60-150 seconds 260C +0C / -5C 30 seconds 6C/second max. 8 minutes max.
(c)2003 Fairchild Semiconductor Corporation FODM30XX Rev. 1.0.6
www.fairchildsemi.com 11
FODM30XX -- 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. Auto-SPMTM Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM* TM*
(R)
Fairchild Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) (R) FAST FastvCoreTM FETBenchTM FlashWriter(R)* FPSTM
(R)
F-PFSTM FRFET(R) SM Global Power Resource Green FPSTM Green FPSTM e-SeriesTM GmaxTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
PowerTrench(R) PowerXSTM Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM TM Saving our world, 1mW/W/kW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SupreMOSTM SyncFETTM Sync-LockTM (R) *
The Power Franchise(R)
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM TriFault DetectTM TRUECURRENTTM* SerDesTM UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM XSTM
PDP SPMTM Power-SPMTM
* Trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Fairchild's Anti-Counterfeiting Policy is also stated on our external website, www.fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufacturers of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed applications, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handling and storage and provide access to Fairchild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address any warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary No Identification Needed Obsolete Product Status Formative / In Design First Production Full Production Not In Production Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I40
(c)2003 Fairchild Semiconductor Corporation FODM30XX Rev. 1.0.6
www.fairchildsemi.com 12


▲Up To Search▲   

 
Price & Availability of FODM301109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X