Part Number Hot Search : 
EV004 AX863 MX7224UQ AME7107R BGO807C 102M000 302QZ SD335
Product Description
Full Text Search
 

To Download EIM0618-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIM0618-3
UPDATED 11/01/2005
6.0 - 18.0 GHz 3-Watt Power Module
FEATURES
* * * * * 6.0 - 18.0 GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +35.0 dBm Output Power at 1dB Compression 25.5 dB Power Gain at 1dB Compression 30% Power Added Efficiency
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G VSWR PAE Id1dB PARAMETERS/TEST CONDITIONS Output Power at 1dB Compression f = 6.0-18.0GHz VDS = 8 V, IDQ 1500mA Gain at 1dB Compression f = 6.0-18.0GHz VDS = 8 V, IDQ 1500mA Gain Flatness f = 6.0-18.0GHz VDS = 8 V, IDQ 1500mA Input/Output VSWR f = 6.0-18.0GHz Power Added Efficiency at 1dB Compression VDS = 8 V, IDQ 1500mA f = 6.0-18.0 GHz Drain Current at 1dB Compression f = 6.0-18.0 GHz MIN 34.0 24.0 TYP 35.0 25.5 2.0 1.5:1 30 1500 2000 2.0:1 % mA MAX UNITS dBm dB dB
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 page 1 of 2 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com Revised November 2005
EIM0618-3
UPDATED 11/01/2005
6.0 - 18.0 GHz 3-Watt Power Module
ABSOLUTE MAXIMUM RATINGS FOR CONTINUOUS OPERATION1,2
SYMBOL VDS VGS IDS IGSF PIN PT TCH TSTG CHARACTERISTIC Drain to Source Voltage Gate to Source Voltage Drain Current Forward Gate Current Input Power Total Power Dissipation Channel Temperature Storage Temperature ABSOLUTE1 12 V -8 V IDSS 500 mA 27 dBm 28.8 W 175C -65/+175C CONTINUOUS2 8V -3 V 3.04 A 86 mA @ 3dB compression 24.2 W 150C -65/+150C
Note: 1 Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Typical Power Data (VDS = 8 V, IDSQ = 1500 mA)
37 36 35
P-1dB (dBm)
P-1dB & G-1dB vs Frequency
31 30 29
34 33 32 31 30 6.0 8.0
P-1dB (dBm)
G-1dB (dB)
28 27 26 25 24 18.0
10.0
12.0
14.0
16.0
Frequency (GHz)
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 page 2 of 2 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com Revised November 2005
G-1dB (dB)


▲Up To Search▲   

 
Price & Availability of EIM0618-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X