|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DCX51/-16 PNP SURFACE MOUNT TRANSISTOR Features NEW PRODUCT * * * * * * Epitaxial Planar Die Construction Complementary NPN Type Available (DCX54) Ideally Suited for Automated Assembly Processes Ideal for Medium Power Switching or Amplification Applications Lead Free By Design/RoHS Compliant (Note 1) "Green" Device (Note 2) SOT89-3L COLLECTOR 2,4 Mechanical Data * * * * * * * Case: SOT89-3L Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish -- Matte Tin annealed over Copper leadframe (Lead Free Plating). Solderable per MIL-STD-202, Method 208 Marking & Type Code Information: See Page 3 Ordering Information: See Page 3 Weight: 0.072 grams (approximate) @TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO ICM IC 3E C4 2C 1B TOP VIEW 1 BASE 3 EMITTER Schematic and Pin Configuration Maximum Ratings Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Value -45 -45 -5 -1.5 -1 Unit V V V A A Thermal Characteristics Characteristic Power Dissipation (Note 3) @ TA = 25C Thermal Resistance, Junction to Ambient Air @ TA = 25C Operating and Storage Temperature Range (Note 3) Symbol PD RJA Tj, TSTG Value 1 125 -55 to +150 Unit W C/W C Electrical Characteristics Characteristic OFF CHARACTERISTICS (Note 4) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current ON CHARACTERISTICS (Note 4) Collector-Emitter Saturation Voltage Base-Emitter Turn-On Voltage @TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(SAT) VBE(ON) DCX51, DCX51-16 hFE Min -45 -45 -5 63 40 63 100 Typ 200 Max -100 -20 -100 -0.5 -1.0 250 250 25 Unit V V V nA A nA V V MHz pF Test Conditions IC = -100A, IE = 0A IC = -10mA, IB = 0A IE = -10A, IC = 0A VCB = -30V, IE = 0 VCB = -30V, IE = 0, TA = 150C VEB = -5V, IC = 0A IC = -500mA, IB = -50mA IC = -500mA, VCE = -2V IC = -5mA, VCE = -2V IC = -500mA, VCE = -2V IC = -150mA, VCE = -2V IC = -150mA, VCE = -2V IC = -50mA, VCE = -5V, f = 100MHz VCB = -10V, f = 1MHz DC Current Gain SMALL SIGNAL CHARACTERISTICS Current Gain-Bandwidth Product Output Capacitance Notes: 1. 2. 3. 4. DCX51 DCX51-16 fT Cobo No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Device mounted on FR-4 PCB; pad layout as shown on page 4 or in Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Measured under pulsed conditions. Pulse width = 300s. Duty cycle 2%. DS31228 Rev. 2 - 2 1 of 4 www.diodes.com DCX51/-16 (c) Diodes Incorporated 1.2 1.0 PD, POWER DISSIPATION (W) NEW PRODUCT 0.8 0.6 0.4 0.2 0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Dissipation vs. Ambient Temperature (Note 3) 0 DS31228 Rev. 2 - 2 2 of 4 www.diodes.com DCX51/-16 (c) Diodes Incorporated 160 140 120 NEW PRODUCT CAPACITANCE(pF) 100 80 60 40 20 0 0 10 20 30 40 VR, REVERSE VOLTAGE (V) Fig. 7 Typical Capacitance Characteristics Ordering Information (Note 5) Device DCX51-13 DCX51-16-13 Notes: 5. Packaging SOT89-3L SOT89-3L Shipping 2500/Tape & Reel 2500/Tape & Reel For packaging details, go to our website at http://www.diodes.com/ap02007.pdf. Marking Information (Top View) YWW XXX = Manufacturer's code marking XXX = Product type marking code Ex: P14 = DCX51 P14-16 = DCX51 -16 YWW = Date code marking Y = Last digit of year ex: 7 = 2007 WW = Week code 01 - 52 Package Outline Dimensions D1 0 20 0. R C SOT89-3L Dim A B B1 H Min 1.40 0.45 0.37 0.35 4.40 1.50 2.40 -- 3.95 0.90 Max 1.60 0.55 0.47 0.43 4.60 1.70 2.60 -- 4.25 1.20 Typ 1.50 0.50 0.42 0.38 4.50 1.60 2.50 1.50 4.10 1.05 E C D D1 E e H L B B1 8 e (4X ) L A All Dimensions in mm D DS31228 Rev. 2 - 2 3 of 4 www.diodes.com DCX51/-16 (c) Diodes Incorporated Suggested Pad Layout 1.7 NEW PRODUCT 2.7 0.4 1.9 1.3 0.9 3.0 Unit: mm IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. DS31228 Rev. 2 - 2 4 of 4 www.diodes.com DCX51/-16 (c) Diodes Incorporated |
Price & Availability of DCX51-16-13 |