|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
part number: CA-354S-M/M description: Cable, 4 conductor, 3.5 mm plug to 3.5 mm, no ring, 6 feet, shielded, 26 AWG date: unit: page: rev: 05/11/09 mm 1 of 2 A1 Specifications: cable description receptacle overmold cable outer diameter cable material cable color cable gauge cable length plug description twist tie max voltage max current Notes: RoHS compliant Mechanical drawing: 4 conductor (red, yellow, green, black ), 0.16x7, aluminum foil shield (0.2x7) black PVC 3.7 non UL 60P black AWG #26 1830 P/N 50-00008 14 cm black 300 V/S 0.5mA 2A Wiring diagram: tolerance .X: 0.5 mm .XX: 0.2 mm 29033 Avenue Sherman Ste 203 Valencia, CA 91355 ph 661.702.0035 fx 661.702.0038 www.tensility.com part number: CA-354S-M/M description: Cable, 4 conductor, 3.5 mm plug to 3.5 mm, no ring, 6 feet, shielded, 26 AWG date: unit: page: rev: 05/11/09 mm 2 of 2 A1 Revision notes: Rev A A1 Date Description January 19, 2009 Re-issue. Original specification issued by CUI; re-issued by Tensility without any material or mechanical changes. May 11, 2009 added Tensility P/N 50-00008 to specification tolerance .X: 0.5 mm .XX: 0.2 mm 29033 Avenue Sherman Ste 203 Valencia, CA 91355 ph 661.702.0035 fx 661.702.0038 www.tensility.com |
Price & Availability of CA-354S-MM |