|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BLW85 NPN SILICON RF POWER TRANSISTOR DESCRIPTION: The ASI BLW85 is Designed for Class C Amplifier Applications in VHF Mobile Radios. PACKAGE STYLE .380 4L FLG B .112 x 45 A FEATURES: * PG = 9.5 dB Typ. at 40 W /175 MHz * C = 60% Typ. at 40 W /175 MHz * OmnigoldTM Metalization System E C O.125 NOM. FULL R J .125 B C D F E E MAXIMUM RATINGS IC VCBO VCEO VEBO PDISS TJ TSTG JC 9.0 A 36 V 16 V 4.0 V 105 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 1.6 C/W DIM A B C D E F G H I J .240 / 6.10 .004 / 0.10 .085 / 2.16 .160 / 4.06 MINIMUM inches / mm I GH MAXIMUM inches / mm .220 / 5.59 .785 / 19.94 .720 / 18.29 .970 / 24.64 .230 / 5.84 .730 / 18.54 .980 / 24.89 .385 / 9.78 .006 / 0.15 .105 / 2.67 .180 / 4.57 .280 / 7.11 .255 / 6.48 CHARACTERISTICS SYMBOL BVCBO BVCES BVCEO BVEBO ICES hFE Cob PG C IC = 50 mA IC = 50 mA TC = 25 C O NONETEST CONDITIONS MINIMUM TYPICAL MAXIMUM 36 36 16 4.0 25.0 UNITS V V V V mA --pF dB % IC = 100 mA IE = 25 mA VCE = 18 V VCE = 5.0 V VCB = 15 V VCC = 12.5 V POUT = 45 W IC = 4.0 A f = 1.0 MHz f = 175 MHz 10 80 135 4.5 75 A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004 Specifications are subject to change without notice. REV. B 1/1 |
Price & Availability of BLW85 |