|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/03/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: Drawing (PDF) 0190580063 Active AvikrimpTM Ring Tongue Terminal for 14-16 Heavy Duty AWG Wire RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR18689 E32244 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Comments Crimp Quality Equipment Mil-Spec Product Name Type Ring and Spade Terminals 19058 Heavy Duty Yes N/A AvikrimpTM Ring Physical Barrel Type Flammability Insulation Material - Plating Mating Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Stud Size Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Closed 94V-2 Nylon (PA) Tin Bag 100 2.5 100 2.5 1/4" (M6) Crimp or Compression 5.70mm (.225") max. 14, 16 1.30 - 2.00 Search Parts in this Series 19058Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0640011600 Material Info Old Part Number B-830-14HD Reference - Drawing Numbers Sales Drawing BHDCD80101 This document was generated on 06/03/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of BHDCD80101 |