Part Number Hot Search : 
00400 XN6213 H7468 08126 12011 IDT74A 2N3741A TLP62007
Product Description
Full Text Search
 

To Download BAV99BRW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV99BRW
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY FEATURES
* Fast Switching Speed * Ultra-Small Surface Mount Package * For General Purpose Switching Applications * High Conductance * Easily Connected As Full-Wave Bridge * In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case : SOT-363, Plastic Terminals : Solderable per MIL-STD-750, Method 2026 Approx. Weight : 0.006 gram Marking : PW
MAXIMUM RATINGS (TA=25oC unless otherwise specified)
PARAMETER Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t=1.0s @ t=1.0s
SYMBOL VRM VRRM VRWM VR VR(RMS) I FM IO I FSM PD RJA TJ,TSTG
VALUE 100 75 53 300 215 4.0 0.7 200 625 -55 to + 150
UNIT V V V mA mA A mW
o
C/W
o
C
Notes : 1.Device mounted on FR-4 PC board with recommended pad layout 2.Short duration test pulse used to minimize self-heating effect 3.No Purposefully added lead PAGE . 1
REV.0.3-JUN.15.2009
BAV99BRW
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise specified)
P A RA ME TE R Re ve r s e B re a k d o wn V o lta g e ( No te 2 ) I I I I I
TE S T C OND ITION
R= 2 .5 A F = 1 .0 mA F=1 0 m A F=5 0 m A
S YMB OL V (B R) R
MIN. 75
MA X . 0.715 0.855 1.0 1.25 2.5 50 30 0.03 2.0 4.0
UNIT V
F o r wa r d V o lta g e
VF
-
V A A A A pF ns
F = 1 5 0 mA
Re ve r s e C ur r e nt ( No te 2 )
V R= 7 5 V V R= 7 5 V,TJ= 1 5 0 OC V R= 2 5 V,TJ= 1 5 0 OC V R= 2 5 V V R= 0 ,f=1 .0 MH Z I F = I R= 1 0 m A , I RR = 0 .1 xI R, RL= 1 0 0
I
R
-
To ta l C a p a c i ta nc e Re ve r s e Re c o ve r y Ti me
CT TRR
-
REV.0.3-JUN.15.2009
PAGE . 2
BAV99BRW
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2009.
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
REV.0.3-JUN.15.2009
PAGE . 3


▲Up To Search▲   

 
Price & Availability of BAV99BRW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X