Part Number Hot Search : 
09N20 FSB37B2 AD630SE FSB37B2 4HC595 FDC637AN MSM51 3386C100
Product Description
Full Text Search
 

To Download BAT240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT240...
High Voltage Schottky Diode * Rectifier Schottky diode for telecommunication and industrial applications * High reverse voltage: 240 V * For power supply applications * For clamping and protection in high voltage applications * Pb-free (RoHS compliant) package 1) * Qualified according AEC Q101
BAT240A
!
, ,
ESD (Electrostatic discharge) sensitive device, observe handling precaution! Type BAT240A Parameter Diode reverse voltage2) Forward current 2) Non-repetitive peak surge forward current (t 10ms) Total power dissipation TS 28C Junction temperature Operating temperature range Storage temperature
1Pb-containing 2For
Package SOT23
Configuration half bridge Symbol VR IF I FSM Ptot Tj T op T stg Value 240 400 1 400 150 -55 ... 125 -55 ... 150
Marking 4Ms Unit V mA A mW C
Maximum Ratings at TA = 25C, unless otherwise specified
package may be available upon special request TA > 25 C the derating of VR and IF has to be considered. Please refer to the attached curves.
1
2007-10-04
BAT240...
Thermal Resistance Parameter Junction - soldering point 1)
Symbol RthJS
Value 305
Unit K/W
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Symbol Values Unit min. typ. max. DC Characteristics 240 V Breakdown voltage V(BR) I(BR) = 500 A Reverse current VR = 100 V VR = 200 V Forward voltage IF = 10 mA IF = 20 mA IF = 50 mA IF = 100 mA IF = 200 mA IF = 400 mA VF 0.25 0.29 0.35 0.325 0.37 0.47 0.58 0.72 0.9 0.36 0.41 0.52 IR 1 5 10 V A
AC Characteristics Diode capacitance VR = 10 V, f = 1 MHz VR = 5 V, f = 1 MHz
1For
CT 11 15 15 20
pF
calculation of RthJA please refer to Application Note Thermal Resistance
2
2007-10-04
BAT240...
Diode capacitance CT = (VR) f = 1MHz
10 2
Reverse current IR = (TA) VR = Parameter
10 -2
A
pF
10 -3
200 V 150 V 100 V 50 V
CT
IR
10 1 10 0 0 80 100 120 140 160 V
10 -4
10 -5
10 -6
20
40
60
200
10 -7 20
40
60
80
100
C
130
VR
TA
Forward Voltage VF = (TA) IF = Parameter
0.55
V
Forward current IF = (VF) TA = Parameter
10 -1
A
0.45 10 -2
VF
50mA
0.35
IF
0.4
0.3
20mA
10 -3
0.25
80C 65C 45C 25C -40C
0.2
10mA
0.15 -50
-25
0
25
50
75
100
C
150
10 -4 0
0.1
0.2
0.3
0.4
V
0.6
TA
VF
3
2007-10-04
BAT240...
Permissible Reverse voltage VR = (TA) tp = Parameter, Duty cycle < 0.01
Device mounted on PCB with Rth = 160 k/W
300 450
mA V DC 100ms 300s
Forward current IF = (T S)
350
V Rmax
200
300
IF
250 150 200 100 150 100 50 50 0 0 0 0
20
40
60
80
100
120 C
150
15
30
45
60
75
90 105 120 C
150
TA
TS
Permissible Puls Load R thJS = (tp)
Permissible Pulse Load IFmax / I FDC = (t p)
10 3
K/W
10 3
-
10 2
IFmax/IFDC
RthJS
10 2
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
2007-10-04
BAT240...
Application example BAT240A Energy efficient bridge rectification for 110 V / 60 Hz power lines
3 3
D1 D2 D1 D2
DC output
2
AC input
~ ~
1
2
1
+
5
2007-10-04
Package SOT23
BAT240...
Package Outline
0.15 MIN.
1 0.1 0.1 MAX.
1.3 0.1
2.9 0.1
3
B
2.4 0.15
10 MAX.
0.4 +0.1 -0.05
1)
1
2
10 MAX.
C 0.95 1.9
0.08...0.1
A
5
0...8
0.25 M B C
0.2
M
A
1) Lead width can be 0.6 max. in dambar area
Foot Print
0.8
0.9
0.8
1.2
Marking Layout (Example)
Manufacturer
EH s
Pin 1
0.9
1.3
2005, June Date code (YM)
BCW66 Type code
Standard Packing
Reel o180 mm = 3.000 Pieces/Reel Reel o330 mm = 10.000 Pieces/Reel
4 0.9
2.13 2.65
0.2
8
Pin 1
3.15
1.15
6
2007-10-04
BAT240...
Edition 2006-02-01 Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2007. All Rights Reserved.
Attention please! The information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
7
2007-10-04


▲Up To Search▲   

 
Price & Availability of BAT240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X