Part Number Hot Search : 
2SK1161 L2012 XXXFF E1008 1SM5916B D950A MM1478 HS2GA
Product Description
Full Text Search
 

To Download BAS70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TH97/2478
TH09/2479
IATF 0060636 SGS TH07/1033
BAS70/-04/-05/-06
PRV : 70 Volts Io : 200 mA
FEATURES :
* These diodes feature very low turn-on voltage * Fast switching * These devices are protected by a PN junction guard ring against excessive voltage, such as electrostatic discharges * Pb / RoHS Free
SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL SOT-23
1.40 0.95 0.50 0.35 0.19 0.08 1 3.10 2.70 1.65 1.20 3.0 2.2 1.02 0.89 3 2 0.100 0.013
2.04 1.78
Dimensions in millimeters
MECHANICAL DATA :
* Case : SOT-23 plastic Case * BAS70 Marking Code : 73 * BAS70-04 Marking Code : 74 * BAS70-05 Marking Code : 75 * BAS70-06 Marking Code : 76
BAS70
3
BAS70-04
3
BAS70-05
3
BAS70-06
3
1
2
1
2
1
2
1
2
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS ( Ta = 25 C, unless otherwise specified)
Parameter
Maximum Repetitive Peak Reverse Voltage Maximum Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Forward Continuous Current Maximum Peak Forward Surge Current at tp < 1 s Total Power Dissipation Thermal Resistance Junction to Ambient Air Junction Temperature Range Storage Temperature Range
Symbol
VRRM VRWM VR IF IFSM Ptot RJA TJ TSTG
(Ta = 25 C, unless otherwise specified.
Value
70 70 70 200
(1)
Unit
V V V mA mA mW K/W C C
600(1) 200
(1)
430(1) 125 -65 to +150
ELECTRICAL CHARACTERISTICS
Parameter
Reverse Breakdown Voltage Leakage Current Forward Voltage (Note 2) Diode Capacitance Reverse Recovery Time
Test Condition
IR = 10 A (pulses) VR = 50 V IF = 1.0 mA IF = 15 mA VR = 0 V, f = 1 MHz IF = 10 mA , I R = 10 mA, Irr = 1A , R L = 100
Symbol
V(BR) IR VF VF Ctot Trr
Min.
70 -
Typ.
20 1.5 -
Max.
100 410 1 2 5
Unit
V nA mV V pF ns
Notes : (1) Device on fiberglass substrate (2) Pulse test tp < 300 s
Page 1 of 1
Rev. 01 : May 23, 2006


▲Up To Search▲   

 
Price & Availability of BAS70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X