Part Number Hot Search : 
1N5267B EL6211 00102 NJU6392B IRFR120 C16LF 100G3 SI4947A
Product Description
Full Text Search
 

To Download AM5010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,LTD Tel:0086-21-37185008 Fax:0086-21-57152769
AM5001 THRU AM5012
HIGH VOLTAGE PRESS FIT DIODE FOR AUTOMOTIVE RECTIFIER(MOTOROLA)
VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 50AMPS
.050.002 1.280.05 MC1
Features
Low leakage Low forward voltage drop High current capability High forward surge current capability
Mechanical Data
Case: Copper case Technology: cell with vcauum soldered Polarity: As marked of case bottom Lead: Plated lead, solderable per MIL-STD-202E method 208C Mounting: Press fit Weigth: 9.0 grams
.62.004 15.70.1
1.0830.01 27.50.5
.050.002 1.280.05 .437.004 11.10.1 0.5-0.504 12.73-12.79
Maximum Ratings and Electrical Charactristics
Rating at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
Epoxy Dimensions in inches and millimeters
Parameters Symbols AM5001 AM5002 AM5004 AM5006 AM5008 AM5010 AM5012 Units VRRM Maximum repetitive peak reverse voltage 100 200 400 600 800 1000 1200 Volts VRMS Maximum RM S voltage 70 140 280 420 560 700 840 Volts VDC Maximum DC blocking voltage 100 200 400 600 800 1000 1200 Volts Maximum Average rectified forward current Io 50 Amps at TC=110oC Peak forward surge current 8.3mS single IFSM 400 half sine-wave superimposed on rated load Amps (JE DEC Method) Rating for fusing(t<8.3ms) Maximum instantaneous forward voltage drop at 50A Maximum DC reverse current TA=25oC at rated DC blocking voltage TA=150 C Typical thermal resistance Operating and storage temperature
o
I2 t VF IR RJC TJ,TSTG
664 1.05 5.0 500 1.0 -65 to +175
A2S Volts uA
o
C/W
o
C
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
AM5001 THRU AM5012
Ratings and Characteristic Curves
www. cnelectr .com


▲Up To Search▲   

 
Price & Availability of AM5010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X