Part Number Hot Search : 
ST93C06 I5326B TP3A684 MX7547JP BL9193 PLT133 AP451 HA1221
Product Description
Full Text Search
 

To Download AH5792 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPA Number 001
Announcement
New Product AH5792
AH5792 smart fan driver with internal Hall sensor for single phase brushless DC motor
Description
The AH5792 is a highly integrated single chip solution for driving single-phase brushless DC (BLDC) fans and motors. The AH5792 has an integrated bidirectional full bridge driver output stage for single coil fan motor applications. The device includes features such as Rotor Lock Protection, with rotor lock detection and automatic selfrestart, to avoid damage to the coil when the rotor is locked. The AH5792 provides opendrain frequency generator (Tachometer) pin, FG, which makes it easier to interface with external hardware for status and speed monitoring purposes. The FG frequency is half (1/2) the magnetic change frequency. The AH5792 is now available in SOT89-5L in addition to SOT553.
The Diodes advantage
The AH5792 provides highly integrated yet simple low cost effective solution for cooling fans and motor drives Built-in Hall sensor and amplifier All-in-one integrated solution drastically reduces external component count. Integrated bidirectional full bridge driver Supports source and sink current for single phase motor driver operation up to 300mA average load current. No external driver components - reduced PCB area Lock detection and automatic self-start, without external capacitor Protects coil from over-heating or burn-out during motor/fan lockout Reduces number of external components Packages: SOT895-L and SOT553 (Available in "Green" Moulding Compound) Provides low pin count SMT BLDC fans/motor driver Improved thermal performance and higher current with SOT89-5L Low profile small footprint with SOT553 for space constrained needs
Applications
3.3/5V BLDC cooling fan LED driving Low voltage/low power BLDC motors Micro-vibrating motors
www.diodes.com
NPA Number 001
Announcement
New Product AH5792
AH5792 smart fan driver with internal Hall sensor for single phase brushless DC motor
Electrical characteristics
Part Number Operating Voltage (V) Average output current (mA) IC supply current (mA) Operating Point Bop (Gauss) Release Point Brp (Gauss) Operating Temperature (C) Package
AH5792-ZG-7 AH5792-YG-13
1.8 to 5 1.8 to 5
200 300
3.5 3.5
50/10 50/10
-10/-50 -10/-50
-40 to 100 -40 to 100
SOT553 SOT89-5L
To find out more information:
Product page: Datasheet: http://www.diodes.com/products/catalog/list.php?parent-id=117 http://www.diodes.com/datasheets/AH5792.pdf
www.diodes.com
NPA Number 001
Announcement
New Product AH5792
AH5792 smart fan driver with internal Hall sensor for single phase brushless DC motor
Product portfolio
Part Number AH284 AH285 AH286 AH287 AH288 AH289 AH291 AH292 AH293 AH2984 AH5771 AH5792 Operating Voltage (V) 3.8 to 20 3.8 to 20 3.8 to 20 3.8 to 28 3.8 to 28 3.8 to 28 1.8 to 5.75 1.8 to 5.75 1.8 to 5.75 3.8 to 20 2.5 to 15 1.8 to 5 Average Output current (mA) 500 500 500 400 400 400 400 400 400 400 400 200 300 Operating Point Bop (Gauss) 5/60 5/60 5/60 5/60 5/60 5/60 5/60 5/60 5/60 5/60 10/50 5/60 Release Point Brp (Gauss) -5/-60 -5/-60 -5/-60 -5/-60 -5/-60 -5/-60 -5/-60 -5/-60 -5/-60 -5/-60 -10/-50 -5/-60 Operating Temperature (C) -40 to 100 -40 to 100 -40 to 100 -40 to 100 -40 to 100 -40 to 100 -20 to 100 -20 to 100 -20 to 100 -40 to 100 -40 to 100 -40 to 100 Package
SOT89-5L SOT89-5L SOT89-5L SIP4-L SOT89-5L SOT89-5L SOT89-5L SIP4-L SOT89-5L SOT89-5L SIP4-L SIP4-L SOT553 SOT89-5L
Ordering information
Device AH5792-ZG-7 AH5792-YG-13 Packaging SOT553 SOT89-5L Pack mark KE YWX KF YWX Reel size 7" 178mm Tape width 8mm 12mm Quantity 3000 2500
13" 330mm
All variants are in packages that are "Green" Molding Compound (No Br, Sb) with Lead Free Finish/RoHS Compliant (Note 1) Notes: 1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. see EU Directive 2002/95/EC Annex Notes. Please visit our website at http://www.diodes.com/products/lead_free.html 2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Codes for date coding on part marks Y Year 0~9 W A~Z week 1~26 a~z week 27~53
X A~Z: Green
www.diodes.com


▲Up To Search▲   

 
Price & Availability of AH5792

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X