Part Number Hot Search : 
D2544 AM7438N DC608F CO55C 100302DC 74HC2 MDFB51 TA0702A
Product Description
Full Text Search
 

To Download ACC701-000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS TEST & MEASUREMENT SOLUTIONS
EtherNID EE Ethernet Services Demarcation Point
Key features The growing demand for Ethernet Services is exploding everywhere. Carriers contending in this competitive market space are faced with several challenges: * Setting a clear Demarcation Point between the Customers' and the Carriers' Ethernet Network * Implementing Operations, Administration and Maintenance (OAM), to reduce OPEX and minimize truck-roll * Assuring End-to-End Service Level Agreement (SLA) parameters * Offering Carrier-Grade Reliability All of this while avoiding any impact on network performance and keeping CAPEX at a minimum
The Accedian EtherNIDTM EE Demarcation Device (EDD) offers the solution to these challenges by implementing standardsbased OAM and loop-back capabilities. Providing a Performance Assurance AgentTM (PAATM) allows measuring and tracking End-to-End SLA parameters such as Latency,Jitter,Packet Loss and Availability in a continuous manner,while the service is running. Acting as an electrical port extension to basement-located Access Platforms the EtherNIDTM EE is the ideal vehicle to define a clear network boundary at the customer premises of multitenant commercial environments.The EtherNIDTM is also used at inter-carrier handoff points to sectionalize E-Lines that span across multiple service providers, thus eliminating finger pointing. Furthermore, the EtherNIDTM EE's high-performance Fast-ThruTM engine minimizes intrinsic packet-jitter and latency of the device, thus allowing the deployment of multiple units along an End-to-End Ethernet Service Path without introducing any significant latency or jitter to the service itself. The EtherNIDTM EE's ports can also be configured for Monitoring where external test devices can be connected to perform non-intrusive, in-service troubleshooting, thus offering Layer 1 to 4 visibility in each direction independently or combined, a function that carriers are used-to with traditional demarcation devices but lacking from current Ethernet service delivery methods. Furthermore, intelligent wire-speed filters can be applied to selectively monitor specific traffic. Additionally,the EtherNIDTM EE can be optionally line-powered using Power over Ethernet (PoE) and offers a fail-over bypass circuitry (electrical) for added reliability. The EtherNIDTM EE interacts seamlessly with Ethernet OAM compliant devices, supports SNMP, comes with an embedded Web GUI and can be optionally managed via a Management VLAN. Designed very cost effectively for volume deployment,the EtherNIDTM EE unlocks the businesscase for High-Performance,manageable Metro Ethernet service delivery in the last-mile.
WEBSITE: www.jdsu.com
ETHERNID EE
2 Features and Benefits
Ethernet OAM & loop-backs Better visibility,easier maintenance,reduced truck-rolls
Dual Tap/Monitoring ports Allows non-intrusive Monitoring Access to live traffic,avoids chasing"ghosts"
Traffic Filtering/Policing Allows blocking unwanted traffic types (e.g. BPDU/STP/L2CP) and controlling which VLANs are allowed
Per-Flow Statistics Allows tracking bandwidth utilization of every stream/EVC delivered
ETHERNID EE
3 Applications
* Customer Premises Located Intelligent Ethernet Demarcation Device * Inter-Carrier Handoff Demarcation * End-to-End SLA-MeterTM * Intelligent extension to Metro Access Platforms * Wire-speed Remote Loop-back responder to Portable or Centralized Ethernet Test-sets * Intelligent Wire-speed Ethernet Monitor/Tap troubleshooting device Multi-carrier Performance Assurance AgentTM (PAATM) Application * Assures in-service, End-to-End SLA across Multi-Vendor/Multi-Carrier and Layer 1-2-3 networks
Business Multi-Tenant Building Application NID Accedian EtherNIDTM CPE Customer Provided Equipment
ETHERNID EE
4
Specifications Network-side interface 10/100BaseTX
Connector: RJ-45 (Auto-negotiation/Auto MDIX)
Performance Assurance AgentTM (PAATM)
Constant in-service monitoring of SLA parameters including: Packet loss - Two-way delay (Round-trip Latency) - Two-way delay variation (Round-trip Jitter) - One-way delay variation (One-way Jitter) - Continuous End-to-End path Continuity Check High Precision measurements: 1 microsecond accuracy Works at Layer 2 and Layer 3 Assures SLAs per VLAN/per CoS/per ToS/per EVC Can work in point-to-point or point-to-multipoint Multiple Instance capable (Multi-SLATM) User settable SLA threshold crossing alerts using SNMP traps
Management
In-band remote management over the Ethernet customer line via Network-side interface Local Management craft port: 10/100BaseT, RJ-45 connector Serial RS-232 Management port: RJ-45 connector Secure Web GUI via SSL Secure CLI command prompt via SSH SNMP V1,V2C Management VLAN 802.3ah EFM OAM NTP client Remote and Local Syslog Radius Authentication DNS Client DHCP Client Config. import/export FTP,TFTP, SFTP, HTTP
Client-side interface 10/100BaseTX
Connector: RJ-45 (Auto-negotiation/Auto MDIX)
NID features
IEEE 802.3ah Ethernet OAM Implements a Two-Port MAC Relay (TPMR) function aligned with IEEE's 802.1aj, 802.1ad, and 802.1ag/ITU-T Y.1731 drafts Loop-backs: - Layer 1, Layer 2 (MAC Swap), Layer 3 (IP Swap), Layer 4 (TCP/UDP Port Swap) - Automatically reacts to in-band loop-back commands of industry-popular Ethernet testsets - Individual VLAN loop-backs - Loop-back on specific MAC source and/or destination address - Loop-back on specific IP source and/or destination address Thru-Traffic Per-flow statistics (per VLAN, per Ethertype, per ToS, per CoS, per MAC, per IP, etc.) VLAN Tagging/De-tagging VLAN Stacking (.1Q in .1Q) Through Traffic Wire-Speed Filtering (L2CP, BPDU, per-VLAN, Ethertype, Protocol type,MAC, IP,User Defined) Dual Monitor Access Ports providing individual access to both ignal directions, combined access to both directions, Layer 1 apping and intelligent filtering Integrated Copper TDR cable integrity testing Dying Gasp (via 802.3ah or SNMP traps) Supports packet sizes up to 1800 bytes Fault Propagation
Inline transparent performance
Throughput: wire-speed (100Mb/s at 100% utilization) Intrinsic Passthrough Traffic Latency: <8 microsecond (at all packet sizes) Intrinsic Passthrough Traffic Jitter: <1 microsecond (at all packet sizes) Intrinsic Latency for Intelligent Loopback: <8 microsecond (at all packet sizes) Intrinsic Jitter for Intelligent Loopback: <1 microsecond (at all packet sizes) Optional Network-Client Power Fail-over bypass mode
Power options all included as standard and redundant between each other
External AC/DC adapter (120-240 Vac autosensing, 50-60 Hz), 5 Vdc input to unit Dual (A/B) -48Vdc Central Office Supply inputs PoE from RJ-45 (802.3af ) Power Consumption: 5 watts Cooling: convection cooled (no fans)
Regulatory
IEC 60950 FCC Part 15 Class A Industry Canada CS-03 CE Mark
Physical
1.60" H x 5.34" W x 5.80" D Mounting: - Desktop - Wall-mount - Rack-mount (2 units side-by-side in 1U) - 12 position, high-density, 19" central office shelf (4U): EtherSHELFTM
Operating Temperature
0-50 degree C
Storage Temperature
-40 to 70 degree C
Humidity
5-95% non-condensing
ETHERNID EE
Model number ACC701-000
Product name EtherNIDTM EE
Description 10/100Mb/s Electrical-to-Electrical Ethernet Demarcation Device.
Accessories
ACC704-000 EtherSHELFTM
EtherNID EE
Rackmount 4U Vertical Mounting Shelf, fits 12 EtherNIDTM units individually fused, -48V (A/B) redundant power feeds, can mix and match EE, OE, and GE models. Rackmount 1U Horizontal Mounting Bracket, fits 2 EtherNIDTM units. Rackmount 1U Horizontal Mounting Bracket, fits 1 EtherNIDTM unit.
ACC706-000 2 Unit Rackmount Bracket ACC705-000 1 Unit Rackmount Bracket
Related products
ACC703-000 EtherNIDTM GE ACC702-000 EtherNIDTM OE 10/100/1000Mb/s Ethernet Demarcation Device. 10/100Mb/s Optical to Electrical Ethernet
EtherNID GE
EtherNID OE
Test & Measurement Regional Sales
NORTH AMERICA LATIN AMERICA
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its applications. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c) 2006 JDS Uniphase Corporation. All rights reserved. 30149050 001 0707 ETHERNIDEE.DS.CPO.TM.AE
ASIA PACIFIC
TEL: 1 866 228 3762 FAX: +1 301 353 9216
TEL:+55 11 5503 3800 FAX:+55 11 5505 1598
TEL:+852 2892 0990 FAX:+852 2892 0770
EMEA
WEBSITE: www.jdsu.com
TEL:+49 7121 86 2222 FAX:+49 7121 86 1222


▲Up To Search▲   

 
Price & Availability of ACC701-000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X