Part Number Hot Search : 
LVY2341 2SJ643 HM2007L MC1441 DSS115U HAB13150 14501 MMBZ5V6A
Product Description
Full Text Search
 

To Download 8205-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICRO HiCORDER 8205-10, 8206-10
Recorders
Direct Measurement of Current up to 1000A ! New and improved
True RMS Voltage and Current Recorders with Multimeter Operability !
Successor to the long-popular Model 8202 & 8203 MICRO HiCORDERs
The MICRO HiCORDERs 8205-10 and 8206-10 incorporate the latest technology in HIOKI's best selling MICRO HiCORDER 8200 series. Maintaining the operational simplicity of an analog multimeter, these data recorders offer easy to use features such as; l A fast LCD level meter vs. a stylus to quickly display the measured level l True RMS rectification system to accurately read distorted waveforms l Climate-resistant recording paper is easy to read and lasts longer! l Sampling rate of 100 samples/second with selectable chart speeds There are two models to choose from. The 8205-10 has one channel for recording either AC/DC voltage or AC current, while the 8206-10 has two channels for recording of AC voltage and AC current simultaneously, allowing it to be used for recording power line fluctuations. Packaged in a rugged case, the HIOKI MICRO HiCORDERs work where you work !

The Standard for Recorders
The 8205-10 can be used for basic recording in a wide range of applications, with features such as a wide AC/DC measurement range of 0.1V to 500V, an analog level monitor function, and a special clamp-on probe for recording large currents.
lRange:AC/DC 0.1V to 500V (AC 10A to 500A when using the 9651, AC 10A to 1000A when using the 9668) lInput Channels: One, for voltage or current lPaper Feed Speed: 20 cm/min to 2 cm / hr lSampling Frequency: 10ms
Depending on your application, select either the 8205-10 for general applications or the 8206-10 for power lines.
: For Recording AC Voltage, DC Voltage, or AC Current on a Single Channel
Easy viewing of the input level with a fullrange level monitor. For DC measurement, the zero position can be changed in steps that are -20% of the range, which is convenient for tasks such as recording both polarities.
Example of a level display for the DC 10V range
0% Measurements are possible from -9V to 11V by moving the zero position. -40% Intermediate position -80% Minimum position
Standard position
11V
* Range and mode setting data is printed every 10 divisions. * Voltage or current values can be read directly from the vertical axis scale. * Time is printed every 5 divisions. * Interval printing of average values on a gr id with points ever y 2 divisions.
0V
-9V
: For 2-Channel Special Purpose Recording of AC Voltage and Current from Power Lines The 8206-10 provides simultaneous voltage and current measurement (a frequent requirement For voltage measurements, of power line management) along with a zoom function that allows 2X recording centered the display can be around the range value. Providing ranges that are expressly intended use with power lines, the expanded from 25% to instrument is capable of recording voltages of up to 600V. -35% around the center
lRange: AC 100V, 200V, or 500V (AC 10A to 500A when using the 9651, AC 10A to 1000A when using the 9668) lInput Channels: Two, for simultaneous recording of voltage and current lPaper Feed Speed: 60 cm/hr to 2 cm/hr lSampling Frequency: 10ms
of the range. The center va lue ca n be changed in steps that are -10% of the range, which is convenient when it is necessary to adjust the measurement position for electric circuits with different rated voltages. Example of a level display for the 200V range
M e a su re m e nts a re p o s s i b l e from 90V to 90V by changing the center value. 290V 0% +20%
Maximum position
Standard position
* Range and mode setting data is printed every 10 divisions. * Voltage or current values can be read directly from the vertical axis scale. * Time is printed every 5 divisions. * Interval printing of average values on a gr id with points ever y 2 divisions.
Minimum position
-20%
200V
90V

Simple Operation, Rugged Design and Quiet !
Operational simplicity with multimeter ease-of-use. The 8206-10 has two recording channels, one for voltage and one for current. (clamp on sensor sold separately)
Intuitive analog dials are used to set the input range and paper feed speed. This makes the recorders as easy to operate as a multimeter.
With 2-channel recording, a single instrument can simultaneously record both voltage and current. This is ideal for management and testing of power lines.
Sensitized recording paper provides clean, easy-to-read printouts. Paper feed speed and recording time *With a time axis resolution of 80 points / DIV (1DIV=10mm)
Paper feed speed Paper feed speed
A sensor allow measurement up to 1000A. (clamp on sensor sold separately)
8205-10
8206-10
- -
9235,9236-01 Sensitizedpaper 15m (49ft 2.5in) roll 1 hr 15 m 1 day 1 hr 4 hr 10 m
20 cm (7.9 in)/m 6 cm (2.36 in)/m
60 cm (23.8 in)/m 60 cm (23.8 in)/hr 10 cm (3.94 in)/hr 10 cm (3.94 in)/hr 2 cm (0.79 in)/hr
- -
60 cm (23.8 in)/hr 6 cm (2.36 in)/hr 2 cm (0.79 in)/hr
3 days 3 hr 10 days 10 hr 31 days 6 hr 6 days 6 hr
Adaptable for Special Applications The recorder provides selectable current ranges. Used together with a special clamp on sensor, this makes it possible to read values directly and eliminates the need for scaling conversion. In addition to 100A and 500A sensors, a sensor has been added to allow measurement up to 1000A. Sensitized recording paper is used, providing clean, quiet recording. Further, HIOKI's RECORDING PAPER 9236-01 and provides superior climate resistance and is much less susceptible to discoloration due to chemical exposure than ordinary thermal recording paper, providing much longer print life.
As a special-order option, the DC power supply connector can be converted to a signal input terminal. Although this makes it impossible to use a DC power supply, it allows recording on paper to be turned on or off externally, or to input a contact signal and record the occurrence of events on recording paper. Please contact your nearest HIOKI sales representive for details. * Special order modification (disables DC power supply) * External CHART ON / OFF control * Event recording
Standard/Average Print Modes
Example of Instantaneous Power Outage Recording
Also runs on DC Power !
AC/DC power supply selector switch
Power switch DC power inlet AC power inlet
Standard Mode
Average Mode
50 Hz
60 Hz
For printing, you can select standard mode or average mode. l Standard mode prints values interpolated from the maximum and minimum values sampled every 10 ms. This is effective for recording widths of steep input signal changes, such as instantaneous power outages. l Average mode prints the average value of the data during the print interval. This makes it possible to print something that is smooth and easy to see, at times when there are violent fluctuations.
* Switch to average mode by holding down the paper feed button when turning on the power.
This example shows recording of a simulated instantaneous power outage by the 806, for AC 100V with frequencies of 50Hz or 60Hz and 0V durations of 0.5, 1, , 4, or 8 cycles. Even for a 0.5 cycle instantaneous power failure, the high speed response can catch the line abnormality.
In addition to a universal power AC supply of 100 to 40V, the recorders can operate on 9.5 to 14V DC power supplies. This is useful outdoors and in other field applications.
* Runs off either AC or DC. DC cannot be used as a backup power supply.
4
8205-10 and 8206-10 Common Specifications
Recording method 60mm (2.36in) amplitude (1 DIV = 10mm/0.39in), heat-sensitive recording Display Sampling rate
100S/s (sampling period : 10ms fixed) Level meter and scaling values by LCD bar graph, plus other setting information
External appearance and dimensions (for both the 8205-10 and 8206-10)
Recording time axis accuracy Within 0.5%.
Environmental conditions Operation: +5C (41F) to +40C (104F), 35% to 80% rh Storage: -10C (14F) to +50C (122F), within 80% rh (non-condensating) Applicable standards Power
Safety: EN61010 EMC: EN61326, EN61000-3-2, EN61000-3-3 50 mm (9.4 in) 100 to 240V AC (auto selecting) at 50/60 Hz, or 9.5 to 14V DC
Maximum power consumption 30 VA maximum (AC or DC operation)
Dimensions and mass 250mm (9.4in) x 122mm (4.8in) x 93.5mm (3.66in), 1.2kg (42.33oz) RECORDING PAPER 9235 x 1, Roll paper holder x 2, Power cord x 1, Included CONNECTION CORD 9257 x 1, CARRYING CASE 9344 x 1 Accessories
8205-10 (Accuracy at 23 5C/73 9F, 35 to 80 % rh ; accuracy guaranteed for 1 year)
Input channels
One channel, AC or DC voltage, or one channel AC current.
(Simultaneous recording not available, one channel may be either type, input is voltage isolated.)
9.5 mm (.66 in)
8206-10 (Accuracy at 23 5C/73 9F, 35 to 80 % rh ; accuracy guaranteed for 1 year)
One channel AC voltage and one channel AC current.
(Simultaneous recording based on two channel alternating sampling, for commercial power lines, input is voltage isolated.)
Voltage Max. input voltage: 500V rms. Accuracy: 2% of the range. (ACV/ 45Hz to 66Hz) in 10% steps from +20% to -20%. Accuracy: 2% of the range. (45Hz to 66Hz) measurement ranges Frequency characteristic: 20Hz to 30kHz/ +3 dB to -3 dB Frequency characteristic: 30 Hz to 30 kHz/ +0.5 dB to -3 dB
* Resolution = 400points/ range tween input channel and chassis without damage) tween input channel and chassis without damage) Combination accuracy with the clamp-on sensor (% of full scale value)
0.1, 0.2, 0.5, 1, 2, 5, 10, 20, 50, 100, 200, or 500V AC/DC. In DC mode, the zero 100, 200, or 500V AC, Max. input voltage: 600V rms. Magnified display from position can be set in steps of 20% of the range. +25% to -35% of the range. Center position of the magnified display can be set Max. rated voltage to earth: 500V rms (the maximum voltage that can be applied be- Max. rated voltage to earth: 600V rms (the maximum voltage that can be applied be10, 20, 50, or 100A AC (with CLAMP ON SENSOR 9650).
10, 20, 50, 100, 200, or 500A AC (with CLAMP ON SENSOR 9651). Current measurement ranges 10, 20, 50, 100, 200, 500 or 1000A AC (with CLAMP ON SENSOR 9668).
* Resolution = 400points/ range Bar graph displays from 0% to 110% of range.
Range 9650 9651 9668
10A 3.8% 5.0% 8.0%
20A 3.65% 4.25% 6.5%
50A 3.56% 3.8% 5.6%
100A 3.53% 3.65% 5.3%
200A
-
1 mm (4.8 in) 500A
-
1000A
- -
Frequency characteristic is determined by the clamp on sensor.
3.58% 5.15%
3.53% 5.06%
6.03%
Rectification system Input resistance
Voltage input: approx. 1M. Clamp input: 1 10%.
True RMS.
Ordering Information
MICRO HiCORDER 8205-10 (1-channel recording) MICRO HiCORDER 8206-10 (2-channel simultaneous recording)
The CLAMP ON SENSOR 9650,9651 and 9668 for current measurement are not supplied with the MICRO HiCORDERs 8205-10 and 8206-10. To measure current, an optional CLAMP ON SENSOR must be purchased separately.
Options
CONNECTION CORD 9326
(1.7m/ 5.58ft, for 8205 and 8205-10 voltage input)
Supplied as standard
CONNECTION CORD 9257
(1.3m/ 4.27ft, voltage input, Supplied as standard)
RECORDING PAPER 9236-01
(Climate-resistant, 15m/ 49ft roll, 10 rolls/ set)
CARRYING CASE 9344
Holds optional accessories (Supplied as standard)
RECORDING PAPER 9235
(15m (49.22ft) roll, 10 rolls/ sets; one roll only, provided with recorder)
Option Specifications (sold separately)
CLAMP ON SENSOR 9650
CLAMP ON SENSOR 9651
CLAMP ON SENSOR 9668
Individual Specifications
Rated current
Secondary current amplitude accuracy
9650
Primary: 100A AC, Secondary: 100mA AC
9651
Primary: 500A AC, Secondary: 500mA AC 3% or better from 40Hz to 1kHz 600A continuous at 45 to 66Hz
9668
Primary: 1000A AC, Secondary: 1000mA AC 3% or better from 40Hz to 1kHz 1000A continuous at 45 to 66Hz
Frequency characteristic 8% or better from 40Hz to 1kHz Maximum input current 130A continuous at 45 to 66Hz Diameter of measurable o 15mm (0.59 in) or less conductor Dimensions and mass
Combined accuracy with recorder depends on recorder Combined accuracy with recorder depends on recorder Combined accuracy with recorder depends on recorder accuracy. accuracy. accuracy.
Application circuit voltage 300V rms AC or less (insulated conductor)
600V rms AC or less (insulated conductor) o 55mm (2.17 in) or less, o 46mm (1.81 in) or less 80mm (3.15 in) x 20mm (0.79 in) busbar Approx. W 46mm (1.81 in) x H 135mm (5.31 in) x D 21mm (0.83 in) Approx. W 77mm (3.03 in) x H 151mm (5.94 in) x D 42mm (1.65 in) Approx. W 46mm (1.81 in) x H 135mm (5.31 in) x D 21mm (0.83 in) Cable length: 3m (9.84 ft), mass: 230g (8.1 oz) Cable length: 3m (9.84 ft), mass: 360g (12.7 oz) Cable length: 3m (9.84 ft), mass: 230g (8.1 oz)
600V rms AC or less (insulated conductor)
DISTRIBUTED BY
HEAD OFFICE : 81 Koizumi, Ueda, Nagano, 86-119, Japan TEL +81-68-8-056 / FAX +81-68-8-0568 E-mail: os-com@hioki.co.jp HIOKI USA CORPORATION : 6 Corporate Drive, Cranbury, NJ 0851 USA TEL +1-609-409-9109 / FAX +1-609-409-9108 E-mail: hioki@hiokiusa.com
Shanghai Representative Office : 1904, Shanghai Times Square Office 9 Huaihai Zhong Road Shanghai, 0001, P.R.China TEL +86-1-691-0090, 009 FAX +86-1-691-060 E-mail: info@hioki.cn
All information correct as of Mar. 5, 2007. All specifications are subject to change without notice.
8205-10E7-73B-00P
Printed in Japan


▲Up To Search▲   

 
Price & Availability of 8205-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X