Part Number Hot Search : 
N800004 2000A SAA7215H 331M25 TR300 3P512TB KP100A NTXV1N
Product Description
Full Text Search
 

To Download 74VHC37304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VHC373
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
s s
s
s s
s
s
s
s s
HIGH SPEED: tPD = 5.0 ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 4 A (MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) POWER DOWN PROTECTION ON INPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 373 IMPROVED LATCH-UP IMMUNITY LOW NOISE: VOLP = 0.9V (MAX.)
SOP
TSSOP
Table 1: Order Codes
PACKAGE SOP TSSOP T&R 74VHC373MTR 74VHC373TTR
DESCRIPTION The 74VHC373 is an advanced high-speed CMOS OCTAL D-TYPE LATCH with 3 STATE OUTPUTS NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. These 8 bit D-Type latch are controlled by a latch enable input (LE) and an output enable input (OE). While the LE inputs is held at a high level, the Q outputs will follow the data input precisely. When the LE is taken low, the Q outputs will be latched Figure 1: Pin Connection And IEC Logic Symbols
precisely at the logic level of D input data. While the (OE) input is low, the 8 outputs will be in a normal logic state (high or low logic level) and while (OE) is in high level, the outputs will be in a high impedance state. Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
November 2004
Rev. 4
1/14
74VHC373
Figure 2: Input Equivalent Circuit Table 2: Pin Description
PIN N 1 2, 5, 6, 9, 12, 15, 16,19 3, 4, 7, 8, 13, 14, 17, 18 11 10 20 SYMBOL OE D0 to D7 Q0 to Q7 LE GND VCC NAME AND FUNCTION 3 State Output Enable Input (Active LOW) Data Inputs 3-State Outputs Latch Enable Input Ground (0V) Positive Supply Voltage
Table 3: Truth Table
INPUTS OE H L L L LE X L H H D X X L H OUTPUT Q Z NO CHANGE* L H
X : Don't Care Z : High Impedance * : Q Outputs are Latched at the time when the LE INPUT is taken low logic level
Figure 3: Logic Diagram
This logic diagram has not be used to estimate propagation delays
2/14
74VHC373
Table 4: Absolute Maximum Ratings
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 75 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
Table 5: Recommended Operating Conditions
Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (note 1) (VCC = 3.3 0.3V) (VCC = 5.0 0.5V) Parameter Value 2 to 5.5 0 to 5.5 0 to VCC -55 to 125 0 to 100 0 to 20 Unit V V V C ns/V
1) VIN from 30% to 70% of VCC
3/14
74VHC373
Table 6: DC Specifications
Test Condition Symbol Parameter VCC (V) 2.0 3.0 to 5.5 2.0 3.0 to 5.5 2.0 3.0 4.5 3.0 4.5 VOL Low Level Output Voltage 2.0 3.0 4.5 3.0 4.5 IOZ High Impedance Output Leakage Current Input Leakage Current Quiescent Supply Current 5.5 0 to 5.5 5.5 IO=-50 A IO=-50 A IO=-50 A IO=-4 mA IO=-8 mA IO=50 A IO=50 A IO=50 A IO=4 mA IO=8 mA VI = VIH or VIL VO = VCC or GND VI = 5.5V or GND VI = VCC or GND TA = 25C Min. 1.5 0.7VCC 0.5 0.3VCC 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.25 0.1 4 2.0 3.0 4.5 1.9 2.9 4.4 2.48 3.8 0.1 0.1 0.1 0.44 0.44 2.5 1 40 Typ. Max. Value -40 to 85C Min. 1.5 0.7VCC 0.5 0.3VCC 1.9 2.9 4.4 2.4 3.7 0.1 0.1 0.1 0.55 0.55 2.5 1 40 A A A V V Max. -55 to 125C Min. 1.5 0.7VCC 0.5 0.3VCC V V Max. Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
VOH
II ICC
4/14
74VHC373
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 3.3(*) 3.3 5.0 tPLH tPHL Propagation Delay Time D to Q
(*) (**)
Value TA = 25C Min. Typ. 7.0 9.5 4.9 6.4 7.3 9.8 5.0 6.5 Max. 11.0 14.5 7.2 9.2 11.4 14.9 7.2 9.2 11.4 14.9 8.1 10.1 13.2 9.2 5.0 5.0 4.0 4.0 1.0 1.0 -40 to 85C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max. 13.0 16.5 8.5 10.5 13.5 17.0 8.5 10.5 13.5 17.0 9.5 11.5 15.0 10.5 5.0 5.0 4.0 4.0 1.0 1.0 1.5 1.0 -55 to 125C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max. 13.0 16.5 8.5 10.5 13.5 17.0 8.5 10.5 13.5 17.0 9.5 11.5 15.0 10.5 5.0 5.0 4.0 4.0 1.0 1.0 1.5 1.0 ns ns ns ns Unit
CL (pF) 15 50 15 50 15 50 15 50 15 50 15 50 50 50 RL = 1K RL = 1K RL = 1K RL = 1K RL = 1K RL = 1K
tPLH tPHL
Propagation Delay Time LE to Q
5.0(**) 3.3(*) 3.3(*) 5.0(**) 5.0(**) tPZL tPZH Output Enable Time 3.3
(*)
7.3 9.8 5.5 7.0 9.5 6.5
3.3(*) 5.0(**) 5.0(**)
tPLZ tPHZ tw ts th tOSLH tOSHL
Output Disable Time Pulse Width (LE) HIGH Setup Time D to LE HIGH or LOW Setup Time D to LE HIGH or LOW Output to Output Skew time (note 1)
3.3(*) 5.0
(**)
ns
3.3(*) 5.0(**) 3.3(*) 5.0
(**)
ns ns
3.3(*) 5.0(**) 3.3(*) 5.0(**) 50 50
ns ns
1.5 1.0
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5.0V 0.5V Note 1 : Parameter guaranteed by design. tsoLH = |tpLHm - tpLHn|, tsoHL = |tpHLm - tpHLn|
Table 8: Capacitive Characteristics
Test Condition Symbol Parameter TA = 25C Min. CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) Typ. 7 9 15 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF pF Unit
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per Latch)
5/14
74VHC373
Table 9: Dynamic Switching Characteristics
Test Condition Symbol Parameter VCC (V) 5.0 TA = 25C Min. Typ. 0.6 -0.9 CL = 50 pF 3.5 -0.6 Max. 0.9 V Value -40 to 85C Min. Max. -55 to 125C Min. Max. Unit
VOLP VOLV VIHD
VILD
Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3)
5.0
V
5.0
1.5
V
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 5.0V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 5.0V. Inputs under test switching: 5.0V to threshold (VILD ), 0V to threshold (VIHD), f=1MHz.
Figure 4: Test Circuit
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL =15/50pF or equivalent (includes jig and probe capacitance) RL = R1 = 1K or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open VCC GND
6/14
74VHC373
Figure 5: Waveform - LE TO Qn Propagation Delays, LE Minimum Pulse Width, Dn To LE Setup And Hold Times (f=1MHz; 50% duty cycle)
Figure 6: Waveform - Output Enable And Disable Times (f=1MHz; 50% duty cycle)
7/14
74VHC373
Figure 7: Waveform - Propagation Delay Time (f=1MHz; 50% duty cycle)
8/14
74VHC373
SO-20 MECHANICAL DATA
DIM. A A1 B C D E e H h L k ddd 10.00 0.25 0.4 0 mm. MIN. 2.35 0.1 0.33 0.23 12.60 7.4 1.27 10.65 0.75 1.27 8 0.100 0.394 0.010 0.016 0 TYP MAX. 2.65 0.30 0.51 0.32 13.00 7.6 MIN. 0.093 0.004 0.013 0.009 0.496 0.291 0.050 0.419 0.030 0.050 8 0.004 inch TYP. MAX. 0.104 0.012 0.020 0.013 0.512 0.299
0016022D
9/14
74VHC373
TSSOP20 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 6.4 6.2 4.3 6.5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 6.6 6.6 4.48 0.002 0.031 0.007 0.004 0.252 0.244 0.169 0.256 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0079 0.260 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0087225C
10/14
74VHC373
Tape & Reel SO-20 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 10.8 13.2 3.1 3.9 11.9 12.8 20.2 60 30.4 11 13.4 3.3 4.1 12.1 0.425 0.520 0.122 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.433 0.528 0.130 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
11/14
74VHC373
Tape & Reel TSSOP20 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.8 6.9 1.7 3.9 11.9 12.8 20.2 60 22.4 7 7.1 1.9 4.1 12.1 0.268 0.272 0.067 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.276 0.280 0.075 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
12/14
74VHC373
Table 10: Revision History
Date 12-Nov-2004 Revision 4 Description of Changes Order Codes Revision - pag. 1.
13/14
74VHC373
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of 74VHC37304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X