|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 5027740891 Active 1.10mm (.043") Pitch microSD Memory Card Connector, Reverse Mount SMT, PushPush Type Documents: 3D Model Drawing (PDF) Product Specification PS-502774-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Memory Card Sockets 502774 Push-Push Header & Ejector (Host) microSD Card N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Button Type Component Type Product Name Type Physical Card Detection Switch Circuits (Loaded) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Yes 8 Black 10,000 No Ejector Button Present 90 Angle Yes No Reverse Yes Embossed Tape on Reel 0.043 In 1.10 mm 1 Yes -25C to +85C Surface Mount Search Parts in this Series 502774Series Use With microSD Card Electrical Current - Maximum per Contact Shielded Voltage - Maximum 0.5A Yes 10V AC (RMS)/DC Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-502774-001, RPS-502774-001, RPS-502774-002 SD-502774-001, SD-502774-002 This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 502774-0891 |