|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 5017450801 Active slimstack_mm016_pitch 0.40mm (.016") Pitch SlimStackTM Board-to-Board Plug, Surface Mount, Dual Row, Vertical, Lead-free, 80 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-51338-003 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 501745 Board-to-Board Solder Tab Plating: Tin slimstack_mm016_pitch SlimStackTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Comments Overview Product Name Physical Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style No 80 Black 30 No None Yes 0.079 In 2.00 mm Brass, Phosphor Bronze Gold Gold 2 Vertical No Yes Embossed Tape on Reel 0.016 In 0.40 mm No No No -25C to +85C Surface Mount Search Parts in this Series 501745Series Mates With 51338 PCB Receptacle Electrical Current - Maximum per Contact Voltage - Maximum 0.3A 50V AC (RMS)/DC Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing SPK-501745-001 PS-51338-003, RPS-51338-029 SD-501745-001, SD-501745-002 This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 5017450801 |