|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/17/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0475976002 Active LGA 1156 Pan Screw for Desktop PC, 6.35mm (.250") Thread, Lead-free Documents: Drawing (PDF) Product Specification PS-47596-001 (PDF) RoHS Certificate of Compliance (PDF) General Product Family Series Component Type Product Name Processor Sockets 47596 Screw LGA1156 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Series Physical Circuits (Loaded) Durability (mating cycles max) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Temperature Range - Operating Termination Interface: Style N/A 20 Bag 0.000 In 0.00 mm -25C to +100C Screw or Lug Electrical Current - Maximum per Contact Voltage - Maximum N/A N/A Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Material Info Reference - Drawing Numbers Product Specification PS-47596-001 Sales Drawing SD-47597-012 Intel and Nehalem and relevant names are either trademarks or registered trademarks of Intel Corporation Search Parts in this Series 47596Series Mates With Intel* Nehalem Processor This document was generated on 05/17/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 47597-6002 |