Part Number Hot Search : 
MGRB2018 EUR30D AN2N3 UPD3728 TS482IQT 109309 AO6800 MT48V
Product Description
Full Text Search
 

To Download 44914-0201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0449140201 Active
microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0 CPITM Header, Compliant Pin Interface, Dual Row, Vertical, 2 Circuits, Tin (Sn) Plating, Glow Wire Compatible
Documents: 3D Model Drawing (PDF)
Product Specification PS-43045 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Application Application Tooling Part Link Comments Overview Product Literature Order No Product Name PCB Headers 44914 Wire-to-Board 622008400 Glow Wire Equivalent Part Number 449140201 . High Temperature, Square Pin microfit_30 USA-106 Micro-Fit 3.0 CPITM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 2 2 Black 30 94V-0 Yes High Performance Alloy (HPA) Tin Tin High Temperature Thermoplastic 2 Vertical Yes Yes Tray 0.118 In 3.00 mm 200 5 200 5 Yes Fully No No -40C to +105C Through Hole - Compliant Pin
Search Parts in this Series 44914Series Mates With 43025-0200 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Micro-FitTM 0622008400 Compliant Pin Insertion Flat Rock Tool
Electrical
Current - Maximum per Contact Voltage - Maximum 5A 250V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-70873-0314 PS-43045, RPS-43045-003, RPS-43045-004 SD-44914-001
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 44914-0201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X