Part Number Hot Search : 
NTE5267A 20M10 SMA64 SMBJ90A RT2512 MAX274 2SA16 ADG5412
Product Description
Full Text Search
 

To Download 40SS1041ELF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 40SS1041E LF
Bothhandusa.com
Page : 1/1
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER P/N: 40SS1041E LF DATA SHEET
Feature
l l l l l l
l
l
IEEE 802.3 Ethernet compatible, 100 Base-TX Surface mountable. Design for multi-port repeater and Ethernet switching Hub application. Customer designs available for specific application. Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6+, No PBB and PBDE and No Pb on external pins. Comply with Air reflow profile of JEDEC 020C. Operating temperature range : 0J to +70J. Storage temperature range: -25J to +125J.
Electrical Specifications @ 25C
Part Number TX 40SS1041E LF 1CT:1CT Turns Ratio (5%) RX 1:1 OCL(gH Min) @100KHz/0.1V with 8mA DC Bias 350 L.L (gH Max) 0.4 Cw/w (pF Max) 28 HI-POT (Vrms) 1500
Continue
Part Number 40SS1041E LF Insertion Loss (dB Max) 0.3-100MHz -1.15 0.3-30MHz -16 Return Loss (dB Min) Cross talk (dB Min) 60MHz -37 DCMR (dB Min) 100MHz -28 200MHz -25
30-60MHz 60-80MHz 0.3-60MHz 60-100MHz -12 -10 -40 -35
Schematic
Mechanical


▲Up To Search▲   

 
Price & Availability of 40SS1041ELF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X