|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Preliminary High Frequency Ceramic Solutions P/N 2450BM15B0002 Page 1 of 3 2.45 GHz Balun / Matching Network : Optimized for TI Chipset CC2520 Detail Specification: 12/10/2009 General Specifications Part Number Frequency (MHz) Unbalanced Impedance Differential Balanced Impedance Insertion Loss Differential Mode Attenuation (dB) Bulk T&R 100% Tin Tin / Lead 2450BM15B0002 2400 - 2500 50 Conjugate match to TI Chipset 2520 1.5 dB max. 16 min.@ 4800~5000MHz 25 min.@ 7200~7500MHz Suffix = S Suffix = E Suffix = None Eg. 2450BM15B0002S Eg. 2450BM15B0002E Eg. 2450BM15B0002(E or S) Return Loss Phase Difference Input Power Reel Quanity Operating Temperature Storage Temperature Range 10.0 dB min. 180 15 2W max. 4,000 -40 to +85C +5 ~ +35 C, Humidity 45~75%RH, 12 mos. max P/N Suffix Termination Style Packaging Style Terminal Configuration No. Please consult Factory Function Unbalanced Port (2.2nH Ind)* GND Mechanical Dimensions In L W T a b c g p 0.079 0.004 0.049 0.004 0.028 0.004 0.012 0.004 0.008 0.004 0.012 +.004/-.008 0.014 0.004 0.026 0.002 mm 2.00 0.10 1.25 0.10 0.70 0.10 0.30 0.10 0.20 0.10 0.30 +0.1/-0.2 0.35 0.10 0.65 0.05 g b T L W 1 2 3 4 5 a p Balanced Port Balanced Port GND GND 3 2 1 c 6 4 5 6 *2.2 nH Ceramic Chip inductor required on unbalanced port. See page 2 for details 0.35 Mounting Considerations * 3 21 0.8 45 6 * * Line width should be designed to provide 50 impedance matching characteristics. Solder Resist 1.0 Land Through-hole ( 0.3) Mount these devices with brown mark facing up. Units: mm * 0.30 Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 4001 Calle Tecate * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2009 Johanson Technology, Inc. All Rights Reserved Preliminary High Frequency Ceramic Solutions P/N 2450BM15B0002 Page 2 of 3 2.45 GHz Balun / Matching Network : Optimized for TI Chipset CC2520 Detail Specification: 12/10/2009 Mounting Considerations Mounting layout for reference only. Mount device with colored mark facing up. For detailed dimensions, please contact Johanson Technology or visit TI's CC2520 website: http://focus.ti.com/docs/prod/folders/print/cc2520.html ) ) ) ) ) ) ) ) 2.2nH Inductor ) ) ) ) Component P/N: 2.2nH Inductor: L-07C2N2SV6T Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 4001 Calle Tecate * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2009 Johanson Technology, Inc. All Rights Reserved Preliminary High Frequency Ceramic Solutions P/N 2450BM15B0002 Page 3 of 3 2.45 GHz Balun / Matching Network : Optimized for TI Chipset CC2520 Detail Specification: 12/10/2009 Typical Electrical Performance (T=25C) ) ) ) ) ) ) ) ) ) ) Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 4001 Calle Tecate * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2009 Johanson Technology, Inc. All Rights Reserved |
Price & Availability of 2450BM15B0002 |