|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
D-S U B H o o d s a n d Accessories D-SUB Plastic Hood Straight cable entry - 9, 25 and 37 pos. - Flat mounting style Description Strain relief is achieved by using a cable tie Material: Plastic hood black: Polyamide 6.6 + Glas filled, UL 94 V-0 Fastening: 4-40 UNC short screw Bulk or single packaged units RoHS compliant - CSA listed, File No.: LR 115000-1 - UL listed, File No.: E202784 Product drawing No. of pos. 09 25 37 A 31.20 53.50 69.70 B 25.00 47.00 63.50 C 43.60 43.60 43.60 OD 8.00 10.30 10.30 Order data D-SUB Plastic hood No. of pos. Design 4-40 UNC 09 25 37 Black housing Short screw Black housing Short screw Black housing Short screw Part Number 165 X 13179 X 165 X 13199 X 165 X 13209 X For single packaged add the letter E" at the end of the part number. 10| 24 |
Price & Availability of 165X13179X |