Part Number Hot Search : 
AG32C1 F1210 HER107R1 SRAS860 CXD3204R DL10LG AON7506 RTC62423
Product Description
Full Text Search
 

To Download 14-56-7199 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0014567199 Active
cgrid__sl_products 2.54mm (.100") Pitch SLTM Insulation Displacement Connector Assembly, Female, Single Row, Version A, Nonpolarized, Wire Size 22, 0.76m (30") Gold (Au), 19 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-70400 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Component Type Glow-Wire Compliant Overview Product Name Ribbon Cable / Wire Trap Connectors 70400 Terminals Preloaded Housing No cgrid__sl_products SLTM
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Entry Angle Flammability Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire/Cable Type 19 Black 50 Vertical 94V-0 None Phosphor Bronze Gold Tin Polyester Alloy 1 None Tube 0.100 In 2.54 mm 30 0.75 75 1.875 No Yes N/A -40C to +105C IDT or Pierce 1.35mm (.053") max. 22 Discrete Wire, Ribbon Cable
Search Parts in this Series 70400Series Mates With Single Row headers and housings, 8624 , 70203 , 42375 , 42377 Use With 7307 Tinned 28AWG, 7767 Topcoat 28AWG, 24241 Tinned 26AWG, 8996 Topcoat 26AWG, 24226 Tinned 24AWG, 8997 Topcoat 24AWG, 24369 High Flex 26AWG, 24389 High Flex 24AWG Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hawk Semi0011201337 Automatice Discrete
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-70400 SDA-70400-3350-3373
Wire Terminator for SL - Rebuilt US* HawkTM Ribbon Cable Terminator for SL without Break-off HawkTM SemiAutomatic Discrete Wire Terminator for SL - Rebuilt CE Approved* HawkTM Flat Flex Cable Terminator for SL with Break-off HawkTM Ribbon Cable Terminator with for SL Break-off IDT Discrete Handtool Module for SLTM HawkTM SemiAutomatic Discrete Wire Terminator for SL
0623003000
0623004900
0623005200
0623005300
0621000700
0623003100
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 14-56-7199

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X