![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: Drawing (PDF) 1120050016 Active DeviceNet card, PC/104, 1 channel RoHS Certificate of Compliance (PDF) General Product Family Series Approvals Communication Speed Mounting Style Product Name Protocol Type Network Interface 112005 N/A 1K to 500K bps N/A SSTTM DeviceNet* Master/Slave Serial Card EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Channels Interface Network Connection Type Packaging Type Processor Temperature Range - Operating 1 CANopen* CANopen* Connector (5 pin) Carton 66 Mhz ColdFIRE per Channel 0C to +55C Search Parts in this Series 112005Series Electrical EMC Supply Voltage N/A 5.2W Material Info Old Part Number SST-DN3-104-1 (E) Reference - Drawing Numbers Sales Drawing E-112005-0016 This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION BradCommunicationsTM SSTTM DeviceNetTM Interfaces provide high-performance control and the support required for your DeviceNet applications. SSTTM Interfaces for DeviceNet For Controlling and Monitoring DeviceNet Applications Features * High performance - DeviceNet protocol executed on the card * * Diagnostic LEDs UCMM (Unconnected Message Manager) capable; Group 1, 2, and 3 dynamic explicit connections supported Provides simultaneous execution of Group 2 Client (Master) and Server (Slave) operation Supports all DeviceNet standard baud rates: 125, 250, and 500 Kbaud Supports Poll, Strobe, Change of State (COS) and Cyclic I/O messaging Supports fragmented Explicit and I/O messages Provides Client (Master) explicit messaging to slave devices BradCommunications SST PCI bus DeviceNet interface * * Overview BradCommunicationsTM SSTTM network interface cards are ideal for applications where high-performance control and reliability are required. Backed by superior support and service, BradCommunications network interfaces support a wide range of network protocols and bus formats. BradCommunications SST network interface cards for DeviceNet can be found in many applications including: * Operator Interface * Human-Machine Interface * PC Control * Device Development * Network Diagnostics BradCommunications SST network interface cards for DeviceNet undergo DeviceNet conformance testing and support DeviceNet specifications; including all DeviceNet standard baud rates, Poll, Strobe, Change of State (COS) and Cyclic I/O messaging. * * * OS and Drivers Supported * * Windows 2000 / XP drivers The Console; a grouping of software tools including OPC server configuration and diagnostic tools Open, documented memory map interface with example C source code and Windows 32-bit DLLs for custom driver development Software Tools Software available for the SST DeviceNet Interface Cards enables fast integration of industrial communication into your application. * SSTTM DeviceNet Interfaces Hardware Specifications PCI PC/104 32-bit, 33 MHz, PCI universal 3.3/5V interface 16-bit PC/104 interface (compliant signaling with PCI v2.2) (compliant with PC/104, spec 2.3) 66 MHz ColdFire, per channel 128 bytes for PCI configuration 256 KB of shared RAM per channel Bi-color LEDs showing card status PCI: health, communication PC/104: power, health, communication Hardware Plug & Play Software selectable level (32 Kbytes used per card) IRQ 2/9,5,7,10,11,12,15; standard TTL drive Standard half-length 9.588 cm x 9.017 cm (3.775 in x 3.550 in) 5.2 W +5V, 5 % 1.03 A (2 channel) 5V A 256 Kbytes window available per channel 256K in a window of 8K, 16K, 32K, 64K, 128K or 256K bytes on even window boundary between 512K and 1Mb 8 bytes on any even 8-bit boundary 8 bytes allocated per channel from 200h-2F8h or 600h-6F8h 0 C (32 F) up to +55 C (131 F) -40 C (-40 F) up to +85 C (185 F) 5% to 95% non-condensing 5.0 W +5V, 5 %, 1000 mA 2 channel Bus Interface Processor Memory Diagnostics Interrupts Dimensions (LxW) Consumption Typical Current Draw Voltage Requirements Addressing: Memory Addressing: I/O Operating Temperature Storage Temperature Humidity Network Specifications: Protocol Cable Connector External Power Isolation Data Rate RoHS Compliant DeviceNetTM Master - Group 2 Client, Group 2 only Client DeviceNet Slave - Group 2 Server CAN 2.0 B Isolated CAN physical layer on each channel Shielded twisted pair, compatible with target network DeviceNet compliant 5-pin CAN connector 11-24 VDC, 50 mA typical 500 V Up to 1 Mbaud for CAN 125K, 250K and 500K baud for DeviceNet Yes Yes Ordering Information SAP Material Number 1120030013 1120030018 1120050016 1120050024 Not required 1120300007 1120300006 1120270014 Catalog Number SST-DN3-PCU-1 SST-DN3-PCU-2 SST-DN3-104-1 SST-DN3-104-2 SST-DN3-DIA SST-DN3-CNF-U SST-DN3-CNF-P SST-DN3-OPC Product Description DeviceNet card, Universal PCI bus (3.3V / 5V), 1 channel DeviceNet card, Universal PCI bus (3.3V / 5V), 2 channels DeviceNet card, PC/104, 1 channel DeviceNet card, PC/104, 2 channels DeviceNet diagnostic tool DeviceNet software console with USB key (includes network analyzer) DeviceNet software console with parallel port key (includes network analyzer) OPC Data Server software (must purchase at least one SST- DN3-CNF) Included with SST-DN3 interface cards To contact us: www.woodhead.com Reference Number: DW2006148 Date Published: December 2008 North America: US: + 1 800 225 7724 - Canada: +1 519 725 5136 Europe: France: +33 2 32 96 04 20 - Germany: +49 7252 94 96 0- Italy: +39 010 59 30 77 - United Kingdom: +44 1495 356300 Asia: Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717 Singapore: +65 6268-6868 - Yamato, Japan: +81 46-265-2428 - Nagoya, Japan: +81 52-221-5950 Brad is a registered trademark and BradCommunications and SST are trademarks of Molex Incorporated. (c) 2008 Molex |
Price & Availability of 1120050016
![]() |