Part Number Hot Search : 
S424GH 17001 RRS2K0 DR060 SFA84G 2SC5380A E000805 MT5016A
Product Description
Full Text Search
 

To Download 0915772308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0915772308 Active
1.27mm (.050") Pitch Picoflex(R) PF-50 IDT Receptacle, Low Profile, Alternative Stagger, Board-In, 8 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0011 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Component Type Glow-Wire Compliant Product Name Ribbon Cable / Wire Trap Connectors 91577 Low Profile One Piece No Board-In, Picoflex(R)
Physical
Circuits (Loaded) Color - Resin Entry Angle Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire/Cable Type 8 Yellow 90 Angle None Phosphor Bronze Tin Tin Polyester 2 No Yes 0.062 In 1.60 mm Tube - Stacked 0.050 In 1.27 mm 80.00 2.000 80.00 2.00 N/A Yes No No -40C to +105C Through Hole - Kinked Pin 1.00mm (.039") max. 26, 28 Ribbon Cable
Search Parts in this Series 91577Series Mates With N/A
Electrical
Current - Maximum per Contact Voltage - Maximum 1.2A 250V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-99020-0011 SD-91577-001
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0915772308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X