Part Number Hot Search : 
SP2222A P82C550A 73D48 A6595KLW ML2032CP 55100 MAX5204 SD1080YT
Product Description
Full Text Search
 

To Download 0877102012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0877102012 Active
extreme_powerplus_ssi 6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlusTM S-P(B) Receptacle, Press-fit, Vertical, 0.76m (30") Gold (Au) Plating, 28 Circuits, Power Beta 4, Signal 24, No Recessed Power Circuit, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-87633-006 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Application Comments Overview Product Name PCB Receptacles 87710 Board-to-Board No Recessed Power Circuits extreme_powerplus_ssi EXTreme PowerPlusTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits Detail Color - Resin Durability (mating cycles max) Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Temperature Range - Operating Termination Interface: Style 28 Power Beta 4, Signal 24 Black 100 No Yes Yes Copper Alloy Gold Tin High Temperature Thermoplastic 4 Vertical 0.135 In 3.43 mm No Yes 0.062 In 1.57 mm Tray 0.100 In, 0.175 In, 0.250 In 2.54 mm, 4.45 mm, 6.35 mm 30 0.76 100 2.54 Yes Yes -20C to +105C Through Hole - Compliant Pin
Search Parts in this Series 87710Series Mates With 87667 PCB Headers
Electrical
Current - Maximum per Contact Voltage - Maximum 2.5A, 30A, 50A 250V DC
Material Info
Reference - Drawing Numbers
Application Specification Product Specification Sales Drawing AS-87631-018 PS-87633-006 SD-87710-011
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0877102012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X