![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0461326000 Active HandyLinkTM 0.80mm (.031") Pitch HandyLinkTM Hilgh Load Plug for PCB Termination, 3 Circuit without Latches Documents: 3D Model Drawing (PDF) Product Specification PS-46132-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Application Comments Component Type More Detailed Tech Information Overview Product Name Type I/O Connectors 46132 Board-to-Board, Wire-to-Board Please reference Application Specification AS-44828-001 when designing Plug handylink@molex.com HandyLinkTM HandyLink(R) N/A Physical Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Size AWG 3 3 Terminals 1, 15 & 16 Loaded Black 700 94V-0 Plug None Yes High Performance Alloy (HPA), Stainless Steel Gold, Tin Tin High Temperature Thermoplastic Vertical Tray No 0.031 In 0.80 mm 4, 50.00 0.1, 1.250 200, 50.00 1.25, 5 Yes No -40C to +85C Through Hole N/A Search Parts in this Series 46132Series Mates With 44828 HandyLinkTM SMT Receptacle Electrical Current - Maximum per Contact Shielded Voltage - Maximum 1.5A No 30V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 40 Wave Capable (TH only) 3 260 Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-46132-001 SD-46132-600 This document was generated on 04/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0461326000
![]() |