|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/05/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0015912120 Active 2.54mm (.100") Pitch C-Grid(R) Header, Surface Mount, Dual Row, Vertical, 12 Circuits, Tin (Sn) Plating, without PCB Locator Pegs Documents: 3D Model Drawing (PDF) Packaging Specification (PDF) Product Specification PS-71308 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Application Product Name PCB Headers 71308 Board-to-Board, Wire-to-Board C-Grid(R) Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style Yes 12 12 Black 25 94V-0 No None Phosphor Bronze Tin Tin High Temperature Thermoplastic 2 Vertical No None Tube 0.100 In 2.54 mm 152.4 3.81 152.4 3.81 No No No Yes -40C to +105C Surface Mount Search Parts in this Series 71308Series Electrical Current - Maximum per Contact Voltage - Maximum 3A 250V Solder Process Data Duration at Max. Process Temperature (seconds) 30 Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C Reflow Capable (SMT only) 3 245 Material Info Old Part Number 71308-0012N Reference - Drawing Numbers Product Specification Sales Drawing PS-71308, RPS-71308-001 SD-71308-001 This document was generated on 04/05/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0015912120 |