![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Document 683-1 Shielded Power Inductors - XPL4020 * Excellent current handling, low DCR and soft saturation makes them ideal for VRM/VRD applications * Large terminations provide low resistance, excellent thermal management and the best possible board adhesion Designer's Kit C432 contains 3 each of all values Terminations RoHS compliant matte tin over nickel over copper. Other terminations available at additional cost. Weight 0.16 g - 0.18 g Ambient temperature -40C to +125C. The part can be operated without damage as long as the part (ambient temperature plus temperature rise due to self heating) does not exceed +165C. Storage temperature Component: -40C to +165C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 1000/7reel; 3500/13 reel Plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing, 2.3 mm pocket depth PCB washing Only pure water or alcohol recommended Inductance 20%2 1 Part number (H) XPL4020-271ML_ 0.27 XPL4020-471ML_ 0.47 XPL4020-681ML_ 0.68 XPL4020-102ML_ 1.0 XPL4020-152ML_ 1.5 XPL4020-222ML_ 2.2 XPL4020-332ML_ 3.3 XPL4020-472ML_ 4.7 XPL4020-682ML_ 6.8 XPL4020-822ML_ 8.2 XPL4020-103ML_ 10 DCR3 (mOhms) typ max 13.1 14.4 18.7 20.6 23.0 25.3 29.1 32.0 36.4 40.0 60.0 66.0 85.7 94.3 130.5 143.6 197.6 217.4 213.9 235.3 300.0 330.0 SRF typ4 (MHz) 205 126 99 66 61 39 34 26 23 19 17 Isat (A)5 10% 20% drop drop 6.8 11.2 5.8 9.0 4.8 7.8 4.0 6.5 3.6 5.8 2.6 4.1 2.4 3.8 1.9 3.0 1.6 2.5 1.4 2.2 1.3 2.0 Irms (A)6 20C 40C rise rise 7.3 9.9 5.4 7.2 5.1 6.7 4.5 6.1 4.0 5.4 3.1 4.2 2.6 3.5 2.1 2.9 1.8 2.5 1.7 2.3 1.4 2.0 1. When ordering, please specify packaging code: XPL4020-103MLC Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (1000 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (3500 parts per full reel). 2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc. 3. DCR measured on a micro-ohmmeter. 4. SRF measured using Agilent/HP 4395A or equivalent. 5. DC current at which the inductance drops the specified amount from its value without current. 6. Current that causes the specified temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering. Irms Testing Irms testing was performed on 0.75 inch wide x 0.25 inch thick copper traces in still air. Temperature rise is highly dependent on many factors including pcb land pattern, trace size, and proximity to other components. Therefore temperature rise should be verified in application conditions. Specifications subject to change without notice. Please check our website for latest information. Document 683-1 Revised 10/15/09 (c) Coilcraft, Inc. 2009 Document 683-2 SMT Power Inductors - XPL4020 Series Typical L vs Current 100 Typical L vs Frequency 100 10 H Inductance (H) 10 10 H 4.7 H 3.3 H Inductance (H) 10 4.7 H 3.3 H 2.2 H 1.0 H 2.2 H 1 1.0 H 0.47 H 1 0.47 H 0.1 0.01 0.1 1 10 0.1 0.1 1 10 100 Current (A) Frequency (MHz) 0.165 0,02 4,2 0,5 Typical ESR vs Frequency 50 Equivalent Series Resistance (Ohms) 45 40 35 30 25 20 15 10 5 0 0.1 1 10 100 10 H 4.7 H 3.3 H 2.2 H 1.0 H 0.47 H XXX Dash number 0.052 1,32 0.032 0,82 0.165 0,02 4,2 0,5 0.079 max 2,0 0.105 2,67 Frequency (MHz) 0.122 3,10 0.146 3,70 0.053 1,35 0.075 1,90 inches Dimensions are in mm Recommended Land Pattern Specifications subject to change without notice. Please check our website for latest information. Document 683-2 Revised 10/15/09 (c) Coilcraft, Inc. 2009 |
Price & Availability of XPL4020-332ML
![]() |