Part Number Hot Search : 
STP5NB80 CE66P9 MBR3506 358BG THN4301E UES2604 UES2604 PMST5401
Product Description
Full Text Search
 

To Download UMF1A220MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
MF
5mmL, Low Impedance
series
Low impedance over wide temperature range of - 55 ~ +105C, with 5mm height. Suited for DC-DC converters where smaller case size and lower impedance are required. Adapted to the RoHS directive (2002/95/EC).
MF
Low Impedance
MT
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Rated Capacitance Tolerance Leakage Current tan Performance Characteristics
- 55 ~ +105C 6.3 ~ 35V 1 ~ 100F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.22
10 0.20 6.3 2 4 10 2 4
16 0.18 16 2 3
25 0.14 25 2 3
35 0.12 35 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 55C / Z+20C
Endurance
After 1000 hours' application of rated voltage at 105C capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storig the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on dark brown sleeve.
Radial Lead Type
Sleeve (P.E.T.) d
Type numbering system (Example : 25V 10F)
1 2 3 4 5 6 7 8 9 10 11
UMF 1 E 1 0 0 M DD
Configuration
D+0.5 MAX
P 0.5
Capacitance tolerance ( 20%) Rated capacitance (10F)
(mm)
Rated voltage (25V) Series name Type Configuration D 4 ~ 6.3
Pb-free leadwire Pb-free PET sleeve
L+1MAX
15 MIN
4 MIN
D P d
4 1.5 0.45
5 2.0 0.45
6.3 2.5 0.45
DD
Dimensions
Cap.(F) V Code
6.3 0J
10 1A
16 1C
25 1E 4x5 4x5 4x5 4x5 4x5 5x5 5x5 6.3 x 5 6.3 x 5
1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100
010 1R5 2R2 3R3 4R7 6R8 100 150 220 330 470 680 101
4x5 5x5 5x5 6.3 x 5 6.3 x 5
5.0 2.6 2.6 1.3 1.3
50 80 80 115 115
5x5 5x5 6.3 x 5
2.6 2.6 1.3
80 80 115
4x5 5x5 5x5 6.3 x 5 6.3 x 5
5.0 2.6 2.6 1.3 1.3
50 80 80 115 115
4x5 4x5 5x5 6.3 x 5 6.3 x 5 6.3 x 5
5.0 5.0 2.6 1.3 1.3 1.3
50 50 80 115 115 115
35 1V 5.0 5.0 5.0 5.0 5.0 2.6 2.6 1.3 1.3
50 50 50 50 50 80 80 115 115
Case size Impedance Rated ripple DxL (mm)
Max. Impedance () at 20C 100kHz Rated Ripple (mArms) at 105C 100kHz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.35 120 Hz 0.50 300 Hz 0.64 1 kHz 0.83 10 kHz ~ 1.00
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UMF1A220MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X