Part Number Hot Search : 
88X3140 T1637 TK713 XP01216 TC5090AP 5N06D 87607 AD120
Product Description
Full Text Search
 

To Download TLE6250GV33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet, Rev. 4.0, April 2008
TLE6250
High Speed CAN-Transceiver
Automotive Power
Edition 2008-04-28 Published by Infineon Technologies AG 81726 Munich, Germany
(c) 2004 Infineon Technologies AG
All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
High Speed CAN-Transceiver
TLE6250
Features * * * * * * * * * * CAN data transmission rate up to 1 MBaud Receive-only Mode and Stand-by Mode Suitable for 12 V and 24 V applications Excellent EMC performance (very high immunity and very low emission) Version for 5 V and 3.3 V microcontrollers Bus pins are short circuit proof to ground and battery voltage Overtemperature protection Very wide temperature range (-40 C up to 150 C) Green Product (RoHS compliant) AEC Qualified
Description The HS CAN-transceiver family TLE6250 (TLE6250G and TLE6250GV33) are monolithic integrated circuits that are available as bare die as well as in a PG-DSO-8 package. The ICs are optimized for high speed differential mode data transmission in automotive and industrial applications and they are compatible to ISO/DIS 11898. They work as an interface between the CAN protocol controller and the physical differential bus in both, 12 V and 24 V systems. The ICs are based on the Smart Power Technology SPT(R) which allows bipolar and CMOS control circuitry in accordance with DMOS power devices existing on the same monolithic circuit. The TLE6250G is designed to withstand the severe conditions of automotive applications and provides excellent EMC performance. Note: There are two versions available (refer to next page).
Type TLE6250G TLE6250C TLE6250GV33 TLE6250CV33
Data Sheet 3
Package PG-DSO-8 (chip) PG-DSO-8 (chip)
Rev. 4.0, 2008-04-28
TLE6250
TLE6250G 5 V logic I/O version: RxD, TxD, INH, RM. Two Control pins (RM, INH) and 3 operation modes: Normal Mode, Stand-by Mode and Receive Only Mode. TLE6250GV33 3.3 V logic I/O version (logic I/O voltage adaptive to V33 pin within the range 3.3 V to 5 V): RxD, TxD, INH. One control pin (INH) and two operation modes: Normal Mode and Standby Mode. Pin Configuration
T L E6250 G
T xD GN D
1 2 3 4
8 7 6 5
AEP03320.VSD
IN H C AN H C AN L RM
V CC
R xD
Figure 1
Pin Configuration TLE6250G (top view)
T LE6250GV 33
T xD GN D
1 2 3 4
8 7 6 5
AEP03321.VSD
IN H C AN H C AN L
V CC
R xD
V 33 V
Figure 2
Pin Configuration TLE6250GV33 (top view)
Data Sheet
4
Rev. 4.0, 2008-04-28
TLE6250
Table 1 Pin No. 1 2 3 4 5 6 7 8 Table 2 Pin No. 1 2 3 4 5
Pin Definitions and Functions TLE6250G Symbol Function TxD GND CAN transmit data input; 20 k pull-up, LOW in dominant state Ground 5 V Supply input CAN receive data output; LOW in dominant state, integrated pull-up Receive-only input; control input, 20 k pull-up, set low to activate RxD-only mode Low line I/O; LOW in dominant state High line I/O; HIGH in dominant state Inhibit Input; control input, 20 k pull, set LOW for normal mode
VCC
RxD RM CANL CANH INH
Pin Definitions and Functions TLE6250GV33 Symbol Function TxD GND CAN transmit data input; 20 k pull-up, LOW in dominant state Ground 5 V Supply input CAN receive data output; LOW in dominant state, integrated pull-up Logic supply input; 3.3 V OR 5 V microcontroller logic supply can be connected here! The digital I/Os of the TLE6250GV33 adopt to the connected microcontroller logic supply at V33V Low line I/O; LOW in dominant state High line I/O; HIGH in dominant state Inhibit Input; control input, 20 k pull, set LOW for normal mode
VCC
RxD
V33V
6 7 8
CANL CANH INH
Data Sheet
5
Rev. 4.0, 2008-04-28
TLE6250
Functional Block Diagram
TL E6250 G
3
VCC
C AN H C AN L
7 6 Output Stage
D river T em pProtection M ode C ontrol
1
T xD
8 5
IN H RM
=
R eceiver
*
4
GN D
2
R xD
AEA 03311 .VSD
Figure 3
Block Diagram TLE6250G
Data Sheet
6
Rev. 4.0, 2008-04-28
TLE6250
TL E6250 GV33
3 5
VCC V33
C AN H C AN L
7 6 Output Stage
D river T em pProtection M ode C ontrol
1
T xD
8
IN H
=
R eceiver
*
4
GN D
2
R xD
AEA 03312 .VSD
Figure 4
Block Diagram TLE6250GV33
Data Sheet
7
Rev. 4.0, 2008-04-28
TLE6250
Application Information
TLE6250G
Normal Mode INH = 0 INH = 0 and RM = 1 INH = 0 and RM = 0 INH = 1 RM = 1 RM = 1
INH = 1
RM = 0
Stand-by Mode INH = 1 RM = 0 / 1
Receive-only Mode INH = 0 RM = 0
AED02924
Normal Mode INH = 0 INH = 1 Stand-by Mode INH = 1
AEA03327.VSD
INH = 0
TLE6250GV33
Figure 5
Mode State Diagram
Both, the TLE6250G as well as the TLE6250C offer three different operation modes (see Figure 5), controlled by the INH and RM pin. The TLE6250GV33 offers only two modes, controlled by the INH (GV33) pin respectively.
Data Sheet
8
Rev. 4.0, 2008-04-28
TLE6250
In the normal mode the device is able to receive and to transmit messages whereas in the receive-only mode signals at the TxD input are not transmitted to the CAN bus. The receive-only mode can be used for diagnostic purposes (to check the bus connections between the nodes) as well as to prevent the bus being blocked by a faulty permanent dominant TxD input signal. The stand-by mode is a low power mode that disables both, the receiver as well as the transmitter. In case the receive-only feature is not used the RM pin has to be left open. When the stand-by mode is not used the INH pin has to be connected to ground level in order to switch the TLE6250G in normal mode. Application Information for the 3.3 V Versions The TLE6250GV33 can be used for both; 3.3 V and 5 V microcontroller logic supply, as shown in Figure 6. Don't apply external resistors between the power supply and this pin. This may cause a voltage drop and so reduce the available voltage at this pin.
Data Sheet
9
Rev. 4.0, 2008-04-28
TLE6250
Application with 3.3 V I/O supply
TL E6250 GV 33 IN H 7 6 C AN H C AN L RxD Tx D V 33 V V CC 8 4 1 5 3 100 nF 100 nF 100 nF GN D 3 .3 V P
GN D 2
e. g. TLE 4476 VI + 22 F 100 nF GN D VQ 1 VQ 2
5V 3 .3 V + 22 F + 22 F
AEA 03300 .VSD
Application with 5 V I/O supply
T L E6250 GV 33 IN H 7 6 C AN H C AN L R xD T xD V 33 V V CC 8 4 1 5 3 100 nF 100 nF GN D 5V P
GN D 2
e. g. T LE 4270 VI + 22 F 100 nF GN D VQ 5V + 22 F
AEA 03299 .VSD
Figure 6
Application Circuits TLE6250GV33 Used for 3.3 V and 5 V Logic
Data Sheet
10
Rev. 4.0, 2008-04-28
TLE6250
Application with separate 5V power supplies, for applications with switchable transceiver supply
TL E6250 GV 33 IN H 7 6 C AN H C AN L R xD TxD V 33 V V CC 8 4 1 5 3 100 nF 100 nF GN D 5V P
GN D 2
e. g. T LE 4270 VI + 22 F 100 nF GN D VQ 5V + 22 F
e. g. T LE 4270 VI + 22 F 100 nF GN D VQ 5V +
AEA 13299 .VSD
Figure 6 (cont.) Application Circuits TLE6250GV33 Used for 3.3 V and 5 V Logic
Data Sheet
11
Rev. 4.0, 2008-04-28
TLE6250
Electrical Characteristics TLE6250G (5 V version) Table 3 Parameter Voltages Supply voltage CAN input voltage (CANH, CANL) Logic voltages at INH, RM, TxD, RxD Electrostatic discharge voltage at CANH, CANL Electrostatic discharge voltage Temperatures Junction temperature Absolute Maximum Ratings Symbol Limit Values Min. Max. 6.5 40 V V V kV kV - - 0 V < VCC < 5.5 V human body model (100 pF via 1.5 k) human body model (100 pF via 1.5 k) - Unit Remarks
VCC VCANH/L VI VESD VESD
-0.3 -40 -0.3 -6 -2
VCC
6 2
Tj
-40
160
C
Note: Maximum ratings are absolute ratings; exceeding any one of these values may cause irreversible damage to the integrated circuit. Table 4 Parameter Supply voltage Junction temperature Thermal Resistances Junction ambient Thermal shutdown temperature Operating Range Symbol Limit Values Min. Max. 5.5 150 185 200 V C K/W C - - - 10 C hysteresis 4.5 -40 - 160 Unit Remarks
VCC Tj Rthj-a TjsD
Thermal Shutdown (junction temperature)
Data Sheet
12
Rev. 4.0, 2008-04-28
TLE6250
Table 5
Electrical Characteristics
4.5 V < VCC < 5.5 V; RL = 60 ; VINH < VINH,ON; -40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Current Consumption Current consumption Current consumption Current consumption Current consumption Receiver Output RxD HIGH level output current LOW level output current Transmission Input TxD HIGH level input voltage threshold LOW level input voltage threshold TxD pull-up resistance Inhibit Input (pin INH) HIGH level input voltage threshold LOW level input voltage threshold INH pull-up resistance Symbol Limit Values Min. Typ. Max. Unit Remarks
ICC ICC ICC ICC,stb
- - - -
6 45 6 1
10 70 10 10
mA mA mA A
recessive state; VTxD = VCC dominant state; VTxD = 0 V receive-only mode; RM = low stand-by mode; TxD = RM = high
IRD,H IRD,L
- 2
-4 4
-2 -
mA mA
VRD = 0.8 x VCC, Vdiff < 0.4 V1) VRD = 0.2 x VCC, Vdiff > 1 V1)
recessive state dominant state - stand-by mode; normal mode -
VTD,H VTD,L RTD VINH,H VINH,L RINH
-
0.5 x 0.7 x V
VCC VCC
10 -
VCC
V k
0.3 x 0.4 x -
VCC
25 50
0.5 x 0.7 x V
VCC VCC
10
VCC
V k
0.3 x 0.4 x -
VCC
25 50
Data Sheet
13
Rev. 4.0, 2008-04-28
TLE6250
Table 5
Electrical Characteristics (cont'd)
4.5 V < VCC < 5.5 V; RL = 60 ; VINH < VINH,ON; -40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Symbol Limit Values Min. Typ. Max. Receive only Input (pin RM) (5 V version only) HIGH level input voltage threshold LOW level input voltage threshold RM pull-up resistance Bus Receiver Differential receiver threshold voltage, recessive to dominant edge Differential receiver threshold voltage dominant to recessive edge Common Mode Range Differential receiver hysteresis CANH, CANL input resistance Differential input resistance Unit Remarks
VRM,H VRM,L RRM Vdiff,d
-
0.5 x 0.7 x V
normal mode; receive-only mode - -20 V < (VCANH, VCANL) < 25 V Vdiff = VCANH - VCANL -20 V < (VCANH, VCANL) < 25 V Vdiff = VCANH - VCANL
VCC VCC
10 -
VCC
V k
0.3 x 0.4 x -
VCC
25 50
0.75 0.90 V
Vdiff,r
0.50 0.60 -
V
CMR
-20 - 10 20
- 150 20 40
25 - 30 60
V mV k k
VCC = 5 V
- recessive state recessive state
Vdiff,hys Ri Rdiff
Data Sheet
14
Rev. 4.0, 2008-04-28
TLE6250
Table 5
Electrical Characteristics (cont'd)
4.5 V < VCC < 5.5 V; RL = 60 ; VINH < VINH,ON; -40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Bus Transmitter CANL/CANH recessive output voltage CCANH, CANL recessive output voltage difference Vdiff = VCANH - VCANL, no load2) CANL dominant output voltage CANH dominant output voltage CANH, CANL dominant output voltage difference Vdiff = VCANH - VCANL Symbol Limit Values Min. Typ. Max. Unit Remarks
VCANL/H Vdiff
0.4 x -
0.6 x V
VTxD = VCC VTxD = VCC
VCC
-1 -
VCC
0.05 V
VCANL VCANH Vdiff
- 2.8 1.5
- - -
2.0 - 3.0
V V V
VTxD = 0 V; VCC = 5 V VTxD = 0 V; VCC = 5 V VTxD = 0 V; VCC = 5 V VCANLshort = 18 V VCANLshort = 36 V VCANHshort = 0 V VCANHshort = -5 V VCC = 0 V, VCANH = VCANL = -7 V VCC = 0 V, VCANH = VCANL = -2 V VCC = 0 V, VCANH = VCANL = 7 V VCC = 0 V, VCANH = VCANL = 2 V
CANL short circuit current ICANLsc CANH short circuit current ICANHsc CANH short circuit current ICANHsc Output current
50 - - -50 -50
120 150
200 -
mA mA mA mA
-200 -120 -50 -120 -
ICANH,lk
-300 -400 A -100 -150 A 280 100 400 150 A A
Output current
ICANH,lk
50 50
Data Sheet
15
Rev. 4.0, 2008-04-28
TLE6250
Table 5
Electrical Characteristics (cont'd)
4.5 V < VCC < 5.5 V; RL = 60 ; VINH < VINH,ON; -40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Symbol Limit Values Min. Typ. Max. Dynamic CAN-Transceiver Characteristics Propagation delay TxD-to- td(L),TR RxD LOW (recessive to dominant) Propagation delay TxD-to- td(H),TR RxD HIGH (dominant to recessive) Propagation delay TxD LOW to bus dominant Propagation delay TxD HIGH to bus recessive Propagation delay bus dominant to RxD LOW - 150 280 ns Unit Remarks
-
150
280
ns
td(L),T
-
100
140
ns
td(H),T
-
100
140
ns
td(L),R
-
50
140
ns
Propagation delay bus recessive to RxD HIGH
td(H),R
-
50
140
ns
CL = 47 pF; RL = 60 ; VCC = 5 V; CRxD = 20 pF CL = 47 pF; RL = 60 ; VCC = 5 V; CRxD = 20 pF CL = 47 pF; RL = 60 ; VCC = 5 V CL = 47 pF; RL = 60 ; VCC = 5 V CL = 47 pF; RL = 60 ; VCC = 5 V; CRxD = 20 pF CL = 47 pF; RL = 60 ; VCC = 5 V; CRxD = 20 pF
1) Vdiff = VCANH - VCANL 2) Deviation from ISO/DIS 11898
Data Sheet
16
Rev. 4.0, 2008-04-28
TLE6250
Electrical Characteristics TLE6250GV33 (3.3 V version) Table 6 Parameter Voltages Supply voltage 3.3 V supply CAN input voltage (CANH, CANL) Logic voltages at INH, RM, TxD, RxD Electrostatic discharge voltage at CANH, CANL Electrostatic discharge voltage Temperatures Junction temperature Absolute Maximum Ratings Symbol Limit Values Min. Max. 6.5 6.5 40 V V V V kV kV - - - 0 V < VCC < 5.5 V human body model (100 pF via 1.5 k) human body model (100 pF via 1.5 k) - Unit Remarks
VCC V33V VCANH/L VI VESD VESD
-0.3 -0.3 -40 -0.3 -6 -2
VCC
6 2
Tj
-40
160
C
Note: Maximum ratings are absolute ratings; exceeding any one of these values may cause irreversible damage to the integrated circuit. Table 7 Parameter Supply voltage 3.3 V supply voltage Junction temperature Thermal Resistances Junction ambient Thermal shutdown temperature Operating Range Symbol Limit Values Min. Max. 5.5 5.5 150 185 200 V V C K/W C - - - - 10 C hysteresis 4.5 3.0 -40 - 160 Unit Remarks
VCC V33V Tj Rthj-a TjsD
Thermal Shutdown (junction temperature)
Data Sheet
17
Rev. 4.0, 2008-04-28
TLE6250
Table 8
Electrical Characteristics
4.5 V < VCC < 5.5 V; (3.0 V < V33V < 5.5V for 3.3 V version); RL = 60 ; VINH < VINH,ON; -40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Symbol Limit Values Min. Current Consumption (3.3 V version) Current consumption Current consumption Current consumption Current consumption Receiver Output RxD HIGH level output current LOW level output current HIGH level input voltage threshold LOW level input voltage threshold Inhibit Input (pin INH) HIGH level input voltage threshold LOW level input voltage threshold Typ. 6 45 - 1 Max. 10 70 2 10 mA mA mA A recessive state; Unit Remarks
ICC+33V ICC+33V
- -
VTxD = V33V
dominant state; VTxD = 0 V - stand-by mode, TxD = high
I33V - ICC+33V,stb -
IRD,H IRD,L
- 1
-2 2
-1 -
mA mA
VRD = 0.8 x V33V, Vdiff < 0.4 V1) VRD = 0.2 x V33V, Vdiff > 1 V1)
recessive state dominant state - stand-by mode; normal mode; -
Transmission Input TxD
VTD,H VTD,L
- 0.3 x
0.55 x 0.7 x
V V k V V k
V33V V33V
10 - 0.3 x
V33V
0.45 x -
V33V
25 50
TxD pull-up resistance RTD
VINH,H VINH,L
0.55 x 0.7 x
V33V V33V
10
V33V
0.45 x -
V33V
25 50
INH pull-up resistance RINH
Data Sheet
18
Rev. 4.0, 2008-04-28
TLE6250
Table 8
Electrical Characteristics (cont'd)
4.5 V < VCC < 5.5 V; (3.0 V < V33V < 5.5V for 3.3 V version); RL = 60 ; VINH < VINH,ON; -40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Bus Receiver Differential receiver Vdiff,d threshold voltage, recessive to dominant edge Differential receiver Vdiff,r threshold voltage, dominant to recessive edge Common Mode Range CMR Differential receiver hysteresis CANH, CANL input resistance Differential input resistance - 0.75 0.90 V -20 V < (VCANH, VCANL) < 25 V Vdiff = VCANH - VCANL -20 V < (VCANH, VCANL) < 25 V Vdiff = VCANH - VCANL Symbol Limit Values Min. Typ. Max. Unit Remarks
0.50
0.60
-
V
-20 - 10 20
- 150 20 40
25 - 30 60
V mV k k
VCC = 5 V
- recessive state recessive state
Vdiff,hys Ri Rdiff
Data Sheet
19
Rev. 4.0, 2008-04-28
TLE6250
Table 8
Electrical Characteristics (cont'd)
4.5 V < VCC < 5.5 V; (3.0 V < V33V < 5.5V for 3.3 V version); RL = 60 ; VINH < VINH,ON; -40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Bus Transmitter CANL/CANH recessive output voltage CANH, CANL recessive output voltage difference Vdiff = VCANH - VCANL, no load2) CANL dominant output voltage CANH dominant output voltage CANH, CANL dominant output voltage difference Vdiff = VCANH - VCANL CANL short circuit current CANH short circuit current CANH short circuit current Output current Symbol Limit Values Min. Typ. - Max. 0.6 x V Unit Remarks
VCANL/H
0.4 x
VTxD = V33V
VCC Vdiff
-1 -
VCC
0.05 V
VTxD = V33V
VCANL VCANH Vdiff
- 2.8 1.5
- - -
2.0 - 3.0
V V V
VTxD = 0 V; VCC = 5 V VTxD = 0 V; VCC = 5 V VTxD = 0 V; VCC = 5 V
ICANLsc ICANHsc ICANHsc ICANH/L,lk
50 - -200 - -50 -50
120 150 -120 -120 -300 -100 280 100
200 - -50 - -400 -150 400 150
mA mA mA mA A A A A
VCANLshort = 18 V VCANLshort = 36 V VCANHshort = 0 V VCANHshort = -5 V VCC = 0 V, VCANH = VCANL = -7 V VCC = 0 V, VCANH =VCANL = -2 V VCC = 0 V, VCANH = VCANL = 7 V VCC = 0 V, VCANH = VCANL = 2 V
Rev. 4.0, 2008-04-28
Output current
ICANH/L,lk
50 50
Data Sheet
20
TLE6250
Table 8
Electrical Characteristics (cont'd)
4.5 V < VCC < 5.5 V; (3.0 V < V33V < 5.5V for 3.3 V version); RL = 60 ; VINH < VINH,ON; -40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Symbol Limit Values Min. Propagation delay TxD-to-RxD LOW (recessive to dominant) Propagation delay TxD-to-RxD HIGH (dominant to recessive) Propagation delay TxD LOW to bus dominant Propagation delay TxD HIGH to bus recessive Typ. 150 Max. 280 ns Unit Remarks
Dynamic CAN-Transceiver Characteristics
td(L),TR
-
td(H),TR
-
150
280
ns
td(L),T
-
100
140
ns
td(H),T
-
100
140
ns
Propagation delay bus td(L),R dominant to RxD LOW
-
50
140
ns
Propagation delay bus td(H),R recessive to RxD HIGH
1) Vdiff = VCANH - VCANL 2) Deviation from ISO/DIS 11898
-
50
140
ns
CL = 47 pF; RL = 60 ; VCC = 5 V; CRxD = 20 pF CL = 47 pF; RL = 60 ; VCC = 5 V; CRxD = 20 pF CL = 47 pF; RL = 60 ; VCC = 5 V CL = 47 pF; RL = 60 ; VCC = 5 V CL = 47 pF; RL = 60 ; VCC = 5 V; CRxD = 20 pF CL = 47 pF; RL = 60 ; VCC = 5 V; CRxD = 20 pF
Data Sheet
21
Rev. 4.0, 2008-04-28
TLE6250
Diagrams
8 1 5
INH 7 CANH TxD RM 47 pF 60 RxD 6 CANL GND 2 VCC
4 20 pF 3 100 nF
AEA03328.VSD
5V
Figure 7
Test Circuit for Dynamic Characteristics (5 V Version)
INH 7 CANH TxD RxD 47 pF 60 V33 V 6 CANL GND 2 VCC
8 1 4 20 pF 5 3.3 V 100 nF 3 100 nF
AEA03329.VSD
5V
Figure 8
Test Circuit for Dynamic Characteristics (GV33 Version)
Data Sheet
22
Rev. 4.0, 2008-04-28
TLE6250
VTxD VCC(33V)
GND
VDIFF
td(L), T
td(H), T
t
VDIFF(d) VDIFF(r) VRxD VCC(33V)
0.7VCC(33V) 0.3VCC(33V) GND
td(L), R
td(H), R
t
td(L), TR
td(H), TR
t
AET02926
Figure 9
Timing Diagrams for Dynamic Characteristics
Data Sheet
23
Rev. 4.0, 2008-04-28
TLE6250
Application
120 V Bat C AN Bus 7 6 T L E6250 G RM IN H C AN H C AN L GN D 2 e. g . T LE 4270 VI + 22 F 100 nF GN D VQ 5V + 22 F EC U 1 R xD T xD V CC 5 8 4 1 3 100 nF 100 nF GN D P
T L E6250 GV33 IN H R xD 7 6 C AN H C AN L GN D 2 e. g . T LE 4476 VI + 22 F 100 nF GN D V Q1 V Q2 22 F T xD V 33
V
8 4 1 5 3 100 nF 100 nF 100 nF GN D P
V CC
5V 3.3 V + + 22 F EC U X
AEA03308.VSD
120
Figure 10
Application Circuit TLE6250G with TLE6250GV33
Data Sheet
24
Rev. 4.0, 2008-04-28
TLE6250
Package Outlines
0.35 x 45 4 -0.2 1) C
1.75 MAX.
0.175 0.07 (1.45)
0.19 +0.06
6 0.2
1.27 0.41+0.1 2) -0.06 0.2
M
0.1 A B 8x
B
0.64 0.25 0.2
M
8 MAX.
C 8x
GPS01181
8
5
1
4
5 -0.2 1) Index Marking
A
1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Lead width can be 0.61 max. in dambar area
Figure 11
PG-DSO-8 (PG-DSO-8-16 Plastic Dual Small Outline)
Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
You can find all of our packages, sorts of packing and others in our Infineon Internet Page "Products": http://www.infineon.com/products. SMD = Surface Mounted Device Data Sheet 25 Dimensions in mm Rev. 4.0, 2008-04-28
TLE6250 Revision History: Page Page 20 2008-04-28 Rev. 4.0
Previous Version:Rev. 3.9 (Data Sheet) Correction inside the TLE6250GV33 characteristics Changed symbol for the leakage current CANH/L: From ICANH,lk to ICANH/L,lk Changed maximum limit for the parameter: Output current, ICANH/L,lk, VCC = 0 V,VCANH = VCANL = 7 V: From 300 A to 400 A updated Revision History
Page 26
Template: central_tmplt_a5.fm / 5 / 2003-04-01


▲Up To Search▲   

 
Price & Availability of TLE6250GV33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X